Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9548APW Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA9548APW
Description  8-channel I2C switch with reset
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9548APW Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA9548APW Datasheet HTML 1Page - NXP Semiconductors PCA9548APW Datasheet HTML 2Page - NXP Semiconductors PCA9548APW Datasheet HTML 3Page - NXP Semiconductors PCA9548APW Datasheet HTML 4Page - NXP Semiconductors PCA9548APW Datasheet HTML 5Page - NXP Semiconductors PCA9548APW Datasheet HTML 6Page - NXP Semiconductors PCA9548APW Datasheet HTML 7Page - NXP Semiconductors PCA9548APW Datasheet HTML 8Page - NXP Semiconductors PCA9548APW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
9397 750 13297
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 15 April 2005
2 of 25
Philips Semiconductors
PCA9548A
8-channel I2C switch with reset
3.
Ordering information
4.
Marking
Table 1:
Ordering information
Tamb = –40 °Cto+85 °C
Type number
Package
Name
Description
Version
PCA9548ABS
HVQFN24
plastic thermal enhanced very thin quad flat package;
no leads; 24 terminals; body 4
× 4 × 0.85 mm
SOT616-1
PCA9548AD
SO24
plastic small outline package; 24 leads;
body width 7.5 mm
SOT137-1
PCA9548APW
TSSOP24
plastic thin shrink small outline package; 24 leads;
body width 4.4 mm
SOT355-1
Table 2:
Marking codes
Type number
Topside mark
PCA9548ABS
548A
PCA9548AD
PCA9548AD
PCA9548APW
PCA9548A


Similar Part No. - PCA9548APW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9548APW TI-PCA9548APW Datasheet
522Kb / 23P
[Old version datasheet]   8-CHANNEL I2C SWITCH WITH RESET
logo
NXP Semiconductors
PCA9548APW NXP-PCA9548APW Datasheet
152Kb / 26P
   8-channel I2C-bus switch with reset
Rev. 03-7 July 2009
logo
Texas Instruments
PCA9548APW TI-PCA9548APW Datasheet
762Kb / 27P
[Old version datasheet]   8-CHANNEL I2C SWITCH WITH RESET
logo
NXP Semiconductors
PCA9548APW118 NXP-PCA9548APW118 Datasheet
152Kb / 26P
   8-channel I2C-bus switch with reset
Rev. 03-7 July 2009
logo
Texas Instruments
PCA9548APWG4 TI-PCA9548APWG4 Datasheet
762Kb / 27P
[Old version datasheet]   8-CHANNEL I2C SWITCH WITH RESET
More results

Similar Description - PCA9548APW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9548APWRG4 TI-PCA9548APWRG4 Datasheet
762Kb / 27P
[Old version datasheet]   8-CHANNEL I2C SWITCH WITH RESET
logo
NXP Semiconductors
PCA9548 PHILIPS-PCA9548 Datasheet
125Kb / 16P
   8-channel I2C switch with reset
2004 Sep 30
logo
Texas Instruments
PCA9548A TI-PCA9548A Datasheet
522Kb / 23P
[Old version datasheet]   8-CHANNEL I2C SWITCH WITH RESET
logo
NXP Semiconductors
PCA9548A NXP-PCA9548A Datasheet
152Kb / 26P
   8-channel I2C-bus switch with reset
Rev. 03-7 July 2009
logo
Nuvoton Technology Corp...
NCT5948Y NUVOTON-NCT5948Y Datasheet
990Kb / 26P
   8-channel I2C-bus switch with reset
logo
Texas Instruments
TCA9548A-Q1 TI1-TCA9548A-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   Automotive 8-Channel I2C Switch with Reset
TCA9548A TI1-TCA9548A_16 Datasheet
1Mb / 36P
[Old version datasheet]   Low-Voltage 8-Channel I2C Switch with Reset
TCA9548A TI1-TCA9548A_15 Datasheet
1Mb / 35P
[Old version datasheet]   Low-Voltage 8-Channel I2C Switch With Reset
TCA9548A TI1-TCA9548A Datasheet
586Kb / 22P
[Old version datasheet]   LOW VOLTAGE 8-CHANNEL I2C SWITCH WITH RESET
logo
NXP Semiconductors
PCA9546 PHILIPS-PCA9546 Datasheet
139Kb / 17P
   4-channel I2C switch with reset
2004 Sep 30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com