Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTL8211E-VB-CG_11 Datasheet(PDF) 48 Page - Realtek Semiconductor Corp.

Part # RTL8211E-VB-CG_11
Description  INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

RTL8211E-VB-CG_11 Datasheet(HTML) 48 Page - Realtek Semiconductor Corp.

Back Button RTL8211E-VB-CG_11_10 Datasheet HTML 44Page - Realtek Semiconductor Corp. RTL8211E-VB-CG_11_10 Datasheet HTML 45Page - Realtek Semiconductor Corp. RTL8211E-VB-CG_11_10 Datasheet HTML 46Page - Realtek Semiconductor Corp. RTL8211E-VB-CG_11_10 Datasheet HTML 47Page - Realtek Semiconductor Corp. RTL8211E-VB-CG_11_10 Datasheet HTML 48Page - Realtek Semiconductor Corp. RTL8211E-VB-CG_11_10 Datasheet HTML 49Page - Realtek Semiconductor Corp. RTL8211E-VB-CG_11_10 Datasheet HTML 50Page - Realtek Semiconductor Corp. RTL8211E-VB-CG_11_10 Datasheet HTML 51Page - Realtek Semiconductor Corp. RTL8211E-VB-CG_11_10 Datasheet HTML 52Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 77 page
background image
RTL8211E/RTL8211EG
Datasheet
Integrated 10/100/1000M Ethernet Transceiver
40
Track ID: JATR-2265-11 Rev. 1.5
8.3.16. PHYSR (PHY Specific Status Register, Address 0x11)
Table 37. PHYSR (PHY Specific Status Register, Address 0x11)
Bit
Name
RW
Default Description
17.15:14 Speed
RO
01
Link Speed.
11: Reserved
10: 1000Mbps
01: 100Mbps
00: 10Mbps
17.13
Duplex
RO
0
Full/Half Duplex Mode.
1: Full duplex
0: Half duplex
17.12
Page Received
RC
0
New Page Received.
1: Page received
0: Page not received
17.11
Speed and Duplex
Resolved
RO
0
Speed and Duplex Mode Resolved.
1: Resolved
0: Not resolved
17.10
Link (Real Time)
RO
0
Real Time Link Status.
1: Link OK
0: Link not OK
17.9:7
RSVD
RO
000
Reserved.
17.6
MDI Crossover Status
RO
0
MDI/MDI Crossover Status.
1: MDI Crossover
0: MDI
17.5:2
RSVD
RW
0000
Reserved.
17.1
pre_linkok
RO
0
Reflects Local Receiver is OK.
0: Receiver is not OK
1: Receiver is OK
17.0
Jabber (Real Time)
RO
0
Real Time Jabber Indication.
1: Jabber Indication
0: No jabber Indication


Similar Part No. - RTL8211E-VB-CG_11_10

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8211E-VB-CG REALTEK-RTL8211E-VB-CG_11 Datasheet
1Mb / 75P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
More results

Similar Description - RTL8211E-VB-CG_11_10

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8211E-VB-CG REALTEK-RTL8211E-VB-CG Datasheet
1Mb / 75P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VB-CG REALTEK-RTL8211E-VB-CG_12 Datasheet
1Mb / 79P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211F-CG REALTEK-RTL8211F-CG Datasheet
1Mb / 72P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VB-CG REALTEK-RTL8211E-VB-CG_11 Datasheet
1Mb / 75P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8153-VB-CG REALTEK-RTL8153-VB-CG Datasheet
572Kb / 34P
   INTEGRATED 10/100/1000M ETHERNET CONTROLLER
logo
List of Unclassifed Man...
IP1001LF ETC2-IP1001LF Datasheet
617Kb / 48P
   Integrated 10/100/1000 Gigabit Ethernet Transceiver
logo
Realtek Semiconductor C...
RTL8211B-GR REALTEK-RTL8211B-GR Datasheet
699Kb / 47P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8251C-GR REALTEK-RTL8251C-GR_09 Datasheet
1Mb / 56P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8251C-GR REALTEK-RTL8251C-GR Datasheet
1Mb / 56P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211C-GR_08 REALTEK-RTL8211C-GR_08_05 Datasheet
1Mb / 58P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com