Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTL8211E-VB-CG_11 Datasheet(PDF) 54 Page - Realtek Semiconductor Corp.

Part # RTL8211E-VB-CG_11
Description  INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

RTL8211E-VB-CG_11 Datasheet(HTML) 54 Page - Realtek Semiconductor Corp.

Back Button RTL8211E-VB-CG_11_10 Datasheet HTML 50Page - Realtek Semiconductor Corp. RTL8211E-VB-CG_11_10 Datasheet HTML 51Page - Realtek Semiconductor Corp. RTL8211E-VB-CG_11_10 Datasheet HTML 52Page - Realtek Semiconductor Corp. RTL8211E-VB-CG_11_10 Datasheet HTML 53Page - Realtek Semiconductor Corp. RTL8211E-VB-CG_11_10 Datasheet HTML 54Page - Realtek Semiconductor Corp. RTL8211E-VB-CG_11_10 Datasheet HTML 55Page - Realtek Semiconductor Corp. RTL8211E-VB-CG_11_10 Datasheet HTML 56Page - Realtek Semiconductor Corp. RTL8211E-VB-CG_11_10 Datasheet HTML 57Page - Realtek Semiconductor Corp. RTL8211E-VB-CG_11_10 Datasheet HTML 58Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 77 page
background image
RTL8211E/RTL8211EG
Datasheet
Integrated 10/100/1000M Ethernet Transceiver
46
Track ID: JATR-2265-11 Rev. 1.5
9.2. Inductor and Capacitor Parts List
Table 48. Inductor and Capacitor Parts List
Inductor Type
Inductance
Max IDC (mA)
Variation
Output Ripple (mV)
GLK2510P-2R2M
2.2µH
1000
≤ 20%
(See Figure 15, Figure 16)
GLK2510P-4R7M
4.7µH
750
≤ 20%
(See Figure 17, Figure 18)
GTSD32P-2R2M
2.2µH
1500
≤ 20%
(See Figure 19)
Note 1: The ESR is equivalent to RDC or DCR. Lower ESR inductor values will promote a higher-efficiency switching
regulator.
Note 2: The power inductor used by the switching regulator must be able to withstand 600mA of current.
Note 3: Typically, if the power inductor’s ESR at 1MHz is below 0.8Ω, the switching regulator efficiency will be above 75%.
However the actual switching regulator efficiency should be measured according to the method described in section 9.4
Efficiency Measurement, page 53.
Note 4: If the inductor does not meet this requirement, it may damage the switching regulator. Refer to the RTL8211E_EG
inductor Approved Vendor List (AVL) for details.
Capacitor Type
Capacitance
ESR at 1MHz (mΩ)
Output Ripple (mV)
4.7µF 0805 X5R TDK
4.838
40.28
(See Figure 15, Figure 17)
10µF 0603 X5R YAGEO
11.956
58.29
(See Figure 16, Figure 18)
Note: Capacitors (Cin1 & Cin2) must be ceramic due to their low ESR value. Lower ESR values will yield lower output
voltage ripple.


Similar Part No. - RTL8211E-VB-CG_11_10

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8211E-VB-CG REALTEK-RTL8211E-VB-CG_11 Datasheet
1Mb / 75P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
More results

Similar Description - RTL8211E-VB-CG_11_10

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8211E-VB-CG REALTEK-RTL8211E-VB-CG Datasheet
1Mb / 75P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VB-CG REALTEK-RTL8211E-VB-CG_12 Datasheet
1Mb / 79P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211F-CG REALTEK-RTL8211F-CG Datasheet
1Mb / 72P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VB-CG REALTEK-RTL8211E-VB-CG_11 Datasheet
1Mb / 75P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8153-VB-CG REALTEK-RTL8153-VB-CG Datasheet
572Kb / 34P
   INTEGRATED 10/100/1000M ETHERNET CONTROLLER
logo
List of Unclassifed Man...
IP1001LF ETC2-IP1001LF Datasheet
617Kb / 48P
   Integrated 10/100/1000 Gigabit Ethernet Transceiver
logo
Realtek Semiconductor C...
RTL8211B-GR REALTEK-RTL8211B-GR Datasheet
699Kb / 47P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8251C-GR REALTEK-RTL8251C-GR_09 Datasheet
1Mb / 56P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8251C-GR REALTEK-RTL8251C-GR Datasheet
1Mb / 56P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211C-GR_08 REALTEK-RTL8211C-GR_08_05 Datasheet
1Mb / 58P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com