Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4948BEY-E3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI4948BEY-E3
Description  Dual P-Channel 60-V (D-S) 175 MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4948BEY-E3 Datasheet(HTML) 1 Page - Vishay Siliconix

  SI4948BEY-E3 Datasheet HTML 1Page - Vishay Siliconix SI4948BEY-E3 Datasheet HTML 2Page - Vishay Siliconix SI4948BEY-E3 Datasheet HTML 3Page - Vishay Siliconix SI4948BEY-E3 Datasheet HTML 4Page - Vishay Siliconix SI4948BEY-E3 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Si4948BEY
Vishay Siliconix
New Product
Document Number: 72847
S-40430—Rev. A, 15-Mar-04
www.vishay.com
1
Dual P-Channel 60-V (D-S) 175_ MOSFET
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)
60
0.120 @ VGS = −10 V
−3.1
−60
0.150 @ VGS = −4.5 V
−2.8
S1
D1
G1
D1
S2
D2
G2
D2
SO-8
5
6
7
8
Top View
2
3
4
1
S1
G1
D1
P-Channel MOSFET
S2
G2
D2
P-Channel MOSFET
Ordering Information: Si4948BEY—E3 (Lead Free)
Si4948BEY-T1—E3 (Lead Free with Tape and Reel)
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
10 secs
Steady State
Unit
Drain-Source Voltage
VDS
−60
V
Gate-Source Voltage
VGS
"20
V
Continuous Drain Current (TJ = 150_C)a
TA = 25_C
ID
−3.1
−2.4
Continuous Drain Current (TJ = 150_C)a
TA = 70_C
ID
−2.6
−2.0
Pulsed Drain Current (10 ms Pulse Width)
IDM
−25
A
Continuous Source Current (Diode Conduction)a
IS
−2
−1.1
Avalanche Current
L = 0 1 mH
IAS
15
Single Pulse Avalanche Energy
L = 0.1 mH
EAS
11
mJ
Maximum Power Dissipationa
TA = 25_C
PD
2.4
1.4
W
Maximum Power Dissipationa
TA = 70_C
PD
1.7
0.95
W
Operating Junction and Storage Temperature Range
TJ, Tstg
−55 to 175
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Mi
J
ti
t A bi ta
t v 10 sec
R
53
62.5
Maximum Junction-to-Ambienta
Steady State
RthJA
85
110
_C/W
Maximum Junction-to-Foot
Steady State
RthJF
30
37
C/W
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.


Similar Part No. - SI4948BEY-E3

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SI4948BEY-T1-E3 VBSEMI-SI4948BEY-T1-E3 Datasheet
1Mb / 9P
   Dual P-Channel 6 0-V (D-S) MOSFET
More results

Similar Description - SI4948BEY-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4948BEY VISHAY-SI4948BEY_05 Datasheet
209Kb / 4P
   Dual P-Channel 60-V (D-S) 175 Celsius MOSFET
Rev. B, 21-Nov-05
SUM110P06-07L VISHAY-SUM110P06-07L_15 Datasheet
174Kb / 9P
   P-Channel 60 V (D-S) 175 MOSFET
Rev. D, 08-Jun-15
SI4948EY VISHAY-SI4948EY Datasheet
56Kb / 4P
   Dual P-Channel 60-V (D-S), 175C MOSFET
Rev. E, 29-Nov-99
SUM55P06-19L VISHAY-SUM55P06-19L_17 Datasheet
137Kb / 8P
   P-Channel 60 V (D-S) 175 MOSFET
Rev. D, 24-Dec-12
SUP90P06-09L VISHAY-SUP90P06-09L_15 Datasheet
100Kb / 8P
   P-Channel 60 V (D-S) 175 MOSFET
Rev. B, 08-Nov-10
SQJ963EP VISHAY-SQJ963EP_15 Datasheet
727Kb / 11P
   Automotive Dual P-Channel 60 V (D-S) 175 °C MOSFET
Rev. A, 18-Jul-11
SQ4961EY VISHAY-SQ4961EY_15 Datasheet
261Kb / 11P
   Automotive Dual P-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 10-Dec-12
SQJ963EP VISHAY-SQJ963EP Datasheet
191Kb / 10P
   Automotive Dual P-Channel 60 V (D-S) 175 °C MOSFET
Rev. A, 18-Jul-11
SQJ963EP VISHAY-SQJ963EP_V01 Datasheet
732Kb / 10P
   Automotive Dual P-Channel 60 V (D-S) 175 째C MOSFET
01-Jan-2022
SQ4917EY VISHAY-SQ4917EY_V01 Datasheet
218Kb / 9P
   Automotive Dual P-Channel 60 V (D-S) 175 째C MOSFET
01-Jan-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com