Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS51020DBTRG4 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51020DBTRG4
Description  DUAL, VOLTAGE MODE, DDR SELECTABLE, SYNCHRONOUS, STEP-DOWN CONTROLLER FOR NOTEBOOK SYSTEM POWER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS51020DBTRG4 Datasheet(HTML) 2 Page - Texas Instruments

  TPS51020DBTRG4 Datasheet HTML 1Page - Texas Instruments TPS51020DBTRG4 Datasheet HTML 2Page - Texas Instruments TPS51020DBTRG4 Datasheet HTML 3Page - Texas Instruments TPS51020DBTRG4 Datasheet HTML 4Page - Texas Instruments TPS51020DBTRG4 Datasheet HTML 5Page - Texas Instruments TPS51020DBTRG4 Datasheet HTML 6Page - Texas Instruments TPS51020DBTRG4 Datasheet HTML 7Page - Texas Instruments TPS51020DBTRG4 Datasheet HTML 8Page - Texas Instruments TPS51020DBTRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
TPS51020
SLUS564B − JULY 2003 − REVISED DECEMBER 2003
2
www.ti.com
ABSOLUTE MAXIMUM RATINGS
Over operating free-air temperature range unless otherwise noted. All voltage values are with respect to the network ground terminal unless
otherwise noted. (1)
TPS51020
UNIT
VBST1, VBST2
−0.3 to 35
Input voltage range
VBST1, VBST2 (with respect to LL )
−0.3 to 7
Input voltage range
VIN, TRIP1, TRIP2, ENBL1, ENBL2, DDR
−0.3 to 30
SKIP, INV1, INV2
−0.3 to 7
OUT1_U, OUT2_U
−1 to 35
OUT1_U, OUT2_U (with respect to LL )
−0.3 to 7
V
LL1, LL2
−1 to 30
V
Ouput voltage range
REF_X
−0.3 to 15
Ouput voltage range
PGOOD, VO1_VDDQ, VO2, OUT1_D, OUT2_D, COMP1, COMP2, VREG5,
SSTRT1, SSTRT2
−0.3 to 7
OUTGND1, OUTGND2
−0.3 to 0.3
Output current range
VREG5
70
mA
Output current range
REF_X
7
mA
Operating free-air temperature range, TA
−40 to 85
Storage temperature range, Tstg
−55 to 150
°C
Junction temperature range, TJ
−40 to 125
°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
300
RECOMMENDED OPERATING CONDITIONS
MIN
TYP
MAX
UNIT
Supply voltage, VIN
4.5
28
Supply voltage, VBST1, VBST2
4.5
33
ENBL1, ENBL2, DDR, TRIP1, TRIP2
−0.1
28
OUT1_U, OUT2_U
−0.8
33
OUT1_U, OUT2_U (with respect to LL )
−0.1
5.5
LL1, LL2
−0.8
28
V
I/O Voltage
REF_X
−0.1
12
V
I/O Voltage
SSTRT1, SSTRT2, COMP1, COMP2
−0.1
5.5
SKIP, INV1, INV2
−0.1
5.5
PGOOD VO1_VDDQ, VO2
−0.1
5.5
OUT1_D, OUT2_D, VREG5
−0.1
5.5
Source current
VREG5
60
mA
Source current
REF_X
5
mA
Operating free-air temperature, TA
−40
85
°C
(1) Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated under ”recommended operating conditions” is
not implied. Exposure to Absolute Maximum Rated conditions for extended periods may affect device reliability
DISSIPATION RATING TABLE
PACKAGE
TA < 25°C
POWER RATING
DERATING
FACTOR ABOVE TA = 25°C
TA = 85°C
POWER RATING
30-pin DBT
874 mW
7.0 mW/
°C
454 mW


Similar Part No. - TPS51020DBTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5102 TI-TPS5102 Datasheet
987Kb / 31P
[Old version datasheet]   DUAL, HIGH-EFFICIENCY CONTROLLER FOR NOTEBOOK PC POWER
TPS5102DBT TI-TPS5102DBT Datasheet
987Kb / 31P
[Old version datasheet]   DUAL, HIGH-EFFICIENCY CONTROLLER FOR NOTEBOOK PC POWER
TPS5102IDBT TI1-TPS5102IDBT Datasheet
1Mb / 34P
[Old version datasheet]   DUAL, HIGH-EFFICIENCY CONTROLLER FOR NOTEBOOK PC POWER
TPS5102IDBTG4 TI1-TPS5102IDBTG4 Datasheet
1Mb / 34P
[Old version datasheet]   DUAL, HIGH-EFFICIENCY CONTROLLER FOR NOTEBOOK PC POWER
TPS5102IDBTR TI1-TPS5102IDBTR Datasheet
1Mb / 34P
[Old version datasheet]   DUAL, HIGH-EFFICIENCY CONTROLLER FOR NOTEBOOK PC POWER
More results

Similar Description - TPS51020DBTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51120 TI-TPS51120 Datasheet
618Kb / 10P
[Old version datasheet]   DUAL CURRENT MODE, SYNCHRONOUS STEP-DOWN CONTROLLER WITH 100-mA STANDBY REGULATORS FOR NOTEBOOK SYSTEM POWER
TPS51427 TI-TPS51427_1 Datasheet
2Mb / 41P
[Old version datasheet]   DUAL D-CATM SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
logo
STMicroelectronics
PM6685 STMICROELECTRONICS-PM6685 Datasheet
889Kb / 16P
   DUAL STEP-DOWN CONTROLLER WITH AUXILARY VOLTAGES FOR NOTEBOOK SYSTEM POWER
logo
Texas Instruments
TPS51427A TI1-TPS51427A Datasheet
2Mb / 42P
[Old version datasheet]   DUAL D-CAP??SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
TPS51427 TI1-TPS51427_12 Datasheet
2Mb / 41P
[Old version datasheet]   DUAL D-CAP??SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
TPS51427A TI-TPS51427A_15 Datasheet
2Mb / 43P
[Old version datasheet]   DUAL D-CAP??SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
TPS51427 TI-TPS51427 Datasheet
2Mb / 41P
[Old version datasheet]   DUAL D-CAP??SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
logo
ON Semiconductor
NCP5215 ONSEMI-NCP5215 Datasheet
2Mb / 21P
   Dual Synchronous Buck Controller for Notebook Power System
October, 2008 ??Rev. 5
logo
Texas Instruments
TPS51120 TI-TPS51120_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS51120 Dual, Synchronous Step-Down Controller With 100-mA Standby Regulators for Notebook System Power
logo
Exar Corporation
XRP6142 EXAR-XRP6142 Datasheet
732Kb / 17P
   Synchronous Step-Down Controller with DDR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com