Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1422-03CP Datasheet(PDF) 1 Page - California Micro Devices Corp

Part # CM1422-03CP
Description  LCD EMI Filter Array with ESD Protection
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM1422-03CP Datasheet(HTML) 1 Page - California Micro Devices Corp

  CM1422-03CP Datasheet HTML 1Page - California Micro Devices Corp CM1422-03CP Datasheet HTML 2Page - California Micro Devices Corp CM1422-03CP Datasheet HTML 3Page - California Micro Devices Corp CM1422-03CP Datasheet HTML 4Page - California Micro Devices Corp CM1422-03CP Datasheet HTML 5Page - California Micro Devices Corp CM1422-03CP Datasheet HTML 6Page - California Micro Devices Corp CM1422-03CP Datasheet HTML 7Page - California Micro Devices Corp CM1422-03CP Datasheet HTML 8Page - California Micro Devices Corp CM1422-03CP Datasheet HTML 9Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
04/27/04
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
▲ Tel: 408.263.3214
▲ Fax: 408.263.7846 ▲ www.calmicro.com
1
CM1420/22
LCD EMI Filter Array with ESD Protection
Features
Functionally and pin compatible with CSPEMI606
(CM1420) and CSPEMI608 (CM1422) devices
OptiguardTM coated for improved reliability at
assembly
Six and eight channels of EMI filtering
+
15kV ESD protection on each channel
(IEC 61000-4-2 Level 4, contact discharge)
+
30kV ESD protection on each channel (HBM)
Better than 30dB of attenuation at 1GHz to 3GHz
Chip Scale Package features extremely low
lead inductance for optimum filter and ESD
performance
15-bump, 2.960mm x 1.330mm footprint
Chip Scale Package (CM1420)
20-bump, 4.000mm x 1.458mm footprint
Chip Scale Package (CM1422)
Lead-free version available
Applications
LCD data lines in clamshell wireless handsets
EMI filtering & ESD protection for high-speed I/O
data ports
Wireless handsets / cell phones
Notebook computers
PDAs / Handheld PCs
EMI filtering for high-speed data lines
Product Description
CAMD's CM1420 and CM1422 are EMI filter arrays
with ESD protection, which integrate six and eight Pi-
filters (C-R-C), respectively. The CM1420/22 has com-
ponent values of 15pF-100
Ω-15pF. These devices
include ESD protection diodes on every pin, which pro-
vide a very high level of protection for sensitive elec-
tronic
components
that
may
be
subjected
to
electrostatic discharge (ESD). The ESD diodes con-
nected to the filter ports are designed and character-
ized to safely dissipate ESD strikes of ±15kV, beyond
the maximum requirement of the IEC 61000-4-2 inter-
national standard. Using the MIL-STD-883 (Method
3015) specification for Human Body Model (HBM)
ESD, the pins are protected for contact discharges at
greater than ±30kV.
This device is particularly well suited for portable elec-
tronics (e.g. wireless handsets, PDAs, notebook com-
puters) because of its small package format and easy-
to-use pin assignments. In particular, the CM1420/22
is ideal for EMI filtering and protecting data lines from
ESD for the LCD display in clamshell handsets.
The CM1420 and CM1422 incorporate OptiguardTM
coating which results in improved reliability at assem-
bly. The CM1420 and CM1422 are available in space-
saving, low-profile chip-scale packages with optional
lead-free finishing.
Electrical Schematic
100
15pF
15pF
FILTERn*
GND
FILTERn*
* See Package/Pinout Diagram for expanded pin information.
(Pins B1-Bn)
1 of n EMI Filtering + ESD Channels
(n=6 for CM1420, 8 for CM1422)


Similar Part No. - CM1422-03CP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1422-03CP ONSEMI-CM1422-03CP Datasheet
558Kb / 15P
   LCD EMI Filter Array with ESD Protection
April 2010 Rev. 3
CM1422-03CP ONSEMI-CM1422-03CP Datasheet
1Mb / 12P
   LCD EMI Filter Array with ESD Protection
March, 2011 ??Rev. 4
More results

Similar Description - CM1422-03CP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1420-22 ONSEMI-CM1420-22 Datasheet
558Kb / 15P
   LCD EMI Filter Array with ESD Protection
April 2010 Rev. 3
logo
California Micro Device...
CM1405 CALMIRCO-CM1405 Datasheet
957Kb / 11P
   LCD EMI Filter Array with ESD Protection
CSPEMI606 CALMIRCO-CSPEMI606 Datasheet
1Mb / 12P
   LCD EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1420 ONSEMI-CM1420 Datasheet
1Mb / 12P
   LCD EMI Filter Array with ESD Protection
March, 2011 ??Rev. 4
CM1405 ONSEMI-CM1405 Datasheet
744Kb / 14P
   LCD EMI Filter Array with ESD Protection
April 2010 Rev.2
logo
California Micro Device...
CM1451 CALMIRCO-CM1451 Datasheet
483Kb / 8P
   LCD & Camera EMI Filter Array with ESD Protection
CM1450 CALMIRCO-CM1450 Datasheet
333Kb / 8P
   LCD & Camera EMI Filter Array with ESD Protection
CM1452 CALMIRCO-CM1452 Datasheet
170Kb / 6P
   LCD & Camera EMI Filter Array with ESD Protection
CM1409 CALMIRCO-CM1409 Datasheet
223Kb / 7P
   LCD and Camera EMI Filter Array with ESD Protection
CM1621 CALMIRCO-CM1621 Datasheet
462Kb / 9P
   LCD and Camera EMI Filter Array with ESD Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com