Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FA5514N Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FA5514N
Description  CMOS IC For Switching Power Supply Control
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FA5514N Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FA5514N Datasheet HTML 1Page - List of Unclassifed Manufacturers FA5514N Datasheet HTML 2Page - List of Unclassifed Manufacturers FA5514N Datasheet HTML 3Page - List of Unclassifed Manufacturers FA5514N Datasheet HTML 4Page - List of Unclassifed Manufacturers FA5514N Datasheet HTML 5Page - List of Unclassifed Manufacturers FA5514N Datasheet HTML 6Page - List of Unclassifed Manufacturers FA5514N Datasheet HTML 7Page - List of Unclassifed Manufacturers FA5514N Datasheet HTML 8Page - List of Unclassifed Manufacturers FA5514N Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
FA551X
2
Maximum power dissipation curve
■ Absolute maximum ratings
Item
Symbol
Rating
Unit
Supply Voltage
Low impedance source (ICC>15mA)
VCC1
30
V
Internal zener clamp (ICC<15mA)
VCC2
Self limiting
V
Output peak current
IOUT
±1.5
A
FB pin input voltage
VFB
–0.3 to 5.0
V
IS pin input voltage
VIS
–0.3 to 5.0
V
REF pin source current
IREF
–10
mA
CS pin sink current
ICS
+2.0
mA
Total power dissipation (Ta=25˚C)
Pd
800 (DIP-8)
mW
400 (SOP-8)
Ambient temperature
Ta
–30 to +85
˚C
Maximum junction temperature
Tj
125
˚C
Storage temperature
Tstg
–40 to +150
˚C
Note: There are cases where the IC cannot output the rating current depending on Vcc voltage or temperature.
–30
25
85
125
0
Ambient temperature Ta [˚C]
400mW (SOP)
800mW (DIP)
■ Recommended operating conditions
Item
Symbol
Min.
Typ.
Max.
Unit
Supply voltage
VCC
10
28
V
Oscillation frequency
fOSC
10
500
kHz
REF-GND capacitor
Cref
0.1
0.47
µF
Soft start capacitor
CS
0.01
1
µF


Similar Part No. - FA5514N

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FA5514N FUJI-FA5514N Datasheet
1,023Kb / 23P
   PUJI Power Supply Controllc
More results

Similar Description - FA5514N

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FA13842 FUJI-FA13842 Datasheet
151Kb / 15P
   CMOS IC(For Switching Power Supply Control)
FA5301BP FUJI-FA5301BP Datasheet
64Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA7611CP FUJI-FA7611CP Datasheet
73Kb / 6P
   Bipolar IC For Switching Power Supply Control
FA7613CP FUJI-FA7613CP Datasheet
55Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA7622CP FUJI-FA7622CP Datasheet
67Kb / 8P
   Bipolar IC For Switching Power Supply Control
FA7630CP FUJI-FA7630CP Datasheet
61Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA7616CP FUJI-FA7616CP Datasheet
72Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA5304AP FUJI-FA5304AP Datasheet
280Kb / 17P
   Bipolar IC For Switching Power Supply Control
FA531X FUJI-FA531X Datasheet
263Kb / 17P
   Bipolar IC For Switching Power Supply Control
FA5546 FUJI-FA5546 Datasheet
667Kb / 27P
   Switching Power Supply Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com