Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME1505ACBVADJ Datasheet(PDF) 11 Page - Analog Microelectronics

Part # AME1505ACBVADJ
Description  High Power BiPolar Linear LDO
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME1505ACBVADJ Datasheet(HTML) 11 Page - Analog Microelectronics

Back Button AME1505ACBVADJ Datasheet HTML 4Page - Analog Microelectronics AME1505ACBVADJ Datasheet HTML 5Page - Analog Microelectronics AME1505ACBVADJ Datasheet HTML 6Page - Analog Microelectronics AME1505ACBVADJ Datasheet HTML 7Page - Analog Microelectronics AME1505ACBVADJ Datasheet HTML 8Page - Analog Microelectronics AME1505ACBVADJ Datasheet HTML 9Page - Analog Microelectronics AME1505ACBVADJ Datasheet HTML 10Page - Analog Microelectronics AME1505ACBVADJ Datasheet HTML 11Page - Analog Microelectronics AME1505ACBVADJ Datasheet HTML 12Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AME, Inc.
11
AME1505
High Power BiPolar Linear LDO
n Package Dimension
TO-263-5
MIN
MAX
MIN
MAX
A
10.050
10.668
0.396
0.420
B
8.280
9.169
0.326
0.361
C
4.310
4.670
0.170
0.184
D
0.660
0.910
0.026
0.036
E
1.140
1.400
0.045
0.055
G
H
14.605
15.875
0.575
0.625
K
1.143
1.680
0.045
0.066
N
0.330
0.580
0.013
0.023
P
2.280
2.800
0.090
0.110
R
0
o
8
o
0
o
8
o
W
SYMBOLS
MILLIMETERS
INCHES
1.70REF
0.067 REF
0.25REF
0.01REF
D
Front View
W
Top View
Side View
C
G
H
A
R
E
P
N
MIN
MAX
MIN
MAX
A
2.616
REF
2.870
REF
0.103
REF
0.113
REF
B
10.160
10.668
0.400
0.420
C
3.708
3.962
0.146
0.156
D
8.915
9.169
0.351
0.361
E
12.700
14.732
0.500
0.580
F
1.575
1.829
0.062
0.072
G
0.711
0.965
0.028
0.038
H
4.343
4.597
0.171
0.181
I
1.143
1.397
0.045
0.055
J
14.859
15.113
0.585
0.595
K
2.032
3.048
0.080
0.120
L
0.305
0.457
0.012
0.018
SYMBOLS
MILLIMETERS
INCHES
TO-220-5
A
B
C
D
E
F
G
Top View
Side View
H
I
J
K
L


Similar Part No. - AME1505ACBVADJ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AME15 AIMTEC-AME15 Datasheet
401Kb / 3P
   15 watt encapsulated ac-dc converter
AME15-12D AIMTEC-AME15-12D Datasheet
401Kb / 3P
   15 watt encapsulated ac-dc converter
AME15-12DCJZ AIMTEC-AME15-12DCJZ Datasheet
174Kb / 5P
   15 Watt | AC-DC / DC-DC Converter
AME15-12DMAZ AIMTEC-AME15-12DMAZ Datasheet
287Kb / 4P
   15 Watt | AC-DC Converter
AME15-12DMAZ AIMTEC-AME15-12DMAZ Datasheet
156Kb / 4P
   15 Watt | AC-DC / DC-DC Converter
More results

Similar Description - AME1505ACBVADJ

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A1084 AITSEMI-A1084 Datasheet
905Kb / 13P
   BIPOLAR LDO REGULATOR 5A BIPOLAR LINEAR REGULATOR
REV1.3
A1116 AITSEMI-A1116 Datasheet
291Kb / 9P
   BIPOLAR LDO REGULATOR 800mA LINEAR LOW DROPOUT REGULATOR
REV1.1
logo
SemiWell Semiconductor
S1117 SEMIWELL-S1117 Datasheet
336Kb / 5P
   LDO Linear Regulator
logo
Shenzhen Huazhimei Semi...
HM75XXH HMSEMI-HM75XXH Datasheet
1Mb / 8P
   LDO linear regulator
logo
Guangdong Youtai Semico...
HT73XX-A UMW-HT73XX-A Datasheet
4Mb / 7P
   LDO Linear Regulator
logo
Maxim Integrated Produc...
MAX38907 MAXIM-MAX38907 Datasheet
1Mb / 25P
   4A, High-Performance LDO Linear Regulators
2020
logo
Billiton Ltd.
TP82 ASIC-TP82 Datasheet
273Kb / 10P
   LDO linear stabilizer
logo
Guangdong Youtai Semico...
HT78XX-A UMW-HT78XX-A Datasheet
2Mb / 7P
   LDO Linear Regulator
logo
Advanced Analogic Techn...
AAT3238 ANALOGICTECH-AAT3238_08 Datasheet
1Mb / 13P
   300mA MicroPowerTM High Performance LDO Linear Regulator
logo
Maxim Integrated Produc...
MAX38909 MAXIM-MAX38909 Datasheet
1Mb / 20P
   2A High-Performance nMOS LDO Linear Regulator
19-100950; Rev 1; 11/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com