Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA73072CL Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LA73072CL
Description  LA73072CL
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA73072CL Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LA73072CL Datasheet HTML 1Page - Sanyo Semicon Device LA73072CL Datasheet HTML 2Page - Sanyo Semicon Device LA73072CL Datasheet HTML 3Page - Sanyo Semicon Device LA73072CL Datasheet HTML 4Page - Sanyo Semicon Device LA73072CL Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
83004 JO IM ◎橋本 B8-7799 No.8083-1/5
LA73072CL
LA73072CLは、DSC用75
Ωビデオドライバである。
機能・特長
・出力カップリング容量が不要
・低電圧駆動(VCC=2.8V∼3.6V)
・Vサグが発生しない
・6次LPF内蔵(fc=7.5MHz)
・スタンバイ・モード時の消費電流が0
µA
・アンプゲインが3通り(6、12、16dB)選択できる(ピン制御(GND/Open/VCC))
・出力ドライブ能力は、75
Ω出力1系統まで
最大定格/Ta=25℃
項目
記号
条件
定格値
unit
最大電源電圧
VCC max
4.0
V
許容消費電力
Pd max
Ta≦80℃
160
mW
動作周囲温度
Topr
−20∼+80
保存周囲温度
Tstg
−55∼+150
推奨動作条件/Ta=25℃
項目
記号
条件
定格値
unit
推奨動作電源電圧
VCCSTD
3.1
V
動作電源電圧範囲
VCCRANGE
2.8∼3.6
V
電気的特性/Ta=25℃,VCC=3.1V
項目
記号
条件
min
typ
max
unit
[消費電流部]
消費電流1
(VIN=White50%)
ICC
4pin=Low
入力=White50%
14
21
27
mA
消費電流2
(Non-signal mode )
ICC2
4pin=Low
入力=無信号時
7
11
15
mA
消費電流3
(Standby mode)
ICC-STBY
4pin=Open(High)
0
5
µA
次ページへ続く。
注文コード No. N※ 8083
モノリシックリニア集積回路
DSC用ビデオドライバ


Similar Part No. - LA73072CL

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA73073CL SANYO-LA73073CL Datasheet
241Kb / 6P
   Monolithic Linear IC Video Driver for DSC
LA73074CL SANYO-LA73074CL Datasheet
80Kb / 6P
   Monolithic Linear IC Video Driver for DSC/Cell Phone
LA73076V SANYO-LA73076V Datasheet
154Kb / 7P
   Monolithic Linear IC Video Driver for DVC/DSC, Cell Phone
logo
ON Semiconductor
LA73076V ONSEMI-LA73076V Datasheet
159Kb / 7P
   Video Driver
July, 2013
logo
Sanyo Semicon Device
LA73079CL SANYO-LA73079CL Datasheet
80Kb / 6P
   Monolithic Linear IC Video Driver for DSC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com