Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM6950R050LF Datasheet(PDF) 2 Page - Bi technologies

Part # HM6950R050LF
Description  High Current Low Profile Surface Mount Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HM6950R050LF Datasheet(HTML) 2 Page - Bi technologies

  HM6950R050LF Datasheet HTML 1Page - Bi technologies HM6950R050LF Datasheet HTML 2Page - Bi technologies HM6950R050LF Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2007/08 EDITION MAGNETIC COMPONENTS SELECTOR GUIDE
We reserve the right to change specifications without prior notice
www.bitechnologies.com
61
Outline Dimensions (mm)
Recommended Solder Pad Layout
Top View
Bottom View
Electrical Characteristics @ 25°C


Similar Part No. - HM6950R050LF

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
HM69 TTELEC-HM69 Datasheet
1Mb / 3P
   High Current Low Profile Surface Mount Inductors
logo
Bi technologies
HM69-10R025LF BITECH-HM69-10R025LF Datasheet
1Mb / 3P
   High Current Low Profile Surface Mount Inductors
logo
TT Electronics.
HM69-10R025LF TTELEC-HM69-10R025LF Datasheet
1Mb / 3P
   High Current Low Profile Surface Mount Inductors
logo
Bi technologies
HM69-20R050LF BITECH-HM69-20R050LF Datasheet
1Mb / 3P
   High Current Low Profile Surface Mount Inductors
logo
TT Electronics.
HM69-20R050LF TTELEC-HM69-20R050LF Datasheet
1Mb / 3P
   High Current Low Profile Surface Mount Inductors
More results

Similar Description - HM6950R050LF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM65 ETC2-HM65 Datasheet
342Kb / 2P
   High Current Low Profile Surface Mount Inductors
HM100 ETC1-HM100 Datasheet
295Kb / 2P
   High Current Low Profile Surface Mount Inductors
logo
Bi technologies
HM100 BITECH-HM100 Datasheet
295Kb / 2P
   High Current Low Profile Surface Mount Inductors
logo
TT Electronics.
HM65 TTELEC-HM65 Datasheet
1Mb / 2P
   High Current Low Profile Surface Mount Inductors
HM69 TTELEC-HM69 Datasheet
1Mb / 3P
   High Current Low Profile Surface Mount Inductors
logo
Bi technologies
HM69 BITECH-HM69_15 Datasheet
1Mb / 3P
   High Current Low Profile Surface Mount Inductors
logo
TT Electronics.
HM100 TTELEC-HM100 Datasheet
807Kb / 2P
   High Current Low Profile Surface Mount Inductors
logo
Bi technologies
HM65 BITECH-HM65 Datasheet
853Kb / 2P
   High Current Low Profile Surface Mount Inductors
HM74 BITECH-HM74 Datasheet
49Kb / 3P
   High Frequency High Current Low Profile Surface Mount Inductors
logo
TT Electronics.
HM36 TTELEC-HM36 Datasheet
578Kb / 2P
   High Current Low Profile Low Loss Ferrite Surface Mount Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com