Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVDS151DA Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS151DA
Description  MuxIt SERIALIZER-TRANSMITTER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS151DA Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN65LVDS151DA Datasheet HTML 4Page - Texas Instruments SN65LVDS151DA Datasheet HTML 5Page - Texas Instruments SN65LVDS151DA Datasheet HTML 6Page - Texas Instruments SN65LVDS151DA Datasheet HTML 7Page - Texas Instruments SN65LVDS151DA Datasheet HTML 8Page - Texas Instruments SN65LVDS151DA Datasheet HTML 9Page - Texas Instruments SN65LVDS151DA Datasheet HTML 10Page - Texas Instruments SN65LVDS151DA Datasheet HTML 11Page - Texas Instruments SN65LVDS151DA Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
SN65LVDS151
MuxIt
™ SERIALIZER-TRANSMITTER
SLLS444A – DECEMBER 2000
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 85°C
POWER RATING
DA
1453 mW
11.6 mW/
°C
756 mW
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC
3
3.3
3.6
V
High-level input voltage, VIH
DI 0
DI 9 EN LVI LCO EN CI EN
2
V
Low-level input voltage, VIL
DI – 0 – DI – 9, EN, LVI, LCO_EN, CI_EN
0.8
V
Magnitude of differential input voltage, |VID|
0.1
0.6
V
Common-mode input voltage, VIC
LCRI, MCI, CI
|V
ID
|
2
2.4
*
|V
ID
|
2
V
Common mode in ut voltage, VIC
VCC–0.8
V
Operating free-air temperature, TA
–40
85
°C
timing requirements
PARAMETERS
TEST CONDITIONS
MIN
MAX
UNIT
tsu(1)
LCRI
↑setup time before MCI↑
See Figure 2
0.5
ns
th(1)
LCRI hold time after MCI
See Figure 2
0.3
ns
tsu(2)
Data setup time, DI – 0 – DI – 9 before MCI
↑ after LCRI↑
See Figure 3
0
ns
th(2)
Data hold time, DI – 0 – DI – 9 valid after MCI
↑ after LCRI↑
See Figure 3
2
ns
t
(3)
CI setup time before MCI
TA ≤ 25°C
–0.8
ns
tsu(3)
CI setup time before MCI
TA = 85°C
See Figure 4
–1.1
ns
th(3)
CI hold time after MCI
See Figure 4
2.5
ns
t
Clock cycle time
LCRI
20
200
ns
tc
Clock cycle time
MCI
5
50
ns
tw
High-level clock pulse width duration
MCI, LCRI
0.4 tc
0.6 tc
ns
0 V
0 V
LCRI
MCI
0 V
0 V
tsu(1)
th(1)
LCRI
MCI
Figure 2. Clock Input Timing Requirements


Similar Part No. - SN65LVDS151DA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS151DAG4 TI1-SN65LVDS151DAG4 Datasheet
183Kb / 13P
[Old version datasheet]   MuxIt SERIALIZER-TRANSMITTER
More results

Similar Description - SN65LVDS151DA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS151 TI1-SN65LVDS151_08 Datasheet
183Kb / 13P
[Old version datasheet]   MuxIt SERIALIZER-TRANSMITTER
logo
Rohm
BU8254KVT ROHM-BU8254KVT Datasheet
944Kb / 20P
   35bit LVDS Transmitter 35:5 Serializer
BU7988KVT ROHM-BU7988KVT Datasheet
952Kb / 27P
   56bit LVDS Transmitter 56:8 Serializer
logo
Texas Instruments
SN65LVDS150 TI1-SN65LVDS150_09 Datasheet
378Kb / 18P
[Old version datasheet]   MuxIt PLL FREQUENCY MULTIPLIER
SN65LVDS152 TI-SN65LVDS152 Datasheet
244Kb / 17P
[Old version datasheet]   MuxIt RECEIVER-DESERIALIZER
SN65LVDS150 TI-SN65LVDS150 Datasheet
257Kb / 16P
[Old version datasheet]   MuxIt-TM PLL FREQUENCY MULTIPLIER
logo
Aeroflex Circuit Techno...
UT54LVDS217 AEROFLEX-UT54LVDS217 Datasheet
118Kb / 14P
   Serializer
logo
Maxim Integrated Produc...
MAX31910 MAXIM-MAX31910 Datasheet
766Kb / 16P
   Translator/Serializer
Rev 3; 7/14
logo
List of Unclassifed Man...
GS9022 ETC-GS9022 Datasheet
160Kb / 7P
   Digital Video Serializer
logo
Gennum Corporation
GS7032 GENNUM-GS7032 Datasheet
184Kb / 9P
   Digital Video Serializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com