Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62020DRCRG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS62020DRCRG4
Description  600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62020DRCRG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS62020DRCRG4 Datasheet HTML 2Page - Texas Instruments TPS62020DRCRG4 Datasheet HTML 3Page - Texas Instruments TPS62020DRCRG4 Datasheet HTML 4Page - Texas Instruments TPS62020DRCRG4 Datasheet HTML 5Page - Texas Instruments TPS62020DRCRG4 Datasheet HTML 6Page - Texas Instruments TPS62020DRCRG4 Datasheet HTML 7Page - Texas Instruments TPS62020DRCRG4 Datasheet HTML 8Page - Texas Instruments TPS62020DRCRG4 Datasheet HTML 9Page - Texas Instruments TPS62020DRCRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
40
45
50
55
60
65
70
75
80
85
90
95
100
0
0.01
0.10
1
1000
10
100
IL − Load Current − mA
VO = 3.3 V
VI = 3.6 V
Mode = Low
VI = 5 V
Mode = Low
40
45
50
55
60
65
70
75
80
85
90
95
100
0
0.01
0.10
1
1000
10
100
IL − Load Current − mA
VO = 1.8 V
VI = 3.6 V
Mode = High
Mode = Low
VI = 5 V
VI = 3.6 V
VI = 2.7 V
TPS62020
TPS62021
TPS62026
SLVS076C – JUNE 2003 – REVISED DECEMBER 2004
Table of Graphs
FIGURE
η
Efficiency
vs Load current
1, 2, 3
η
Efficiency
vs Input voltage
4
IQ
No load quiescent current
vs Input voltage
5, 6
fs
Switching frequency
vs Input voltage
7
rDS(on)
P-Channel switch rDS(on)
vs Input voltage
8
rDS(on)
N-Channel rectifier switch rDS(on)
vs Input voltage
9
Load transient response
10
PWM operation
11
Power save mode operation
12
Start-up
13
EFFICIENCY
EFFICIENCY
vs
vs
LOAD CURRENT
LOAD CURRENT
Figure 1.
Figure 2.
6


Similar Part No. - TPS62020DRCRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62020DRCR TI1-TPS62020DRCR Datasheet
1Mb / 28P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
More results

Similar Description - TPS62020DRCRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62020 TI1-TPS62020_16 Datasheet
1Mb / 28P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI-TPS62020_15 Datasheet
1Mb / 28P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI-TPS62020 Datasheet
425Kb / 18P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62690 TI1-TPS62690 Datasheet
875Kb / 27P
[Old version datasheet]   500-mA / 600-mA, 4-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62220 TI-TPS62220 Datasheet
464Kb / 20P
[Old version datasheet]   400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
TPS62220 TI-TPS62220_09 Datasheet
682Kb / 24P
[Old version datasheet]   400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
TPS62220 TI-TPS62220_07 Datasheet
745Kb / 24P
[Old version datasheet]   400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
TPS62691YFF TI-TPS62691YFF Datasheet
1Mb / 28P
[Old version datasheet]   500-mA / 600-mA, 4-MHz HIGH-EFFICIENCY STEP-DOWN
TPS62040 TI1-TPS62040_12 Datasheet
944Kb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040 TI1-TPS62040_17 Datasheet
1Mb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com