Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC1806L Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # UCC1806L
Description  LOW-POWER, DUAL-OUTPUT, CURRENT-MODE PWM CONTROLLER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC1806L Datasheet(HTML) 10 Page - Texas Instruments

Back Button UCC1806L Datasheet HTML 6Page - Texas Instruments UCC1806L Datasheet HTML 7Page - Texas Instruments UCC1806L Datasheet HTML 8Page - Texas Instruments UCC1806L Datasheet HTML 9Page - Texas Instruments UCC1806L Datasheet HTML 10Page - Texas Instruments UCC1806L Datasheet HTML 11Page - Texas Instruments UCC1806L Datasheet HTML 12Page - Texas Instruments UCC1806L Datasheet HTML 13Page - Texas Instruments UCC1806L Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
UCC1806
UCC2806
UCC3806
SLUS272C − FEBRUARY 2000 − REVISED JUNE 2003
10
www.ti.com
TYPICAL CHARACTERISTICS
Figure 1.
1 k
40
−20
10 k
20
0
60
80
90
−45
45
0
135
180
100 k
1 M
10 M
ERROR AMPLIFIER GAIN AND PHASE
vs
FREQUENCY
fOSC − Oscillator Frequency − Hz
Gain
Phase
Figure 2.
52
40
44
42
54
46
50
48
56
58
60
−55
−25
0
25
50
75
100
125
TJ − Junction Temperature − °C
OSCILLATOR FREQUENCY
vs
JUNCTION TEMPERATURE
10 k
0
100 k
1 M
10 k
100 k
1 M
CT = 47 pF
CT = 100 pF
RT − Timing Resistance −
CT = 220 pF
CT = 2.2 nF
CT = 1.0 nF
CT = 470 pF
CT = 330 pF
Figure 3.
OSCILLATOR FREQUENCY
vs
TIMING RESISTANCE


Similar Part No. - UCC1806L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1806L TI1-UCC1806L Datasheet
1Mb / 32P
[Old version datasheet]   LOW-POWER, DUAL-OUTPUT, CURRENT-MODE PWM CONTROLLER
UCC1806L TI1-UCC1806L Datasheet
1Mb / 33P
[Old version datasheet]   LOW-POWER, DUAL-OUTPUT, CURRENT-MODE PWM CONTROLLER
UCC1806L883B TI1-UCC1806L883B Datasheet
1Mb / 32P
[Old version datasheet]   LOW-POWER, DUAL-OUTPUT, CURRENT-MODE PWM CONTROLLER
UCC1806L883B TI1-UCC1806L883B Datasheet
1Mb / 33P
[Old version datasheet]   LOW-POWER, DUAL-OUTPUT, CURRENT-MODE PWM CONTROLLER
More results

Similar Description - UCC1806L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1806 TI1-UCC1806_13 Datasheet
1Mb / 32P
[Old version datasheet]   LOW-POWER, DUAL-OUTPUT, CURRENT-MODE PWM CONTROLLER
UCC1806 TI1-UCC1806_16 Datasheet
1Mb / 33P
[Old version datasheet]   LOW-POWER, DUAL-OUTPUT, CURRENT-MODE PWM CONTROLLER
UCC1806 TI-UCC1806 Datasheet
119Kb / 7P
[Old version datasheet]   Low Power, Dual Output, Current Mode PWM Controller
UCC28C40 TI1-UCC28C40_14 Datasheet
1Mb / 34P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C40 TI-UCC28C40 Datasheet
296Kb / 19P
[Old version datasheet]   BICMOS LOW POWER CURRENT MODE PWM CONTROLLER
UCC28C40 TI-UCC28C40_11 Datasheet
759Kb / 32P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
logo
ON Semiconductor
NCP1256 ONSEMI-NCP1256 Datasheet
398Kb / 24P
   Low Power Offline PWM Current Mode Controller
December, 2015 ??Rev. 3
logo
Texas Instruments
UCC28C45DR TI1-UCC28C45DR Datasheet
894Kb / 32P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C40 TI1-UCC28C40_12 Datasheet
894Kb / 32P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C43DGKR TI1-UCC28C43DGKR Datasheet
894Kb / 32P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com