Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3514IGV-4.00-A-B-T1 Datasheet(PDF) 1 Page - Advanced Analogic Technologies

Part # AAT3514IGV-4.00-A-B-T1
Description  Micropower uP Reset with Watchdog Timer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3514IGV-4.00-A-B-T1 Datasheet(HTML) 1 Page - Advanced Analogic Technologies

  AAT3514IGV-4.00-A-B-T1 Datasheet HTML 1Page - Advanced Analogic Technologies AAT3514IGV-4.00-A-B-T1 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3514IGV-4.00-A-B-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3514IGV-4.00-A-B-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3514IGV-4.00-A-B-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3514IGV-4.00-A-B-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3514IGV-4.00-A-B-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3514IGV-4.00-A-B-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3514IGV-4.00-A-B-T1 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SmartSwitch
AAT3510/1/2/3/4/5/6/7/8/9
Micropower µP Reset with Watchdog Timer
3510.2004.08.1.4
1
General Description
The AAT351x PowerManager™ products are
members of AnalogicTech™'s Total Power
Management IC™ product family. This family of
Microprocessor Reset Circuits provides the ulti-
mate in versatility, allowing system designers full
customization of the µP monitor and Reset function
without any additional components. The AAT351x
family offers several combinations of threshold
voltage, watchdog timeout period, reset active peri-
od and output drive configurations, which are all
factory programmed options. All devices are avail-
able in 32 reset threshold voltages from 2.6V up to
5V, with three watchdog timeout periods from
6.3ms to 1600ms and three reset timeouts from
1ms up to 140ms. Available output configurations
are active low push-pull, active low open drain,
active low bi-directional and active high push-pull
The AAT351x family is designed to ignore fast neg-
ative transients on VDD and to ensure that Reset
outputs remain valid down to 1V.
The AAT351x family is available in the space saving
5-pin SOT23 surface mount package and is speci-
fied over the -40 to +85°C temperature range.
Features
Tight voltage tolerance: ±1.5%
Low quiescent current: 5µA
Guaranteed Reset Valid down to 1V
32 voltage options from 2.6V to 5.0V
3 Reset active period options
1ms, 20ms, 140ms
3 Watchdog timeout period options
6.3ms, 102ms, 1600ms
4 output options:
Open drain
Inverting
Non-inverting
Bi-directional
Low Tempco: 100ppm/°C
5-pin SOT23 package
Applications
Notebook Computers
Portable Electronics
Industrial Controllers
Intelligent Instruments
Critical µP and µC Supply Monitoring
Power-On reset circuits
Embedded Control Systems
Typical Application
AAT351x
V
CC
RESET
GND
(RESET)
RESET
INPUT
µP
V
DD
V
DD
I/O LINE
WDI
PowerManager


Similar Part No. - AAT3514IGV-4.00-A-B-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3514 AAT-AAT3514 Datasheet
110Kb / 11P
   Micropower uP Reset with Watchdog Timer
logo
Advanced Analogic Techn...
AAT3514 ANALOGICTECH-AAT3514 Datasheet
110Kb / 11P
   Micropower 關P Reset with Watchdog Timer
More results

Similar Description - AAT3514IGV-4.00-A-B-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3510 AAT-AAT3510 Datasheet
110Kb / 11P
   Micropower uP Reset with Watchdog Timer
logo
Advanced Analogic Techn...
AAT3510 ANALOGICTECH-AAT3510_06 Datasheet
110Kb / 11P
   Micropower 關P Reset with Watchdog Timer
logo
Mitsumi Electronics, Co...
MM1106 MITSUMI-MM1106 Datasheet
89Kb / 5P
   System Reset (with watchdog timerbattery back-up)
logo
Vishay Siliconix
SIP823 VISHAY-SIP823 Datasheet
55Kb / 6P
   5-Pin UP Reset Circuits with Watchdog Timer and Manual Reset
Rev. B, 14-Jun-04
logo
ATMEL Corporation
AT83C5112 ATMEL-AT83C5112_14 Datasheet
989Kb / 97P
   Hardware Watchdog Timer with Reset-out
logo
Rohm
BD3004HFP ROHM-BD3004HFP Datasheet
241Kb / 6P
   Voltage Regulator with Watchdog timer Reset
logo
ATMEL Corporation
AT87C5112 ATMEL-AT87C5112_14 Datasheet
989Kb / 97P
   Hardware Watchdog Timer with Reset-out
logo
New Japan Radio
NJU7291 NJRC-NJU7291 Datasheet
276Kb / 10P
   SYSTEM RESET IC WITH WATCHDOG TIMER
logo
Rohm
BD3005HFP ROHM-BD3005HFP Datasheet
356Kb / 6P
   Voltage Regulator with Watchdog Timer Reset
logo
ATMEL Corporation
AT80C5112 ATMEL-AT80C5112_14 Datasheet
989Kb / 97P
   Hardware Watchdog Timer with Reset-out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com