Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC5299J Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TC5299J
Description  FAST ETHERNET PCMCIA LAN CONTROLLER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TC5299J Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TC5299J Datasheet HTML 1Page - List of Unclassifed Manufacturers TC5299J Datasheet HTML 2Page - List of Unclassifed Manufacturers TC5299J Datasheet HTML 3Page - List of Unclassifed Manufacturers TC5299J Datasheet HTML 4Page - List of Unclassifed Manufacturers TC5299J Datasheet HTML 5Page - List of Unclassifed Manufacturers TC5299J Datasheet HTML 6Page - List of Unclassifed Manufacturers TC5299J Datasheet HTML 7Page - List of Unclassifed Manufacturers TC5299J Datasheet HTML 8Page - List of Unclassifed Manufacturers TC5299J Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
TC5299J
-3-
Ver. 0.1
07/04/01
Fast Ethernet PCMCIA Controller
1
Introduction
1.1
General Description
The TC5299J is a 10/100 PCMCIA Ethernet controller, include a standard MII interface. It provides an 8/16-bit
PCMCIA interface to host CPU and buffer memory into single chip to minimize the chip gate count.
The TC5299J supports both half-duplex and full-duplex (both 10BT or 100BTX) operation environment.
1.2
Features
!"PCMCIA 2.01 bus interface.
!"Use serial EEPROM 93C56/66 to store CIS.
!"Internal 5V to 3.3V regulator.
Ethernet LAN features:
!"Integrated Fast Ethernet MAC and SRAM in one chip.
!"Supports both 10Mbps and 100Mbps operation.
!"IEEE 802.3/802.3u compatible.
!"Full-duplex or half-duplex operation supported for both 10Mbps and 100Mbps operation.
!"NE2000 register definitions.
!"Supports 3.3V or 5V signaling environment.
!"The size of built-in Buffer RAM is 8k x 16 bits. It does not need the extra SRAM in the application circuit.
!"Supports loop-back mode for self-testing.
!"Supports 256/512 bytes EEPROM interface.
!"LED interface supported.
!"Supports MII bus interface.
!"Flow control ability
2
Block Diagram
EEPR O M
PCM C IA
C o mmand
D e coder
FIF O s
FIF O
C ontro lle r
DM A Buffer
C ontro l Logic
SRAM
MA C
PHY
TW R
PCM C IA
In te rface
RJ4 5
EEPR O M
C ontro l C ircuit


Similar Part No. - TC5299J

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC52 MICROCHIP-TC52 Datasheet
515Kb / 10P
   Dual Channel Voltage Detector
2002
logo
Cornell Dubilier Electr...
TC52 CDE-TC52 Datasheet
152Kb / 2P
   Axial Leaded Aluminum Electrolytic Capacitors
logo
SELEC Controls Pvt. Ltd
TC52 SELEC-TC52 Datasheet
433Kb / 1P
   Analog Temperature Controller
TC52-400-J-230 SELEC-TC52-400-J-230 Datasheet
433Kb / 1P
   Analog Temperature Controller
TC52-400-K-230 SELEC-TC52-400-K-230 Datasheet
433Kb / 1P
   Analog Temperature Controller
More results

Similar Description - TC5299J

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AX88190 ETC-AX88190 Datasheet
646Kb / 49P
   PCMCIA Fast Ethernet MAC Controller
logo
InnovASIC, Inc
IA186ES INNOVASIC-IA186ES Datasheet
94Kb / 19P
   PCI FAST ETHERNET LAN CONTROLLER
logo
ASIX Electronics Corpor...
AX88190P ASIX-AX88190P Datasheet
596Kb / 41P
   10/100BASE PCMCIA Fast Ethernet MAC Controller
AX88190AL ASIX-AX88190AL Datasheet
643Kb / 49P
   10/100BASE PCMCIA Fast Ethernet MAC Controller
logo
List of Unclassifed Man...
TC3299CE ETC-TC3299CE Datasheet
315Kb / 25P
   LOW POWER ETHERNET PCMCIA CONTROLLER
TC3299A ETC-TC3299A Datasheet
1Mb / 26P
   Ethernet PCMCIA Controller COMBO Transceiver
logo
ASIX Electronics Corpor...
AX88790L ASIX-AX88790L Datasheet
646Kb / 60P
   10/100BASE 3-in-1 PCMCIA Fast Ethernet Controller
logo
List of Unclassifed Man...
ADM9511 ETC-ADM9511 Datasheet
832Kb / 125P
   LAN/Modem Controller with Embedded Fast Ethernet PHY
logo
Intel Corporation
82595TX INTEL-82595TX Datasheet
709Kb / 59P
   ISA/PCMCIA HIGH INTEGRATION ETHERNET CONTROLLER
logo
Intersil Corporation
HFA3842A INTERSIL-HFA3842A Datasheet
528Kb / 27P
   PCMCIA/USB Wireless LAN Medium Access Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com