Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD216A-B140L Datasheet(PDF) 6 Page - Bourns Electronic Solutions

Part # CD216A-B140L
Description  Lead free versions available, RoHS compliant (lead free version), Low profile, Surface mount, Very low forward voltage drop
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD216A-B140L Datasheet(HTML) 6 Page - Bourns Electronic Solutions

  CD216A-B140L Datasheet HTML 1Page - Bourns Electronic Solutions CD216A-B140L Datasheet HTML 2Page - Bourns Electronic Solutions CD216A-B140L Datasheet HTML 3Page - Bourns Electronic Solutions CD216A-B140L Datasheet HTML 4Page - Bourns Electronic Solutions CD216A-B140L Datasheet HTML 5Page - Bourns Electronic Solutions CD216A-B140L Datasheet HTML 6Page - Bourns Electronic Solutions CD216A-B140L Datasheet HTML 7Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
CD216A-B120L ~ B140 MITE Chip Diode
Rating and Characteristic Curves: CD216A-B140
Derating Curve
Capacitance Between Terminals
Forward Characteristics
Reverse Characteristics
10
0.1
0
0.2
0.4
1
Forward Voltage (Volts)
0.6
0.8
1
Ta = 25 °C
Pulsewidth: 300 µs
25 °C
100 °C
125 °C
10
0.0001
0
5
10
15
20
45
Reverse Voltage (Volts)
25
30
35
40
0.001
0.01
0.1
1
125 °C
100 °C
25 °C
1.25
1.00
0.75
0.50
0.25
0.00
25
50
75
100
125
150
Lead Temperature (°C)
Single Phase Half Wave 60 Hz
Resistive or Inductive Load
150
25
50
75
100
125
0
010
20
30
40
Reverse Voltage (Volts)
F = 1 MHz
Ta = 25 °C


Similar Part No. - CD216A-B140L

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
CD21.1501.151 SCHURTER-CD21.1501.151 Datasheet
571Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Line Switch 1- or 2-pole, Voltage Selector (Step)
CD21.1501.151 SCHURTER-CD21.1501.151 Datasheet
663Kb / 7P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Line Switch 1- or 2-pole, Voltage Selector (Step)
04.01.2022
CD21.4501.151 SCHURTER-CD21.4501.151 Datasheet
571Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Line Switch 1- or 2-pole, Voltage Selector (Step)
logo
Molex Electronics Ltd.
CD2115 MOLEX4-CD2115 Datasheet
87Kb / 2P
   InsulKrimp??Steel Star Ring Tongue Terminal for 18-22 AWG Wire
CD2115 MOLEX4-CD2115 Datasheet
88Kb / 3P
   InsulKrimp??Star Ring Tongue Terminal
More results

Similar Description - CD216A-B140L

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
PWAXIAL TTELEC-PWAXIAL Datasheet
346Kb / 2P
   Lead free, RoHS compliant construction available
logo
M/A-COM Technology Solu...
MABA-011027 MA-COM-MABA-011027 Datasheet
664Kb / 5P
   RoHS Compliant, lead-free
MACP-011015 MA-COM-MACP-011015 Datasheet
399Kb / 4P
   RoHS Compliant, lead-free
logo
List of Unclassifed Man...
ATC800A ETC2-ATC800A Datasheet
165Kb / 5P
   RoHS Compliant / Lead Free
ATC800B ETC2-ATC800B Datasheet
185Kb / 5P
   RoHS Compliant / Lead-Free
logo
TT Electronics.
SMC TTELEC-SMC Datasheet
312Kb / 3P
   Lead free, RoHS compliant
logo
M/A-COM Technology Solu...
MACP-011010 MA-COM-MACP-011010 Datasheet
471Kb / 4P
   RoHS Compliant, lead-free
logo
List of Unclassifed Man...
ATC800R ETC2-ATC800R Datasheet
207Kb / 5P
   RoHS Compliant / Lead-Free
logo
Littelfuse
1206L035YR LITTELFUSE-1206L035YR Datasheet
789Kb / 6P
   RoHS compliant, lead-free and halogen-free
logo
Elpida Memory
EDE2108AEBG ELPIDA-EDE2108AEBG Datasheet
498Kb / 73P
   Lead-free (RoHS compliant) and Halogen-free
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com