Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP0807 Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # FP0807
Description  High frequency, high current power inductors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

FP0807 Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  FP0807 Datasheet HTML 1Page - Eaton All Rights Reserved. FP0807 Datasheet HTML 2Page - Eaton All Rights Reserved. FP0807 Datasheet HTML 3Page - Eaton All Rights Reserved. FP0807 Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Technical Data
4343
Effective December 2015
FP0807
High frequency, high current power inductors
www.eaton.com/elx
Product Specifications
Part Number7
OCL1 (nH) ±10%
FLL2 (nH) min
Irms3 (amps)
Isat14 (amps)
I sat25
(amps)
DCR (mΩ)
±6% @ 20°C
K-factor6
R1 version
FP0807R1-R07-R
70
50
45
108
79
0.50
520
FP0807R1-R10-R
100
72
45
77
55
0.50
520
FP0807R1-R12-R
120
86
45
66
48
0.50
520
FP0807R1-R16-R
160
115
45
48
36
0.50
520
FP0807R1-R18-R
180
129
45
42
32
0.50
520
FP0807R1-R20-R
200
144
45
38
28
0.50
520
FP0807R1-R22-R
220
158
45
35
25
0.50
520
1. Open Circuit Inductance (OCL) Test Parameters: 100kHz, 0.10Vrms, 0.0Adc @25°C
2. Full Load Inductance (FLL) Test Parameters: 100kHz, 0.1Vrms, Isat1 @25°C
3. Irms: DC current for an approximate temperature rise of 40°C without core loss. Derating is necessary for AC
currents. PCB pad layout, trace thickness and width, air-flow and proximity of other heat generating components will
affect the temperature rise. It is recommended the part temperature not exceed 125°C under worst case operating
conditions verified in the end application.
4. Isat1: Peak current for approximately 20% rolloff at +25°C.
5. Isat2: Peak current for approximately 20% rolloff at +125°C.
6. K-factor: Used to determine Bp-p for core loss (see graph). Bp-p = K * L * ∆I * 10-3, Bp-p : (Gauss), K: (K-factor from
table), L: (inductance in nH), ∆I (peak-to-peak ripple current in amps).
7. Part Number Definition: FP0807Rx-Rxx-R
• FP0807R = Product code and size
• x is the version indicator
• -Rxx= Inductance value in μH, R = decimal point
• “-R” suffix = RoHS compliant
Dimensions (mm)
Part marking: 0807Rx (x= version indicator )
Rxx (xx=inductance value in uH, R= decimal point)
wwllyy = date code, R = revision level
DCR measured from point “a” to point “b”
Do not route traces or vias underneath the inductor
Packaging information (mm)
Supplied in tape-and-reel packaging, 600 parts per reel, 13” diameter reel.
Recommended Pad Layout
Schematic
1
2
7.0
max
a
b
2.6
2.6
2.0
7.4
max
1.55
+/-0.2
2.0
+/-0.2
3.3
typ.
2
1
2
2.7
0807Rx
7.6
max
Rxx
wwllyy R
7.0
1.5 dia.
7.7
9.5
4.0
2.0
1.5 dia.
A
A
1.75
7.5
16.0
+/-0.3
7.5
16.0
0807Rx
Rxx
wwllyy R
1
2
Section A-A
User direction of feed


Similar Part No. - FP0807

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FP0807R1-R07-R COOPER-FP0807R1-R07-R Datasheet
453Kb / 4P
   High Current, High Frequency, Power Inductors
FP0807R1-R10-R COOPER-FP0807R1-R10-R Datasheet
453Kb / 4P
   High Current, High Frequency, Power Inductors
FP0807R1-R12-R COOPER-FP0807R1-R12-R Datasheet
453Kb / 4P
   High Current, High Frequency, Power Inductors
FP0807R1-R16-R COOPER-FP0807R1-R16-R Datasheet
453Kb / 4P
   High Current, High Frequency, Power Inductors
FP0807R1-R18-R COOPER-FP0807R1-R18-R Datasheet
453Kb / 4P
   High Current, High Frequency, Power Inductors
More results

Similar Description - FP0807

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FP1308R1-R11-R COOPER-FP1308R1-R11-R Datasheet
476Kb / 4P
   High Current, High Frequency, Power Inductors
FP0807R1-R07-R COOPER-FP0807R1-R07-R Datasheet
453Kb / 4P
   High Current, High Frequency, Power Inductors
FP1007R1-R12-R COOPER-FP1007R1-R12-R Datasheet
491Kb / 4P
   High Current, High Frequency, Power Inductors
logo
Eaton All Rights Reserv...
FP0404 EATON-FP0404 Datasheet
345Kb / 6P
   High frequency, high current power inductors
FP0505R EATON-FP0505R Datasheet
394Kb / 5P
   High frequency, high current power inductors
FP1007 EATON-FP1007 Datasheet
531Kb / 5P
   High frequency, high current power inductors
FP1008R7 EATON-FP1008R7 Datasheet
423Kb / 6P
   High frequency, high current power inductors
FP1107 EATON-FP1107 Datasheet
779Kb / 4P
   High frequency, high current power inductors
FP1108L3 EATON-FP1108L3 Datasheet
481Kb / 6P
   High frequency, high current power inductors
FP1206 EATON-FP1206 Datasheet
741Kb / 4P
   High frequency, high current power inductors
FP1208 EATON-FP1208 Datasheet
540Kb / 4P
   High frequency, high current power inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com