Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUP1G34DCKT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AUP1G34DCKT
Description  LOW-POWER SINLE BUFFER GATE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP1G34DCKT Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74AUP1G34DCKT Datasheet HTML 2Page - Texas Instruments SN74AUP1G34DCKT Datasheet HTML 3Page - Texas Instruments SN74AUP1G34DCKT Datasheet HTML 4Page - Texas Instruments SN74AUP1G34DCKT Datasheet HTML 5Page - Texas Instruments SN74AUP1G34DCKT Datasheet HTML 6Page - Texas Instruments SN74AUP1G34DCKT Datasheet HTML 7Page - Texas Instruments SN74AUP1G34DCKT Datasheet HTML 8Page - Texas Instruments SN74AUP1G34DCKT Datasheet HTML 9Page - Texas Instruments SN74AUP1G34DCKT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
SN74AUP1G34
LOW POWER SINGLE BUFFER GATE
SCES603B – AUGUST 2004 – REVISED JUNE 2005
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range, CL = 10 pF
(unless otherwise noted) (see Figures 3 and 4)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
TA = 25°C
TA = −40°C
TO 85
°C
UNIT
PARAMETER
(INPUT)
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
0.8 V
2.7
16.6
28.2
1.2 V
± 0.1 V
3.6
6.6
12.7
0.3
15.4
tpd
A
Y
1.5 V
± 0.1 V
3
4.8
8.3
1.2
10.3
ns
tpd
A
Y
1.8 V
± 0.15 V
2.7
3.9
6.9
1.3
8.3
ns
2.5 V
± 0.2 V
2.3
2.9
4.5
1.2
5.8
3.3 V
± 0.3 V
2
2.4
3.8
1.1
4.8
switching characteristics over recommended operating free-air temperature range, CL = 15 pF
(unless otherwise noted) (see Figures 3 and 4)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
TA = 25°C
TA = −40°C
TO 85
°C
UNIT
PARAMETER
(INPUT)
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
0.8 V
5.1
18.6
30.2
1.2 V
± 0.1 V
4.3
7.5
13.6
1.3
16.5
tpd
A
Y
1.5 V
± 0.1 V
3.6
5.5
9
1.9
11.2
ns
tpd
A
Y
1.8 V
± 0.15 V
3.2
4.5
7.5
1.9
8.9
ns
2.5 V
± 0.2 V
2.6
3.4
5.2
1.7
6.5
3.3 V
± 0.3 V
2.3
2.9
4.2
1.5
5
switching characteristics over recommended operating free-air temperature range, CL = 30 pF
(unless otherwise noted) (see Figures 3 and 4)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
TA = 25°C
TA = −40°C
TO 85
°C
UNIT
PARAMETER
(INPUT)
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
0.8 V
9.9
24.2
36.3
1.2 V
± 0.1 V
6.3
10.1
16.3
3.6
18.9
tpd
A
Y
1.5 V
± 0.1 V
5.1
7.4
11
3.4
13
ns
tpd
A
Y
1.8 V
± 0.15 V
4.5
6.1
9.3
3.2
10.6
ns
2.5 V
± 0.2 V
3.7
4.7
6.4
2.7
7.8
3.3 V
± 0.3 V
3.3
4
5.3
2.5
6.5
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
VCC
TYP
UNIT
0.8 V
3.8
1.2 V
± 0.1 V
3.8
Cpd
Power dissipation capacitance
f = 10 MHz
1.5 V
± 0.1 V
3.8
pF
Cpd
Power dissipation capacitance
f = 10 MHz
1.8 V
± 0.15 V
3.8
pF
2.5 V
± 0.2 V
3.9
3.3 V
± 0.3 V
4.1


Similar Part No. - SN74AUP1G34DCKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G34DCKT TI-SN74AUP1G34DCKT Datasheet
1,015Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE BUFFER GATE
SN74AUP1G34DCKT TI1-SN74AUP1G34DCKT Datasheet
1Mb / 33P
[Old version datasheet]   Low-Power Single Buffer Gate
SN74AUP1G34DCKTE4 TI-SN74AUP1G34DCKTE4 Datasheet
1,015Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE BUFFER GATE
SN74AUP1G34DCKTG4 TI-SN74AUP1G34DCKTG4 Datasheet
1,015Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE BUFFER GATE
SN74AUP1G34DCKTG4 TI1-SN74AUP1G34DCKTG4 Datasheet
1Mb / 33P
[Old version datasheet]   Low-Power Single Buffer Gate
More results

Similar Description - SN74AUP1G34DCKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G34 TI1-SN74AUP1G34_16 Datasheet
1Mb / 33P
[Old version datasheet]   Low-Power Single Buffer Gate
SN74AUP3G34 TI-SN74AUP3G34 Datasheet
282Kb / 12P
[Old version datasheet]   LOW-POWER TRIPLE BUFFER GATE
SN74AUP1G34 TI-SN74AUP1G34_10 Datasheet
1,015Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE BUFFER GATE
SN74AUP2G34 TI1-SN74AUP2G34 Datasheet
907Kb / 19P
[Old version datasheet]   LOW-POWER DUAL BUFFER GATE
SN74AUP3G34 TI1-SN74AUP3G34_16 Datasheet
1Mb / 22P
[Old version datasheet]   LOW-POWER TRIPLE BUFFER GATE
logo
Analog Devices
AD822-EP AD-AD822-EP Datasheet
320Kb / 20P
   Sinle-Supply, Rail-to-Rail Low Power FET-Input Op Amp
REV. 0
logo
Texas Instruments
SN74AUP1G126 TI-SN74AUP1G126_10 Datasheet
1,023Kb / 26P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP2G125 TI-SN74AUP2G125 Datasheet
869Kb / 21P
[Old version datasheet]   LOW-POWER DUAL BUS BUFFER GATE WITH 3-STATE OTPUTS
SN74AUP1G125_017 TI1-SN74AUP1G125_017 Datasheet
1Mb / 46P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AUP1G126_017 TI1-SN74AUP1G126_017 Datasheet
1Mb / 43P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With Tri-State Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com