Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK7775-55A Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BUK7775-55A
Description  N-channel TrenchMOS standard level FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK7775-55A Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BUK7775-55A Datasheet HTML 4Page - NXP Semiconductors BUK7775-55A Datasheet HTML 5Page - NXP Semiconductors BUK7775-55A Datasheet HTML 6Page - NXP Semiconductors BUK7775-55A Datasheet HTML 7Page - NXP Semiconductors BUK7775-55A Datasheet HTML 8Page - NXP Semiconductors BUK7775-55A Datasheet HTML 9Page - NXP Semiconductors BUK7775-55A Datasheet HTML 10Page - NXP Semiconductors BUK7775-55A Datasheet HTML 11Page - NXP Semiconductors BUK7775-55A Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Philips Semiconductors
BUK7775-55A
N-channel TrenchMOS™ standard level FET
Product data
Rev. 02 — 7 June 2004
8 of 12
9397 750 13325
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
VDS =25V
Tj =25 °C; ID =10A
Fig 13. Transfer characteristics: drain current as a
function of gate-source voltage; typical values.
Fig 14. Gate-source voltage as a function of gate
charge; typical values.
VGS =0V
Fig 15. Source (diode forward) current as a function of source-drain (diode forward) voltage; typical values.
03ne10
0
5
10
15
20
25
024
68
10
VGS (V)
ID
(A)
Tj = 150
OC
Tj = 25
O C
03nc05
0
1
2
3
4
5
6
7
8
9
10
0
5
10
15
QG (nC)
VGS
(V)
VDD= 44 V
VDD= 14 V
03ne11
0
20
40
60
80
100
120
0.0
0.5
1.0
1.5
2.0
VSD (V)
IS
(A)
Tj = 150
OC
Tj = 25
OC


Similar Part No. - BUK7775-55A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7720-55A PHILIPS-BUK7720-55A Datasheet
121Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 02-7 June 2004
logo
Inchange Semiconductor ...
BUK7720-55A ISC-BUK7720-55A Datasheet
323Kb / 2P
   isc N-Channel MOSFET Transistor
BUK7735-55A ISC-BUK7735-55A Datasheet
323Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - BUK7775-55A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7675-55A PHILIPS-BUK7675-55A_15 Datasheet
272Kb / 12P
   N-channel TrenchMOS standard level FETN-channel TrenchMOS standard level FET
25 August 2014
PHP34NQ11T PHILIPS-PHP34NQ11T Datasheet
91Kb / 12P
   N-channel TrenchMOS??standard level FET
Rev. 01-17 May 2004
BUK7C06-40AITE PHILIPS-BUK7C06-40AITE Datasheet
109Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 04-23 June 2005
PH20100S NXP-PH20100S Datasheet
183Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-2 February 2009
PHB29N08T NXP-PHB29N08T Datasheet
189Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-13 October 2009
PHB47NQ10T NXP-PHB47NQ10T Datasheet
205Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHB119NQ06T NXP-PHB119NQ06T Datasheet
191Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-15 April 2010
PHD20N06T NXP-PHD20N06T Datasheet
379Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 02-1 December 2009
PMZ350XN NXP-PMZ350XN Datasheet
91Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 01-21 February 2008
PHP23NQ11T NXP-PHP23NQ11T Datasheet
220Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHP3055E NXP-PHP3055E Datasheet
248Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 07-26 February 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com