Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK9516-55A Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BUK9516-55A
Description  TrenchMOS transistor standard level FET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK9516-55A Datasheet(HTML) 5 Page - NXP Semiconductors

  BUK9516-55A Datasheet HTML 1Page - NXP Semiconductors BUK9516-55A Datasheet HTML 2Page - NXP Semiconductors BUK9516-55A Datasheet HTML 3Page - NXP Semiconductors BUK9516-55A Datasheet HTML 4Page - NXP Semiconductors BUK9516-55A Datasheet HTML 5Page - NXP Semiconductors BUK9516-55A Datasheet HTML 6Page - NXP Semiconductors BUK9516-55A Datasheet HTML 7Page - NXP Semiconductors BUK9516-55A Datasheet HTML 8Page - NXP Semiconductors BUK9516-55A Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Philips Semiconductors
Product specification
TrenchMOS
 transistor
BUK9516-55A
Logic level FET
BUK9616-55A
Fig.11. Gate threshold voltage.
V
GS(TO) = f(Tj); conditions: ID = 1 mA; VDS = VGS
Fig.12. Sub-threshold drain current.
I
D = f(VGS); conditions: Tj = 25 ˚C; VDS = VGS
Fig.13. Typical capacitances, C
iss, Coss, Crss.
C = f(V
DS); conditions: VGS = 0 V; f = 1 MHz
Fig.14. Typical turn-on gate-charge characteristics.
V
GS = f(QG); conditions: ID = 50 A; parameter VDS
Fig.15. Typical reverse diode current.
I
F = f(VSDS); conditions: VGS = 0 V; parameter Tj
Fig.16. Normalised avalanche energy rating.
W
DSS% = f(Tmb); conditions: ID = 75 A
BUK759-60
-100
-50
0
50
100
150
200
0
1
2
3
4
5
Tj / C
VGS(TO) / V
max.
typ.
min.
0
1
2
3
4
5
6
0
102030405060
QG / nC
VGS / V
VDS= 44V
VDS= 14V
01
23
45
1E-06
1E-05
1E-04
1E-03
1E-02
1E-01
Sub-Threshold Conduction
typ
2%
98%
0
20
40
60
80
100
120
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
VSDS/V
IF / A
25
175
Tj / ˚C =
0.0
1.0
2.0
3.0
4.0
5.0
6.0
0.01
0.1
1
10
100
VDS/V
Ciss
Coss
Crss
Thousands / pF
20
40
60
80
100
120
140
160
180
Tmb / C
120
110
100
90
80
70
60
50
40
30
20
10
0
WDSS%
May 2000
5
Rev 1.000


Similar Part No. - BUK9516-55A

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BUK9516-55A ISC-BUK9516-55A Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
BUK9516-55A NEXPERIA-BUK9516-55A Datasheet
366Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02 - 21 April 2011
logo
NXP Semiconductors
BUK9516-55A PHILIPS-BUK9516-55A_15 Datasheet
252Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 02-21 April 2011
More results

Similar Description - BUK9516-55A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7524-60 PHILIPS-BUK7524-60 Datasheet
22Kb / 5P
   TrenchMOS transistor Standard level FET
March 1997 Rev 1.000
BUK7675-55 PHILIPS-BUK7675-55 Datasheet
68Kb / 8P
   TrenchMOS transistor Standard level FET
April 1998 Rev 1.100
PHB80N06T PHILIPS-PHB80N06T Datasheet
70Kb / 8P
   TrenchMOS transistor Standard level FET
December 1997 Rev 1.100
PHB87N03T PHILIPS-PHB87N03T Datasheet
65Kb / 8P
   TrenchMOS transistor Standard level FET
December 1997 Rev 1.200
PHP125N06T PHILIPS-PHP125N06T Datasheet
63Kb / 8P
   TrenchMOS transistor Standard level FET
December 1997 Rev 1.100
PHP130N03T PHILIPS-PHP130N03T Datasheet
59Kb / 8P
   TrenchMOS transistor Standard level FET
September 1997 Rev 1.100
BUK7618-30 PHILIPS-BUK7618-30 Datasheet
51Kb / 8P
   TrenchMOS transistor Standard level FET
December 1997 Rev 1.100
PHP60N06T PHILIPS-PHP60N06T Datasheet
64Kb / 8P
   TrenchMOS transistor Standard level FET
December 1997 Rev 1.100
PHP65N06T PHILIPS-PHP65N06T Datasheet
64Kb / 8P
   TrenchMOS transistor Standard level FET
November 1997 Rev 1.100
PHP87N03T PHILIPS-PHP87N03T Datasheet
59Kb / 8P
   TrenchMOS transistor Standard level FET
September 1997 Rev 1.100
PHB125N06T PHILIPS-PHB125N06T Datasheet
67Kb / 8P
   TrenchMOS transistor Standard level FET
December 1997 Rev 1.100
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com