Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPCS8102 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TPCS8102
Description  Lithium Ion Battery Applications Portable Equipment Applications Notebook PCs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCS8102 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TPCS8102 Datasheet HTML 1Page - Toshiba Semiconductor TPCS8102 Datasheet HTML 2Page - Toshiba Semiconductor TPCS8102 Datasheet HTML 3Page - Toshiba Semiconductor TPCS8102 Datasheet HTML 4Page - Toshiba Semiconductor TPCS8102 Datasheet HTML 5Page - Toshiba Semiconductor TPCS8102 Datasheet HTML 6Page - Toshiba Semiconductor TPCS8102 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TPCS8102
2002-05-17
1
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS II)
TPCS8102
Lithium Ion Battery Applications
Portable Equipment Applications
Notebook PCs
Small footprint due to small and thin package
Low drain-source ON resistance: RDS (ON) = 16 mΩ (typ.)
High forward transfer admittance: |Yfs| = 17 S (typ.)
Low leakage current: IDSS = −10 µA (max) (VDS = −20 V)
Enhancement-mode: Vth = −0.5~−1.2 V (VDS = −10 V, ID = −200 µA)
Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Drain-source voltage
VDSS
−20
V
Drain-gate voltage (RGS = 20 kΩ)
VDGR
−20
V
Gate-source voltage
VGSS
±12
V
DC
(Note 1)
ID
−6
Drain current
Pulse (Note 1)
IDP
−24
A
Drain power dissipation
(t = 10 s)
(Note 2a)
PD
1.5
W
Drain power dissipation
(t = 10 s)
(Note 2b)
PD
0.6
W
Single pulse avalanche energy
(Note 3)
EAS
46.8
mJ
Avalanche current
IAR
−6
A
Repetitive avalanche energy
(Note 2a, Note 4)
EAR
0.15
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note: For (Note 1), (Note 2), (Note 3) and (Note 4), please refer to the
next page.
This transistor is an electrostatic sensitive device. Please handle with
caution.
Unit: mm
JEDEC
JEITA
TOSHIBA
2-3R1B
Weight: 0.035 g (typ.)
Circuit Configuration


Similar Part No. - TPCS8102

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCS8102 TOSHIBA-TPCS8102 Datasheet
783Kb / 7P
   Lithium-Ion Battery Applications Portable Equipment Applications Notebook PC Applications
TPCS8102 TOSHIBA-TPCS8102_06 Datasheet
783Kb / 7P
   Lithium-Ion Battery Applications Portable Equipment Applications Notebook PC Applications
More results

Similar Description - TPCS8102

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCA8103 TOSHIBA-TPCA8103_06 Datasheet
288Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPCA8025 TOSHIBA-TPCA8025 Datasheet
215Kb / 7P
   Lithium-Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPC8110 TOSHIBA-TPC8110_06 Datasheet
267Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPCS8209 TOSHIBA-TPCS8209_07 Datasheet
190Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPCS8204 TOSHIBA-TPCS8204_07 Datasheet
188Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPCS8211 TOSHIBA-TPCS8211_07 Datasheet
209Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPCS8302 TOSHIBA-TPCS8302_07 Datasheet
194Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPCS8105 TOSHIBA-TPCS8105_07 Datasheet
255Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPC8210 TOSHIBA-TPC8210_07 Datasheet
275Kb / 7P
   Lithium Ion Battery Applications Portable Equipment Applications Notebook PC Applications
TPC8207 TOSHIBA-TPC8207_07 Datasheet
254Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com