Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT24FC02UITE13REV-E Datasheet(PDF) 2 Page - Catalyst Semiconductor

Part # CAT24FC02UITE13REV-E
Description  The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24FC02UITE13REV-E Datasheet(HTML) 2 Page - Catalyst Semiconductor

  CAT24FC02UITE13REV-E Datasheet HTML 1Page - Catalyst Semiconductor CAT24FC02UITE13REV-E Datasheet HTML 2Page - Catalyst Semiconductor CAT24FC02UITE13REV-E Datasheet HTML 3Page - Catalyst Semiconductor CAT24FC02UITE13REV-E Datasheet HTML 4Page - Catalyst Semiconductor CAT24FC02UITE13REV-E Datasheet HTML 5Page - Catalyst Semiconductor CAT24FC02UITE13REV-E Datasheet HTML 6Page - Catalyst Semiconductor CAT24FC02UITE13REV-E Datasheet HTML 7Page - Catalyst Semiconductor CAT24FC02UITE13REV-E Datasheet HTML 8Page - Catalyst Semiconductor CAT24FC02UITE13REV-E Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CAT24FC02
2
Doc. No. 1072, Rev. G
© 2005 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
CAPACITANCE TA = 25°C, f = 400 kHz, VCC = 5 V
Symbol
Test
Conditions
Min
Typ
Max
Units
CI/O(3)
Input/Output Capacitance (SDA)
VI/O = 0 V
8
pF
CIN(3)
Input Capacitance (other pins)
VIN = 0 V
6
pF
RELIABILITY CHARACTERISTICS (3)
Symbol
Parameter
Min
Typ
Max
Units
NEND
Endurance
1,000,000
Cycles/Byte
TDR
Data Retention
100
Years
VZAP
ESD Susceptibility
4000
Volts
ILTH(4)
Latch-up
100
mA
ABSOLUTE MAXIMUM RATINGS*
Temperature Under Bias
–55
°C to +125°C
Storage Temperature ....................... –65
°C to +150°C
Voltage on Any Pin with
Respect to Ground(1) ............ –2.0 V to VCC + 2.0 V
VCC with Respect to Ground ............. –2.0 V to +7.0 V
Package Power Dissipation
Capability (TA = 25
°C) .................................. 1.0 W
Note:
(1) The minimum DC input voltage is –0.5 V. During transitions, inputs may undershoot to –2.0 V for periods of less than 20 ns. Maximum DC
voltage on output pins is VCC + 0.5 V, which may overshoot to VCC + 2.0 V for periods of less than 20 ns.
(2) Output shorted for no more than one second. No more than one output shorted at a time.
(3) These parameters are tested initially and after a design or process change that affects the parameter according to appropriate AEC-Q100
and JEDEC test methods.
(4) Latch-up protection is provided for stresses up to 100 mA on address and data pins from –1.0 V to VCC + 1.0 V.
(5) Maximum standby current (ISB) = 10µA for the Extended Automotive temperature range.
D.C. OPERATING CHARACTERISTICS
VCC = 2.5 V to 5.5 V, unless otherwise specified.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
ICC
Power Supply Current (Read)
fSCL = 400 kHz
1
mA
ICC
Power Supply Current (Write)
fSCL = 400 kHz
3
mA
ISB(5)
Standby Current (VCC = 5.0 V)
VIN = GND or VCC
1
µA
ILI
Input Leakage Current
VIN = GND to VCC
1
µA
ILO
Output Leakage Current
VOUT = GND to VCC
1
µA
VIL
Input Low Voltage
–1VCC x 0.3
V
VIH
Input High Voltage
VCC x 0.7
VCC + 1.0
V
VOL
Output Low Voltage (VCC = 3.0 V)
IOL = 3 mA
0.4
V
Lead Soldering Temperature (10 seconds) ...... 300
°C
Output Short Circuit Current(2) ....................... 100 mA
*COMMENT
Stresses above those listed under “Absolute Maximum Ratings” may
cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions
outside of those listed in the operational sections of this specification is not
implied. Exposure to any absolute maximum rating for extended periods
may affect device performance and reliability.


Similar Part No. - CAT24FC02UITE13REV-E

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24FC01 CATALYST-CAT24FC01 Datasheet
407Kb / 10P
   1-kb I2C Serial EEPROM
CAT24FC01GLETE13 CATALYST-CAT24FC01GLETE13 Datasheet
628Kb / 10P
   1-kb I2C Serial EEPROM
CAT24FC01GLITE13 CATALYST-CAT24FC01GLITE13 Datasheet
628Kb / 10P
   1-kb I2C Serial EEPROM
CAT24FC01GWETE13 CATALYST-CAT24FC01GWETE13 Datasheet
628Kb / 10P
   1-kb I2C Serial EEPROM
CAT24FC01GWITE13 CATALYST-CAT24FC01GWITE13 Datasheet
628Kb / 10P
   1-kb I2C Serial EEPROM
More results

Similar Description - CAT24FC02UITE13REV-E

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1062AV33 CYPRESS-CY7C1062AV33 Datasheet
188Kb / 9P
   The CY7C1062AV33 is a high-performance CMOS Static RAM organized as 524,288 words by 32 bits.
logo
ON Semiconductor
CAV24C256 ONSEMI-CAV24C256 Datasheet
157Kb / 11P
   256-Kb CMOS Serial EEPROM
November, 2012 ??Rev. 0
CAT25256 ONSEMI-CAT25256 Datasheet
187Kb / 16P
   256-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25256 ONSEMI-CAT25256_15 Datasheet
151Kb / 19P
   256-Kb SPI Serial CMOS EEPROM
June, 2015 ??Rev. 8
CAT24C256WI-G ONSEMI-CAT24C256WI-G Datasheet
193Kb / 18P
   256 kb I2C CMOS Serial EEPROM
October, 2012 ??Rev. 13
CAT24C256XI ONSEMI-CAT24C256XI Datasheet
205Kb / 18P
   256 kb I2C CMOS Serial EEPROM
January, 2014 ??Rev. 14
CAV24C256WE-GT3 ONSEMI-CAV24C256WE-GT3 Datasheet
157Kb / 11P
   256-Kb I2C CMOS Serial EEPROM
November, 2012 ??Rev. 0
CAT24C256 ONSEMI-CAT24C256 Datasheet
187Kb / 14P
   256 kb I2C CMOS Serial EEPROM
November, 2009 ??Rev. 9
logo
Catalyst Semiconductor
CAT24C256 CATALYST-CAT24C256 Datasheet
547Kb / 14P
   256-Kb I2C CMOS Serial EEPROM
logo
ON Semiconductor
CAT24C256LI ONSEMI-CAT24C256LI Datasheet
193Kb / 18P
   256 kb I2C CMOS Serial EEPROM
October, 2012 ??Rev. 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com