Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPT5230 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # SPT5230
Description  10-BIT, 36 MWPS TRIPLE VIDEO DAC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SPT5230 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  SPT5230 Datasheet HTML 1Page - Fairchild Semiconductor SPT5230 Datasheet HTML 2Page - Fairchild Semiconductor SPT5230 Datasheet HTML 3Page - Fairchild Semiconductor SPT5230 Datasheet HTML 4Page - Fairchild Semiconductor SPT5230 Datasheet HTML 5Page - Fairchild Semiconductor SPT5230 Datasheet HTML 6Page - Fairchild Semiconductor SPT5230 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
5/1/00
SPT5230
INTERFACE CONSIDERATIONS
Figure 4 shows a typical interface circuit of the SPT5230 in
normal circuit operation.
SUPPLY AND GROUND CONSIDERATIONS
Fairchild suggests that all power supply pins (AVDD) be tied
together and decoupled using a 0.1
µF ceramic capacitor in
parallel with a 10
µF tantalum capacitor.
EXTERNAL REFERENCE VOLTAGE (VREF1)
A +3 V (
±10%) voltage reference should be externally gener-
ated for the VREF1 pin using the simple voltage divider shown
in figure 4. Connect a 0.1
µF bypass capacitor between
VREF1 and AVSS as close to the pin as possible.
EXTERNAL REFERENCE VOLTAGE (VREF2)
VREF2 needs to be externally connected to AVDD through a
1.2 k
Ω (5%) resistor. Connect a 0.1 µF bypass capacitor
between VREF2 and AVSS as close to the pin as possible.
CONTROL VOLTAGE DECOUPLING (VCS1)
This is a decoupling pin for the control voltage internal
circuitry. An external 0.1
µF capacitor should be connected
between VCS1 and AVSS as close to the pin as possible.
FULL-SCALE ADJUST CONTROL (VCS2)
VCS2 is an external control voltage input that controls the
peak-to-peak full scale output voltage. This is the only exter-
nal voltage that has direct control over the SPT5230 output
voltage. The voltage output swings between AVDD (+5 V) and
a value controlled by VCS2.
Assuming that an output load resistor of 75
Ω is connected
between the output and AVDD, figure 2 shows what the output
voltage will be for the digital inputs all equal to logic 0, as VCS2
is varied from 2 V to 4 V. Figure 3 shows the peak-to-peak
output voltage versus VCS2 and table I shows an example in
which VCS2 is equal to 2.1 V.
CURRENT OUTPUTS
Each red, green and blue current output should have a load
resistor connected to AVDD. The resistors are typically 75 Ω
and should be kept in the 72
Ω to 85 Ω range. The outputs
should drive a high impedance load such as a voltage
follower.
OUTPUT LEVEL SHIFTING CIRCUIT
The SPT5230 voltage output will swing from +3.0 V to +4.99
V for VCS2 = 2.1 V as shown in table I. If level shifting of the
output is desired, Fairchild recommends use of the circuit
shown in figure 5. The desired –FS voltage is fed into the
collector of the emitter to achieve the desired level shift. (Note
the phase inversion that will occur due to the common
emitter.) Choose any appropriate video op amp with ad-
equate power supply head room.
Table I – Binary Codes
1 LSB = 1.953 mV, VCS2 2.1 V
Digital Input
Analog
Step
A9 A8 A7 A6 A5 A4 A3 A2 A1 A0
Out (V)
(MSB)
(LSB)
0
0000000000 3.000000
1
0000000001 3.001953
2
0000000010 3.003906
3
0000000011 3.005859
.
.
.
.
.
.
.
.
.
1022
1111111110 4.996094
1023
1111111111 4.998047


Similar Part No. - SPT5230

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SPT5204Q BOURNS-SPT5204Q Datasheet
240Kb / 2P
   Power Module
SPT5204QL BOURNS-SPT5204QL Datasheet
241Kb / 2P
   Power Module
logo
Cadeka Microcircuits LL...
SPT5220 CADEKA-SPT5220 Datasheet
3Mb / 8P
   10-BIT, 80 MWPS VIDEO DAC
SPT5220SCN CADEKA-SPT5220SCN Datasheet
3Mb / 8P
   10-BIT, 80 MWPS VIDEO DAC
logo
Fairchild Semiconductor
SPT5240 FAIRCHILD-SPT5240 Datasheet
102Kb / 10P
   10-bit, 400 MWPS Current Output Digital-to-Analog Converter
More results

Similar Description - SPT5230

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT5220 CADEKA-SPT5220 Datasheet
3Mb / 8P
   10-BIT, 80 MWPS VIDEO DAC
logo
NXP Semiconductors
TDA8775 PHILIPS-TDA8775 Datasheet
134Kb / 16P
   Triple 10-bit video Digital-to-Analog Converter DAC
1996 Aug 14
logo
Texas Instruments
THS8136 TI-THS8136 Datasheet
480Kb / 17P
[Old version datasheet]   TRIPLE 10-BIT 180-MSPS GRAPHICS AND VIDEO DAC
logo
Exar Corporation
CDK3404 EXAR-CDK3404 Datasheet
927Kb / 11P
   8-bit, 180MSPS, Triple Video DAC
CDK3405 EXAR-CDK3405 Datasheet
934Kb / 11P
   8-bit, 180MSPS, Triple Video DAC
logo
Analog Devices
ADV7123JSTZ330 AD-ADV7123JSTZ330 Datasheet
340Kb / 24P
   CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
REV. D
ADV7123 AD-ADV7123 Datasheet
342Kb / 20P
   CMOS, 240 MHz Triple 10-Bit High Speed Video DAC
REV. B
ADV7123 AD-ADV7123_15 Datasheet
340Kb / 24P
   CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
Rev. D
ADV7123KSTZ140 AD-ADV7123KSTZ140 Datasheet
340Kb / 24P
   CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
Rev. D
ADV7123-EP AD-ADV7123-EP Datasheet
177Kb / 12P
   CMOS, 170 MHz, Triple, 10-Bit High Speed Video DAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com