Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPT5230SCT Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # SPT5230SCT
Description  10-BIT, 36 MWPS TRIPLE VIDEO DAC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SPT5230SCT Datasheet(HTML) 5 Page - Fairchild Semiconductor

  SPT5230SCT Datasheet HTML 1Page - Fairchild Semiconductor SPT5230SCT Datasheet HTML 2Page - Fairchild Semiconductor SPT5230SCT Datasheet HTML 3Page - Fairchild Semiconductor SPT5230SCT Datasheet HTML 4Page - Fairchild Semiconductor SPT5230SCT Datasheet HTML 5Page - Fairchild Semiconductor SPT5230SCT Datasheet HTML 6Page - Fairchild Semiconductor SPT5230SCT Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
5/1/00
SPT5230
Figure 4 – Typical Interface Circuit
SPT5230
26
25
24
23
22
21
20
19
18
17
16
15
14
40
41
42
43
44
45
46
47
48
49
50
51
52
B7
B8
B9 (MSB)
AVSS
N/C
GØ (LSB)
G1
G2
G3
G4
G5
G6
G7
VCS2
VCS1
AVDD
VREF1
AVSS
BOUT
AVSS
GOUT
AVSS
ROUT
AVSS
AVDD
AVDD
1.2 k
AVDD
0.1 µF
20 k
6 k
AVDD
0.1 µF
0.1 µF
0.1 µF
AVDD
AVDD
AVDD
+5 V
1.2 k
AVDD
0.75 k
Figure 5 – Recommended Output Level Shifting Circuit
DAC
1 of 3
AVD
D
75
-
+
Out
-FS
75
75
10
AVD
D
10
NOTE: All three DACs use the
same circuit configuration.


Similar Part No. - SPT5230SCT

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SPT5204Q BOURNS-SPT5204Q Datasheet
240Kb / 2P
   Power Module
SPT5204QL BOURNS-SPT5204QL Datasheet
241Kb / 2P
   Power Module
logo
Cadeka Microcircuits LL...
SPT5220 CADEKA-SPT5220 Datasheet
3Mb / 8P
   10-BIT, 80 MWPS VIDEO DAC
SPT5220SCN CADEKA-SPT5220SCN Datasheet
3Mb / 8P
   10-BIT, 80 MWPS VIDEO DAC
logo
Fairchild Semiconductor
SPT5240 FAIRCHILD-SPT5240 Datasheet
102Kb / 10P
   10-bit, 400 MWPS Current Output Digital-to-Analog Converter
More results

Similar Description - SPT5230SCT

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT5220 CADEKA-SPT5220 Datasheet
3Mb / 8P
   10-BIT, 80 MWPS VIDEO DAC
logo
NXP Semiconductors
TDA8775 PHILIPS-TDA8775 Datasheet
134Kb / 16P
   Triple 10-bit video Digital-to-Analog Converter DAC
1996 Aug 14
logo
Texas Instruments
THS8136 TI-THS8136 Datasheet
480Kb / 17P
[Old version datasheet]   TRIPLE 10-BIT 180-MSPS GRAPHICS AND VIDEO DAC
logo
Exar Corporation
CDK3404 EXAR-CDK3404 Datasheet
927Kb / 11P
   8-bit, 180MSPS, Triple Video DAC
CDK3405 EXAR-CDK3405 Datasheet
934Kb / 11P
   8-bit, 180MSPS, Triple Video DAC
logo
Analog Devices
ADV7123JSTZ330 AD-ADV7123JSTZ330 Datasheet
340Kb / 24P
   CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
REV. D
ADV7123 AD-ADV7123 Datasheet
342Kb / 20P
   CMOS, 240 MHz Triple 10-Bit High Speed Video DAC
REV. B
ADV7123 AD-ADV7123_15 Datasheet
340Kb / 24P
   CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
Rev. D
ADV7123KSTZ140 AD-ADV7123KSTZ140 Datasheet
340Kb / 24P
   CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
Rev. D
ADV7123-EP AD-ADV7123-EP Datasheet
177Kb / 12P
   CMOS, 170 MHz, Triple, 10-Bit High Speed Video DAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com