Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS18LV10245LC Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # CS18LV10245LC
Description  HIgh Speed Super Low Power SRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CS18LV10245LC Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button CS18LV10245LC Datasheet HTML 3Page - List of Unclassifed Manufacturers CS18LV10245LC Datasheet HTML 4Page - List of Unclassifed Manufacturers CS18LV10245LC Datasheet HTML 5Page - List of Unclassifed Manufacturers CS18LV10245LC Datasheet HTML 6Page - List of Unclassifed Manufacturers CS18LV10245LC Datasheet HTML 7Page - List of Unclassifed Manufacturers CS18LV10245LC Datasheet HTML 8Page - List of Unclassifed Manufacturers CS18LV10245LC Datasheet HTML 9Page - List of Unclassifed Manufacturers CS18LV10245LC Datasheet HTML 10Page - List of Unclassifed Manufacturers CS18LV10245LC Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
High Speed Super Low Power SRAM
128K-Word By 8 Bit
CS18LV10245
Rev. 1.2
Copyright 2004 March Chiplus Semiconductor Corp. All rights reserved. .
P 7
AC ELECTRICAL CHARACTERISTICS ( TA = 0 to + 70oC , Vcc = 5.0V )
< READ CYCLE >
-55
-70
JEDEC
Parameter
Name
Parameter
Name
Description
MIN MAX MIN MAX
Unit
tAVAX
tRC
Read Cycle Time
55
70
ns
tAVQV
tAA
Address Access Time
55
70
ns
tELQV
tACS1 Chip Select Access Time (/CE)
55
70
ns
tELQV
tACS2 Chip Select Access Time (CE2)
55
70
ns
tGLQV
tOE
Output Enable to Output Valid
20
30
ns
tE1LQX
tCLZ1
Chip Select to Output Low Z (/CE)
10
10
ns
tE2LOX
tCLZ2
Chip Select to Output Low Z (CE2)
10
10
ns
tGLQX
tOLZ
Output Enable to Output in Low Z
5
5
ns
tEHQZ
tCHZ1
Chip Deselect to Output in High Z (/CE)
0
25
0
30
ns
tEHQZ
tCHZ2
Chip Deselect to Output in High Z (CE2)
0
25
0
30
ns
tGHQZ
tOHZ
Output Disable to Output in High Z
0
25
0
30
ns
tAXOX
tOH
Out Disable to Address Change
10
10
ns


Similar Part No. - CS18LV10245LC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CS18LV02565 ETC1-CS18LV02565 Datasheet
294Kb / 14P
   HIGH SPEED SUPER LOW POWER SRAM
CS18LV02565AAC-55 ETC1-CS18LV02565AAC-55 Datasheet
294Kb / 14P
   HIGH SPEED SUPER LOW POWER SRAM
CS18LV02565AAC-70 ETC1-CS18LV02565AAC-70 Datasheet
294Kb / 14P
   HIGH SPEED SUPER LOW POWER SRAM
CS18LV02565AACR55 ETC1-CS18LV02565AACR55 Datasheet
294Kb / 14P
   HIGH SPEED SUPER LOW POWER SRAM
CS18LV02565AACR70 ETC1-CS18LV02565AACR70 Datasheet
294Kb / 14P
   HIGH SPEED SUPER LOW POWER SRAM
More results

Similar Description - CS18LV10245LC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CS18LV02565 ETC1-CS18LV02565 Datasheet
294Kb / 14P
   HIGH SPEED SUPER LOW POWER SRAM
WS6264 ETC1-WS6264 Datasheet
315Kb / 13P
   High Speed Super Low Power SRAM
logo
Hynix Semiconductor
HY62UF08401C HYNIX-HY62UF08401C Datasheet
152Kb / 10P
   High Speed, Super Low Power and 4Mbit Full CMOS SRAM
logo
List of Unclassifed Man...
CS18LV20483 ETC1-CS18LV20483 Datasheet
757Kb / 16P
   High Speec Super Low Power SRAM
EDI8808CB ETC-EDI8808CB Datasheet
35Kb / 1P
   HIGH SPEED, LOW POWER 64K MONOLITHIC SRAM
logo
Brilliance Semiconducto...
BH616UV1610 BSI-BH616UV1610 Datasheet
130Kb / 10P
   Ultra Low Power/High Speed CMOS SRAM
BH62UV1601 BSI-BH62UV1601_08 Datasheet
221Kb / 9P
   Ultra Low Power/High Speed CMOS SRAM
BH62UV8000 BSI-BH62UV8000 Datasheet
123Kb / 9P
   Ultra Low Power/High Speed CMOS SRAM
logo
Fuji Electric
ERC90 FUJI-ERC90 Datasheet
1Mb / 3P
   LOW LOSS SUPER HIGH SPEED RECTIFIER
ERC90M-03 FUJI-ERC90M-03 Datasheet
74Kb / 4P
   LOW LOSS SUPER HIGH SPEED RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com