Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2471AQDRQ1 Datasheet(PDF) 1 Page - Texas Instruments

Part # TLV2471AQDRQ1
Description  FAMILY OF 600-uA.CH 2.8-HHz RAIL-TO-RAIL INPUT-OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2471AQDRQ1 Datasheet(HTML) 1 Page - Texas Instruments

  TLV2471AQDRQ1 Datasheet HTML 1Page - Texas Instruments TLV2471AQDRQ1 Datasheet HTML 2Page - Texas Instruments TLV2471AQDRQ1 Datasheet HTML 3Page - Texas Instruments TLV2471AQDRQ1 Datasheet HTML 4Page - Texas Instruments TLV2471AQDRQ1 Datasheet HTML 5Page - Texas Instruments TLV2471AQDRQ1 Datasheet HTML 6Page - Texas Instruments TLV2471AQDRQ1 Datasheet HTML 7Page - Texas Instruments TLV2471AQDRQ1 Datasheet HTML 8Page - Texas Instruments TLV2471AQDRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
TLV247xQ1, TLV247xAQ1
FAMILY OF 600 µA/Ch 2.8MHz RAILTORAIL INPUT/OUTPUT
HIGHDRIVE OPERATIONAL AMPLIFIERS
SGLS180A − AUGUST 2003 − REVISED OCTOBER 2004
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Qualification in Accordance With
AEC-Q100
D Qualified for Automotive Applications
D Customer-Specific Configuration Control
Can Be Supported Along With
Major-Change Approval
D ESD Protection Exceeds 2000 V Per
MIL-STD-883, Method 3015; Exceeds 200 V
Using Machine Model (C = 200 pF, R = 0)
D CMOS Rail-To-Rail Input/Output
D Input Bias Current... 2.5 pA
D Low Supply Current . . . 600 µA/Channel
D Gain-Bandwidth Product . . . 2.8 MHz
† Contact Texas Instruments for details. Q100 qualification data
available on request.
D High Output Drive Capability
±10 mA at 180 mV
±35 mA at 500 mV
D Input Offset Voltage . . . 250 µV (typ)
D Supply Voltage Range . . . 2.7 V to 6 V
description
The TLV247x is a family of CMOS rail-to-rail input/output operational amplifiers that establishes a new
performance point for supply current versus ac performance. These devices consume just 600
µA/channel
while offering 2.8 MHz of gain-bandwidth product. Along with increased ac performance, the amplifier provides
high output drive capability, solving a major shortcoming of older micropower operational amplifiers. The
TLV247x can swing to within 180 mV of each supply rail while driving a 10-mA load. For non-RRO applications,
the TLV247x can supply
±35 mA at 500 mV off the rail. Both the inputs and outputs swing rail-to-rail for increased
dynamic range in low-voltage applications. This performance makes the TLV247x family ideal for sensor
interface, portable medical equipment, and other data acquisition circuits.
The family is fully specified at 3 V and 5 V across the automotive temperature range (− 40
°C to 125°C).
FAMILY TABLE
DEVICE
NUMBER OF
UNIVERSAL EVM
DEVICE
NUMBER OF
CHANNELS
UNIVERSAL EVM
BOARD
TLV2471
1
See the EVM
TLV2472
2
See the EVM
selection guide
(SLOU060)
TLV2474
4
selection guide
(SLOU060)
A SELECTION OF SINGLE-SUPPLY OPERATIONAL AMPLIFIER PRODUCTS‡
DEVICE
VDD
(V)
VIO
(
µV)
BW
(MHz)
SLEW RATE
(V/
µs)
IDD (per channel)
(
µA)
OUTPUT
DRIVE
RAIL-TO-RAIL
TLV247X
2.7 − 6
250
2.8
1.5
600
±35 mA
I/O
TLV245X
2.7 − 6
20
0.22
0.11
23
±10 mA
I/O
TLV246X
2.7 − 6
150
6.4
1.6
550
±90 mA
I/O
TLV277X
2.5 − 6
360
5.1
10.5
1000
±10 mA
O
‡ All specifications measured at 5 V.
Copyright
 2004 Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
8
7
6
5
NC
IN −
IN +
GND
NC
VDD
OUT
NC
TLV2471
D PACKAGE
(TOP VIEW)


Similar Part No. - TLV2471AQDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2471AQDRQ1 TI1-TLV2471AQDRQ1 Datasheet
780Kb / 31P
[Old version datasheet]   FAMILY OF 600-關A/Ch 2.8-MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS
TLV2471AQDRQ1 TI1-TLV2471AQDRQ1 Datasheet
1Mb / 34P
[Old version datasheet]   FAMILY OF 600-uA.CH 2.8-HHz RAIL-TO-RAIL INPUT-OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS
More results

Similar Description - TLV2471AQDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV247X-Q1 TI1-TLV247X-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   FAMILY OF 600-uA.CH 2.8-HHz RAIL-TO-RAIL INPUT-OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS
TLV2471-Q1 TI1-TLV2471-Q1 Datasheet
780Kb / 31P
[Old version datasheet]   FAMILY OF 600-關A/Ch 2.8-MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS
TLV2470 TI-TLV2470 Datasheet
1Mb / 41P
[Old version datasheet]   FAMILY OF 600-mA/Ch 2.8-MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
Unisonic Technologies
V2462 UTC-V2462 Datasheet
200Kb / 8P
   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TLV2382 TI-TLV2382 Datasheet
276Kb / 12P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
TLV2381 TI1-TLV2381_15 Datasheet
637Kb / 20P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
LV2460 UTC-LV2460 Datasheet
240Kb / 8P
   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
LV2462 UTC-LV2462 Datasheet
331Kb / 8P
   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TLV2381 TI1-TLV2381_12 Datasheet
663Kb / 20P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
LV2464 UTC-LV2464 Datasheet
244Kb / 7P
   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com