Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD5V0L7BS Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PESD5V0L7BS
Description  Low capacitance 7-fold bidirectional ESD protection diode arrays
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESD5V0L7BS Datasheet(HTML) 1 Page - NXP Semiconductors

  PESD5V0L7BS Datasheet HTML 1Page - NXP Semiconductors PESD5V0L7BS Datasheet HTML 2Page - NXP Semiconductors PESD5V0L7BS Datasheet HTML 3Page - NXP Semiconductors PESD5V0L7BS Datasheet HTML 4Page - NXP Semiconductors PESD5V0L7BS Datasheet HTML 5Page - NXP Semiconductors PESD5V0L7BS Datasheet HTML 6Page - NXP Semiconductors PESD5V0L7BS Datasheet HTML 7Page - NXP Semiconductors PESD5V0L7BS Datasheet HTML 8Page - NXP Semiconductors PESD5V0L7BS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1.
Product profile
1.1 General description
Low capacitance 7-fold bidirectional ESD protection diode arrays in small plastic
packages designed for the protection of up to seven transmission or data lines from
damage caused by ElectroStatic Discharge (ESD) and other transients.
1.2 Features
1.3 Applications
1.4 Quick reference data
PESD5V0L7BAS;
PESD5V0L7BS
Low capacitance 7-fold bidirectional ESD protection diode
arrays
Rev. 02 — 25 November 2004
Product data sheet
Table 1:
Product overview
Type number
Package
Name
Philips
PESD5V0L7BAS
TSSOP8
SOT505-1
PESD5V0L7BS
SO8
SOT96-1
s ESD protection of up to seven lines
s Ultra low leakage current: IRM = 3 nA
s Low diode capacitance
s ESD protection of up to 10 kV
s Max. peak pulse power: Ppp = 35 W
s IEC 61000-4-2, level 4 (ESD)
s Low clamping voltage: V(CL)R = 17 V
s IEC 61000-4-5 (surge); Ipp = 2.5 A.
s Computers and peripherals
s High speed data lines
s Communication systems
s Parallel ports.
s Audio and video equipment
Table 2:
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VRWM
reverse stand-off voltage
-
-
5
V
Cd
diode capacitance
VR = 0 V;
f = 1 MHz
-
8
10
pF


Similar Part No. - PESD5V0L7BS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5V0L7BS NXP-PESD5V0L7BS Datasheet
109Kb / 14P
   Low capacitance 7-fold bidirectional ESD protection diode arrays
Rev. 03-20 August 2009
logo
Nexperia B.V. All right...
PESD5V0L7BS NEXPERIA-PESD5V0L7BS Datasheet
166Kb / 15P
   Low capacitance 7-fold bidirectional ESD protection diode arrays
Rev. 4 - 23 June 2010
More results

Similar Description - PESD5V0L7BS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5V0L7BAS NXP-PESD5V0L7BAS Datasheet
109Kb / 14P
   Low capacitance 7-fold bidirectional ESD protection diode arrays
Rev. 03-20 August 2009
logo
Nexperia B.V. All right...
PESD5V0L7BAS NEXPERIA-PESD5V0L7BAS Datasheet
166Kb / 15P
   Low capacitance 7-fold bidirectional ESD protection diode arrays
Rev. 4 - 23 June 2010
logo
NXP Semiconductors
PESD5V0L6US PHILIPS-PESD5V0L6US Datasheet
97Kb / 14P
   Low capacitance 6-fold ESD protection diode arrays
Rev. 02-9 November 2004
logo
Pan Jit International I...
PJESD5V6LC-5W PANJIT-PJESD5V6LC-5W Datasheet
206Kb / 4P
   LOW CAPACITANCE 5-FOLD ESD PROTECTION DIODE ARRAYS
logo
NXP Semiconductors
PESD5V0L6UAS NXP-PESD5V0L6UAS Datasheet
109Kb / 14P
   Low capacitance 6-fold ESD protection diode arrays
Rev. 03-18 August 2009
logo
Nexperia B.V. All right...
PESD5V0L6UAS NEXPERIA-PESD5V0L6UAS Datasheet
108Kb / 14P
   Low capacitance 6-fold ESD protection diode arrays
Rev. 03 - 18 August 2009
logo
NXP Semiconductors
PESD3V3L5UY PHILIPS-PESD3V3L5UY Datasheet
87Kb / 11P
   Low capacitance 5-fold ESD protection diode arrays in SOT363 package
2004 Mar 23
PESD5V0L5UV PHILIPS-PESD5V0L5UV Datasheet
85Kb / 11P
   Low capacitance 5-fold ESD protection diode arrays in SOT666 package
2004 Mar 23
PESD5V0U5BF NXP-PESD5V0U5BF Datasheet
90Kb / 12P
   Ultra low capacitance bidirectional fivefold ESD protection arrays
Rev. 01-15 August 2008
PESD5V0U4BF PHILIPS-PESD5V0U4BF Datasheet
90Kb / 12P
   Ultra low capacitance bidirectional quadruple ESD protection arrays
Rev. 01-15 August 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com