Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD5V2S18U Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PESD5V2S18U
Description  ESD protection array
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESD5V2S18U Datasheet(HTML) 4 Page - NXP Semiconductors

  PESD5V2S18U Datasheet HTML 1Page - NXP Semiconductors PESD5V2S18U Datasheet HTML 2Page - NXP Semiconductors PESD5V2S18U Datasheet HTML 3Page - NXP Semiconductors PESD5V2S18U Datasheet HTML 4Page - NXP Semiconductors PESD5V2S18U Datasheet HTML 5Page - NXP Semiconductors PESD5V2S18U Datasheet HTML 6Page - NXP Semiconductors PESD5V2S18U Datasheet HTML 7Page - NXP Semiconductors PESD5V2S18U Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2003 Apr 28
4
Philips Semiconductors
Product specification
ESD protection array
PESD5V2S18U
handbook, halfpage
103
102
10
MHC485
10−2
10−1
110
tp (ms)
PZSM
(W)
Fig.2
Maximum non-repetitive peak reverse
power as a function of pulse duration.
handbook, halfpage
102
10
1
MHC486
10−2
10−1
110
tp (ms)
IZSM
(A)
Fig.3
Maximum non-repetitive peak reverse
current as a function of pulse duration.
handbook, halfpage
40
01
Cd
(pF)
35
VR (V)
26
50
60
70
80
90
100
110
4
MHC487
Fig.4
Diode capacitance as a function of reverse
voltage; typical values.
f = 1 MHz; Tamb =25 °C
handbook, halfpage
3
5
6
789
10
4
11
10
8
7
9
MHC488
VCL
(V)
IPP(A)
Fig.5
Clamping voltage as a function of peak
reverse pulse current; typical values.
tp = 8/20 µs


Similar Part No. - PESD5V2S18U

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5V2S18U NXP-PESD5V2S18U Datasheet
147Kb / 8P
   ESD protection array
2003 Apr 28
More results

Similar Description - PESD5V2S18U

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TESDF5V0AU TSC-TESDF5V0AU Datasheet
202Kb / 4P
   ESD Protection Array
logo
Comchip Technology
CSRS065V0-G COMCHIP-CSRS065V0-G Datasheet
137Kb / 4P
   ESD Protection Array
logo
Taiwan Semiconductor Co...
TESDF5V0AU TSC-TESDF5V0AU_15 Datasheet
264Kb / 5P
   ESD Protection Array
logo
NXP Semiconductors
PESD5V2S18U NXP-PESD5V2S18U Datasheet
147Kb / 8P
   ESD protection array
2003 Apr 28
logo
Comchip Technology
CSRS065V0-G COMCHIP-CSRS065V0-G_12 Datasheet
108Kb / 4P
   ESD Protection Array
logo
SeCoS Halbleitertechnol...
KS05V4 SECOS-KS05V4 Datasheet
337Kb / 3P
   Integrated ESD Protection array
logo
Jinan Jing Heng Electro...
ESDT6L23A5V04R JINGHENG-ESDT6L23A5V04R Datasheet
526Kb / 4P
   ESD Protection Diode Array
logo
Vishay Siliconix
GMF05C VISHAY-GMF05C Datasheet
142Kb / 4P
   ESD Protection Diode Array
Rev. 1.1, 02-Mar-05
logo
SeCoS Halbleitertechnol...
KS05V4 SECOS-KS05V4_15 Datasheet
99Kb / 3P
   Integrated ESD Protection Array
logo
Jinan Jing Heng Electro...
ESDT23A5V02V JINGHENG-ESDT23A5V02V Datasheet
489Kb / 4P
   ESD Protection Diode Array
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com