Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF1001G Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SF1001G
Description  10.0 AMPS. Glass Passivated Super Fast Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SF1001G Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SF1001G Datasheet HTML 1Page - List of Unclassifed Manufacturers SF1001G Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 222 -
SF1001G THRU SF1008G
10.0 AMPS. Glass Passivated Super Fast Rectifiers
Voltage Range
50 to 600 Volts
Current
10.0 Amperes
Features
Low forward voltage drop
High current capability
High reliability
High surge current capability
Mechanical Data
Case: Molded plastic
Epoxy: UL 94V-O rate flame retardant
Terminals: Leads solderable per MIL-STD-
202, Method 208 guaranteed
Polarity: As marked
High temperature soldering guaranteed:
260
oC/10 seconds .16”,(4.06mm) from
case.
Weight: 2.24 grams
TO-220
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol
SF
1001G
SF
1002G
SF
1003G
SF
1004G
SF
1005G
SF
1006G
SF
1007G
SF
1008G
Units
Maximum Recurrent Peak Reverse
Voltage
VRRM
50
100
150
200
300
400
500
600
V
Maximum RMS Voltage
VRMS
35
70
105
140
210
280
350
480
V
Maximum DC Blocking Voltage
VDC
50
100
150
200
300
400
500
600
V
Maximum Average Forward Rectified
Current .375 (9.5mm) Lead Length
@TC = 100
I(AV)
10.0
A
Peak Forward Surge Current, 8.3 ms
Single Half Sine-wave Superimposed on
Rated Load (JEDEC method )
IFSM
125
A
Maximum Instantaneous Forward Voltage
@ 5.0A
VF
0.975
1.3
1.7
V
Maximum DC Reverse Current
@ TA=25
℃at Rated DC Blocking Voltage
@ TA=100
IR
10.0
400
uA
uA
Maximum Reverse Recovery Time
(Note 1)
Trr
35
nS
Typical Junction Capacitance (Note 2)
Cj
70
50
pF
Typical Thermal Resistance (Note 3)
R
θJC
3.5
℃/W
Operating Temperature Range
TJ
-65 to +150
Storage Temperature Range
TSTG
-65 to +150
Notes: 1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 V D.C.
3. Mounted on Heatsink Size of 2 in x 3 in x 0.25 in Al-plate..
PIN 1
PIN 3
Positive CT
PIN 2
CASE


Similar Part No. - SF1001G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SF1001G TSC-SF1001G Datasheet
100Kb / 2P
   10.0 AMPS. Glass Passivated Super Fast Rectifiers
SF1001G TSC-SF1001G Datasheet
346Kb / 2P
   10.0 AMPS. Glass Passivated Super Fast Rectifiers
SF1001G TSC-SF1001G Datasheet
195Kb / 2P
   10.0AMPS. Glass Passivated Super Fast Rectifiers
logo
Shenzhen Luguang Electr...
SF1001G LUGUANG-SF1001G Datasheet
242Kb / 2P
   10.0AMP. Glass Passivated Super Fast Rectifiers
logo
Taiwan Semiconductor Co...
SF1001G TSC-SF1001G Datasheet
399Kb / 3P
   10.0AMPS. Glass Passivated Super Fast Rectifiers
More results

Similar Description - SF1001G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SF1001G TSC-SF1001G Datasheet
100Kb / 2P
   10.0 AMPS. Glass Passivated Super Fast Rectifiers
SFA1001G TSC-SFA1001G Datasheet
260Kb / 2P
   10.0 AMPS. Glass Passivated Super Fast Rectifiers
SF1004G-Q1 TSC-SF1004G-Q1 Datasheet
96Kb / 2P
   10.0 AMPS. Glass Passivated Super Fast Rectifiers
SF1001G TSC-SF1001G_1 Datasheet
346Kb / 2P
   10.0 AMPS. Glass Passivated Super Fast Rectifiers
SFF1001G TSC-SFF1001G_1 Datasheet
334Kb / 2P
   Isolation 10.0 AMPS. Glass Passivated Super Fast Rectifiers
SFAF1001G TSC-SFAF1001G_1 Datasheet
273Kb / 2P
   Isolated 10.0 AMPS. Glass Passivated Super Fast Rectifiers
SFAF1001G TSC-SFAF1001G_10 Datasheet
633Kb / 2P
   Isolated 10.0 AMPS. Glass Passivated Super Fast Rectifiers
SFAF1001G TSC-SFAF1001G Datasheet
87Kb / 2P
   Isolation 10.0 AMPS. Glass Passivated Super Fast Rectifiers
SFF1001G TSC-SFF1001G Datasheet
116Kb / 2P
   Isolation 10.0 AMPS. Glass Passivated Super Fast Rectifiers
GP1001 TSC-GP1001_10 Datasheet
545Kb / 2P
   10.0 AMPS. Glass Passivated Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com