Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF1006G Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SF1006G
Description  10.0 AMPS. Glass Passivated Super Fast Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SF1006G Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SF1006G Datasheet HTML 1Page - List of Unclassifed Manufacturers SF1006G Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
- 223 -
FIG.3- TYPICAL REVERSE CHARACTERISTICS
0
20
40
60
80
100
120
140
1000
0.1
1.0
10
100
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
TC=25 C
0
TC=100 C
0
FIG.1- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50
W
NONINDUCTIVE
1W
NON
INDUCTIVE
OSCILLOSCOPE
(NOTE 1)
PULSE
GENERATOR
(NOTE 2)
DUT
(+)
50Vdc
(approx)
(-)
NOTES: 1. Rise Time=7ns max. Input Impedance=
1 megohm 22pf
2. Rise Time=10ns max. Sourse Impedance=
50 ohms
(-)
(+)
10
W
NONINDUCTIVE
-1.0A
-0.25A
0
+0.5A
trr
1cm
SET TIME BASE FOR
5/ 10ns/ cm
RATINGS AND CHARACTERISTIC CURVES (SF1001G THRU SF1008G)
FIG.2- MAXIMUM FORWARD CURRENT DERATING
CURVE
0
50
100
150
0
4
8
12
16
20
CASE TEMPERATURE. ( C)
o
FIG.4- MAXIMUM NON-REPETITIVE FORWARD SURGE
CURRENT PER LEG
1
2
5
10
20
100
50
30
120
90
60
NUMBER OF CYCLES AT 60Hz
TC=125 C
0
8.3ms Single Half Sine Wave
JEDEC Method
FIG.5- TYPICAL JUNCTION CAPACITANCE PER LEG
15
2
10
20
50
100
200
500
50
60
70
80
90
100
REVERSE VOLTAGE. (V)
Tj=25 C
0
FIG.6- TYPICAL FORWARD CHARACTERISTICS
PER LEG
.4
.6
.8
1.0
1.2
1.4
1.6
1.8
.01
0.1
.03
1.0
0.3
10
3.0
30
100
FORWARD VOLTAGE. (V)
Tj=25 C
Pulse Width=300 s
1% Duty Cycle
o
SF1005G~SF1006G
SF1007G~SF1008G


Similar Part No. - SF1006G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SF1006G TSC-SF1006G Datasheet
100Kb / 2P
   10.0 AMPS. Glass Passivated Super Fast Rectifiers
SF1006G TSC-SF1006G Datasheet
346Kb / 2P
   10.0 AMPS. Glass Passivated Super Fast Rectifiers
SF1006G TSC-SF1006G Datasheet
195Kb / 2P
   10.0AMPS. Glass Passivated Super Fast Rectifiers
logo
Shenzhen Luguang Electr...
SF1006G LUGUANG-SF1006G Datasheet
242Kb / 2P
   10.0AMP. Glass Passivated Super Fast Rectifiers
logo
Thinki Semiconductor Co...
SF1006G THINKISEMI-SF1006G Datasheet
620Kb / 2P
   10.0 Ampere Dual Doubler Tandem Super Fast Recovery Rectifiers
More results

Similar Description - SF1006G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SF1001G TSC-SF1001G Datasheet
100Kb / 2P
   10.0 AMPS. Glass Passivated Super Fast Rectifiers
SFA1001G TSC-SFA1001G Datasheet
260Kb / 2P
   10.0 AMPS. Glass Passivated Super Fast Rectifiers
SF1004G-Q1 TSC-SF1004G-Q1 Datasheet
96Kb / 2P
   10.0 AMPS. Glass Passivated Super Fast Rectifiers
SF1001G TSC-SF1001G_1 Datasheet
346Kb / 2P
   10.0 AMPS. Glass Passivated Super Fast Rectifiers
SFF1001G TSC-SFF1001G_1 Datasheet
334Kb / 2P
   Isolation 10.0 AMPS. Glass Passivated Super Fast Rectifiers
SFAF1001G TSC-SFAF1001G_1 Datasheet
273Kb / 2P
   Isolated 10.0 AMPS. Glass Passivated Super Fast Rectifiers
SFAF1001G TSC-SFAF1001G_10 Datasheet
633Kb / 2P
   Isolated 10.0 AMPS. Glass Passivated Super Fast Rectifiers
SFAF1001G TSC-SFAF1001G Datasheet
87Kb / 2P
   Isolation 10.0 AMPS. Glass Passivated Super Fast Rectifiers
SFF1001G TSC-SFF1001G Datasheet
116Kb / 2P
   Isolation 10.0 AMPS. Glass Passivated Super Fast Rectifiers
GP1001 TSC-GP1001_10 Datasheet
545Kb / 2P
   10.0 AMPS. Glass Passivated Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com