Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADN2820 Datasheet(PDF) 1 Page - Analog Devices

Part # ADN2820
Description  10.7 Gbps, 3.3V, Low Noise, TIA with Average Power Moniter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2820 Datasheet(HTML) 1 Page - Analog Devices

  ADN2820 Datasheet HTML 1Page - Analog Devices ADN2820 Datasheet HTML 2Page - Analog Devices ADN2820 Datasheet HTML 3Page - Analog Devices ADN2820 Datasheet HTML 4Page - Analog Devices ADN2820 Datasheet HTML 5Page - Analog Devices ADN2820 Datasheet HTML 6Page - Analog Devices ADN2820 Datasheet HTML 7Page - Analog Devices ADN2820 Datasheet HTML 8Page - Analog Devices ADN2820 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
10.7 Gbps, 3.3 V, Low Noise,
TIA with Average Power Monitor
ADN2820
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2003 Analog Devices, Inc. All rights reserved.
FEATURES
Technology: high performance SiGe
Bandwidth: 9 GHz
Input noise current density: 1.0 µA
Optical sensitivity: –19.3 dBm
Differential transimpedance: 5000 V/A
Power dissipation: 200 mW
Input current overload: 2.8 mA p-p
Linear input range: 0.15 mA p-p
Output resistance: 50 Ω/side
Output offset adjustment range: 240 mV
Average input power monitor: 1 V/mA
Die size: 0.87 mm × 1.06 mm
APPLICATIONS
10.7 Gbps optical modules
SONET/SDH OC-192/STM-64 and 10 GbE
receivers, transceivers, and transponders
PRODUCT DESCRIPTION
The ADN2820 is a compact, high performance, 3.3 V power
supply SiGe transimpedance amplifier (TIA) optimized for
10 Gbps Metro-Access and Ethernet systems. It is a single chip
solution for detecting photodiode current with a differential
output voltage. The ADN2820 features low input referred noise
current and high output transimpedance gain, capable of
driving a typical CDR or transceiver directly. A POWMON
output is provided for input average power monitoring and
alarm generation. Low nominal output offset enables dc output
coupling to 3.3 V circuits. The OFFSET control input enables
output slice level adjustment for asymmetric input signals. The
ADN2820 operates with a 3.3 V power supply and is available in
die form.
FUNCTIONAL BLOCK DIAGRAM
RF
3.3V
CF
CB
RF = 500Ω
VCC (1,2,3)
IN (13)'
GND (10, 11)
GND (4,7)
0.85V
20mA
AV = 20dB
50
50
CLF
CLF (9)
POWMON (8)
OUT (5)
OUTB (6)
OFFSET (14)
h
υ
03194-0-001
Figure 1. Functional Block Diagram/Typical Operating Circuit


Similar Part No. - ADN2820

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2820 AD-ADN2820_15 Datasheet
805Kb / 12P
   10.7 Gbps, 3.3 V, Low Noise, TIA with Average Power Monitor
REV. 0
More results

Similar Description - ADN2820

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2820 AD-ADN2820_15 Datasheet
805Kb / 12P
   10.7 Gbps, 3.3 V, Low Noise, TIA with Average Power Monitor
REV. 0
logo
Unity Opto Technology
MCD-8T4C-511 UOT-MCD-8T4C-511 Datasheet
88Kb / 2P
   2.5 Gbps PIN-TIA (850nm) 3.3V
logo
Optoway Technology Inc
PT-7130 OPTOWAY-PT-7130 Datasheet
91Kb / 2P
   3.3V / 1.25 Gbps InGaAs PIN-TIA
PT-9330 OPTOWAY-PT-9330_09 Datasheet
100Kb / 3P
   3.3V / 2.5 Gbps InGaAs PIN-TIA Receiver InGaAs PIN-TIA WITH PIGTAIL
PT-9130 OPTOWAY-PT-9130 Datasheet
91Kb / 2P
   3.3V / 2.5 Gbps InGaAs PIN-TIA
PT-7330 OPTOWAY-PT-7330_09 Datasheet
103Kb / 3P
   3.3V / 1.25 Gbps InGaAs PIN-TIA Receiver InGaAs PIN-TIA WITH PIGTAIL
PT-7330 OPTOWAY-PT-7330 Datasheet
147Kb / 4P
   3.3V / 1.25 Gbps InGaAs PIN-TIA Receiver InGaAs PIN-TIA WITH PIGTAIL
PT-9530 OPTOWAY-PT-9530 Datasheet
112Kb / 2P
   3.3V / 2.5 Gbps InGaAs PIN-TIA Receiver InGaAs PIN-TIA WITH RECEPTACLE
PT-9330 OPTOWAY-PT-9330 Datasheet
112Kb / 2P
   3.3V / 2.5 Gbps InGaAs PIN-TIA Receiver
logo
Unity Opto Technology
MCD-8T4C-313 UOT-MCD-8T4C-313 Datasheet
84Kb / 2P
   1.25 Gbps PIN-TIA (850nm) 3.3V & 5V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com