Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADN2820ACHIPS Datasheet(PDF) 6 Page - Analog Devices

Part # ADN2820ACHIPS
Description  10.7 Gbps, 3.3V, Low Noise, TIA with Average Power Moniter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2820ACHIPS Datasheet(HTML) 6 Page - Analog Devices

Back Button ADN2820ACHIPS Datasheet HTML 2Page - Analog Devices ADN2820ACHIPS Datasheet HTML 3Page - Analog Devices ADN2820ACHIPS Datasheet HTML 4Page - Analog Devices ADN2820ACHIPS Datasheet HTML 5Page - Analog Devices ADN2820ACHIPS Datasheet HTML 6Page - Analog Devices ADN2820ACHIPS Datasheet HTML 7Page - Analog Devices ADN2820ACHIPS Datasheet HTML 8Page - Analog Devices ADN2820ACHIPS Datasheet HTML 9Page - Analog Devices ADN2820ACHIPS Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADN2820
Rev. 0 | Page 6 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
–0.25
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
0.20
0.25
OFFSET CONTROL INPUT (V)
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3.0
3.3
Figure 3. VOUT Differential vs. OFFSET Adjust
0.001
1
0.1
10
IIN (µA)
10
1
100
1k
10k
Figure 4. VPOWMON vs. IIN
START .050 000 000GHz
STOP 20.000 000 000GHz
CH1
S21
LOG
5dB/REF 0dB
2:11.571dB
8.156 326 057GHz
CH1 MARKERS
1:14.563 dB
100.000 MHz
1
2
Figure 5. ADN2820 S21
–50
–45
–40
–35
–30
–25
–20
–15
–10
FREQUENCY (GHz)
0.01
0.1
1
Figure 6. Differential S22 vs. Frequency
0
200
400
600
800
1000
1200
1.0
1.5
0
0.5
2.0
2.5
3.0
INPUT CURRENT (mA p-p)
Figure 7. Output Voltage vs. Input Current
50
55
60
65
70
75
80
1.0
1.5
0
0.5
2.0
2.5
3.0
INPUT CURRENT (mA p-p)
Figure 8. Transimpedance Gain vs. Input Current


Similar Part No. - ADN2820ACHIPS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2820 AD-ADN2820_15 Datasheet
805Kb / 12P
   10.7 Gbps, 3.3 V, Low Noise, TIA with Average Power Monitor
REV. 0
More results

Similar Description - ADN2820ACHIPS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2820 AD-ADN2820_15 Datasheet
805Kb / 12P
   10.7 Gbps, 3.3 V, Low Noise, TIA with Average Power Monitor
REV. 0
logo
Unity Opto Technology
MCD-8T4C-511 UOT-MCD-8T4C-511 Datasheet
88Kb / 2P
   2.5 Gbps PIN-TIA (850nm) 3.3V
logo
Optoway Technology Inc
PT-7130 OPTOWAY-PT-7130 Datasheet
91Kb / 2P
   3.3V / 1.25 Gbps InGaAs PIN-TIA
PT-9330 OPTOWAY-PT-9330_09 Datasheet
100Kb / 3P
   3.3V / 2.5 Gbps InGaAs PIN-TIA Receiver InGaAs PIN-TIA WITH PIGTAIL
PT-9130 OPTOWAY-PT-9130 Datasheet
91Kb / 2P
   3.3V / 2.5 Gbps InGaAs PIN-TIA
PT-7330 OPTOWAY-PT-7330_09 Datasheet
103Kb / 3P
   3.3V / 1.25 Gbps InGaAs PIN-TIA Receiver InGaAs PIN-TIA WITH PIGTAIL
PT-7330 OPTOWAY-PT-7330 Datasheet
147Kb / 4P
   3.3V / 1.25 Gbps InGaAs PIN-TIA Receiver InGaAs PIN-TIA WITH PIGTAIL
PT-9530 OPTOWAY-PT-9530 Datasheet
112Kb / 2P
   3.3V / 2.5 Gbps InGaAs PIN-TIA Receiver InGaAs PIN-TIA WITH RECEPTACLE
PT-9330 OPTOWAY-PT-9330 Datasheet
112Kb / 2P
   3.3V / 2.5 Gbps InGaAs PIN-TIA Receiver
logo
Unity Opto Technology
MCD-8T4C-313 UOT-MCD-8T4C-313 Datasheet
84Kb / 2P
   1.25 Gbps PIN-TIA (850nm) 3.3V & 5V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com