Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM3002-33SF Datasheet(PDF) 7 Page - California Micro Devices Corp

Part # CM3002-33SF
Description  Micropower 1.0A Low Dropout CMOS Regulators
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM3002-33SF Datasheet(HTML) 7 Page - California Micro Devices Corp

Back Button CM3002-33SF Datasheet HTML 3Page - California Micro Devices Corp CM3002-33SF Datasheet HTML 4Page - California Micro Devices Corp CM3002-33SF Datasheet HTML 5Page - California Micro Devices Corp CM3002-33SF Datasheet HTML 6Page - California Micro Devices Corp CM3002-33SF Datasheet HTML 7Page - California Micro Devices Corp CM3002-33SF Datasheet HTML 8Page - California Micro Devices Corp CM3002-33SF Datasheet HTML 9Page - California Micro Devices Corp CM3002-33SF Datasheet HTML 10Page - California Micro Devices Corp CM3002-33SF Datasheet HTML 11Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
08/16/04
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
▲ Tel: 408.263.3214
▲ Fax: 408.263.7846
▲ www.calmicro.com
7
CM3002
Performance Information (cont’d)
CM3002-25SA/SF Typical DC Characteristics (nominal conditions unless specified otherwise)
0
100
200
300
400
500
600
012345
VCC [V]
0
100
200
300
400
500
600
012345
Line Regulation (rated 1.0 Amp Load)
2.40
2.42
2.44
2.46
2.48
2.50
2.52
2.54
2.56
2.58
2.60
3.0
3.1
3.2
3.3
3.4
3.5
3.6
Ground Current vs. Output Load
0
100
200
300
400
500
600
0
200
400
600
800
1000
Load Current [mA]
Load Regulation
2.48
2.49
2.50
2.51
2.52
0
250
500
750
1000
1250
Load Current [mA]
Current Limiting Protection
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
500
1000
1500
2000
Load Current [mA]
Supply Current vs. Voltage (EN=VCC)
Supply Current vs. Voltage (EN=GND)
VCC [V]
VCC [V]


Similar Part No. - CM3002-33SF

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM3001 CALMIRCO-CM3001 Datasheet
199Kb / 7P
   Micropower 500mA Low Voltage CMOS Regulator
CM3001-13MA CALMIRCO-CM3001-13MA Datasheet
199Kb / 7P
   Micropower 500mA Low Voltage CMOS Regulator
CM3003 CALMIRCO-CM3003 Datasheet
191Kb / 11P
   1.5 Amp Dual Mode Low Dropout CMOS Regulator
CM3003-18 CALMIRCO-CM3003-18 Datasheet
191Kb / 11P
   1.5 Amp Dual Mode Low Dropout CMOS Regulator
CM3003-18SA CALMIRCO-CM3003-18SA Datasheet
191Kb / 11P
   1.5 Amp Dual Mode Low Dropout CMOS Regulator
More results

Similar Description - CM3002-33SF

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM66100 GAMMA-GM66100_14 Datasheet
198Kb / 12P
   1.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
logo
Weitron Technology
WT1117A WEITRON-WT1117A Datasheet
652Kb / 11P
   1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
Gamma Microelectronics ...
GM1117 GAMMA-GM1117 Datasheet
227Kb / 13P
   1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
GM6610X GAMMA-GM6610X Datasheet
198Kb / 12P
   1.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
logo
FOSLINK SEMICONDUCTOR C...
FSP2114 FOSLINK-FSP2114 Datasheet
334Kb / 8P
   CMOS LOW DROPOUT REGULATORS
logo
National Semiconductor ...
LP2960 NSC-LP2960 Datasheet
452Kb / 17P
   Adjustable Micropower 0.5A Low-Dropout Regulators
logo
Linear Technology
LT1129IST-3-3 LINER-LT1129IST-3-3 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
logo
National Semiconductor ...
LP2956A NSC-LP2956A Datasheet
654Kb / 20P
   Dual Micropower Low-Dropout Voltage Regulators
logo
Linear Integrated Syste...
LT1129 LINEAR-LT1129_1 Datasheet
175Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
logo
Linear Technology
LT1129 LINER-LT1129 Datasheet
276Kb / 12P
   Micropower Low Dropout Regulators with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com