Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES2H Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ES2H
Description  2.0 AMPS. Super Fast Surface Mount Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ES2H Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ES2H Datasheet HTML 1Page - List of Unclassifed Manufacturers ES2H Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 168 -
.082(2.08)
.076(1.93)
.012(.31)
.006(.15)
.012(.31)
.006(.15)
.008(.20)
.004(.10)
.056(1.41)
.035(0.90)
.147(3.73)
.137(3.48)
.187(4.75)
.167(4.25)
.103(2.61)
.078(1.99)
.208(5.28)
.200(5.08)
ES2A THRU ES2J
2.0 AMPS. Super Fast Surface Mount Rectifiers
Voltage Range
50 to 600 Volts
Current
2.0 Amperes
Features
Glass passivated junction chip
For surface mounted application
Low profile package
Built-in strain relief
Ideal for automated placement
Easy pick and place
Superfast recovery time for high efficiency
Glass passivated chip junction
High temperature soldering:
260
OC/10 seconds at terminals
Plastic material used carries Underwriters
Laboratory Classification 94V-O
Mechanical Data
Cases: Molded plastic
Terminals: Solder plated
Polarity: Indicated by cathode band
Packing: 12mm tape per E1A STD RS-481
Weight: 0.093 gram
SMB/DO-214AA
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol
ES
2A
ES
2B
ES
2C
ES
2D
ES
2F
ES
2G
ES
2H
ES
2J
Units
Maximum Recurrent Peak Reverse
Voltage
VRRM
50
100
150
200
300
400
500
600
V
Maximum RMS Voltage
VRMS
35
70
105
140
210
280
350
420
V
Maximum DC Blocking Voltage
VDC
50
100
150
200
300
400
500
600
V
Maximum Average Forward Rectified
Current See Fig. 1
I(AV)
2.0
A
Peak Forward Surge Current, 8.3 ms
Single Half Sine-wave Superimposed on
Rated Load (JEDEC method )
IFSM
50
A
Maximum Instantaneous Forward Voltage
@ 2.0A
VF
0.95
1.3
1.7
V
Maximum DC Reverse Current
@TA =25
℃ at Rated DC Blocking Voltage
@ TA=100
IR
10
350
uA
uA
Maximum Reverse Recovery Time
( Note 1 )
Trr
35
nS
Typical Junction Capacitance ( Note 2 )
Cj
25
20
pF
Maximum Thermal Resistance (Note 3)
R
θJA
R
θJL
75
20
℃/W
Operating Temperature Range
TJ
-55 to +150
Storage Temperature Range
TSTG
-55 to + 150
Notes: 1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1 MHz and Applied VR=4.0 Volts
3. Units Mounted on P.C.B. 0.4 x 0.4" (10 x 10mm) Pad Areas


Similar Part No. - ES2H

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
ES2H TSC-ES2H Datasheet
247Kb / 2P
   2.0 AMPS. Surface Mount Super Fast Rectifiers
logo
Galaxy Semi-Conductor H...
ES2H BILIN-ES2H Datasheet
535Kb / 4P
   Super-Fast Rectifiers
logo
Taiwan Semiconductor Co...
ES2H TSC-ES2H Datasheet
56Kb / 2P
   2.0 AMPS. Super Fast Surface Mount Rectifiers
logo
SAMYANG ELECTRONICS CO....
ES2H SAMYANG-ES2H Datasheet
514Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Taiwan Semiconductor Co...
ES2H TSC-ES2H Datasheet
597Kb / 2P
   2.0 AMPS. Surface Mount Super Fast Rectifiers
More results

Similar Description - ES2H

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
ES2A TSC-ES2A_1 Datasheet
56Kb / 2P
   2.0 AMPS. Super Fast Surface Mount Rectifiers
ES2A TSC-ES2A_10 Datasheet
597Kb / 2P
   2.0 AMPS. Surface Mount Super Fast Rectifiers
ES2AA TSC-ES2AA_1 Datasheet
134Kb / 2P
   2.0 AMPS. Surface Mount Super Fast Rectifiers
ES2A TSC-ES2A Datasheet
247Kb / 2P
   2.0 AMPS. Surface Mount Super Fast Rectifiers
ES2AA TSC-ES2AA_10 Datasheet
447Kb / 2P
   2.0 AMPS. Surface Mount Super Fast Rectifiers
ES2AA TSC-ES2AA Datasheet
54Kb / 2P
   2.0 AMPS. Super Fast Surface Mount Rectifiers
logo
Shenzhen Luguang Electr...
ES2AA LUGUANG-ES2AA Datasheet
184Kb / 2P
   2.0 AMPS. Surface Mount Super Fast Rectifiers
ES2A LUGUANG-ES2A Datasheet
229Kb / 2P
   2.0 AMPS. Surface Mount Super Fast Rectifiers
logo
Jinan Gude Electronic D...
SF21 JGD-SF21 Datasheet
159Kb / 2P
   2.0 AMPS. SUPER FAST RECTIFIERS
SF31 JGD-SF31 Datasheet
160Kb / 2P
   2.0 AMPS. SUPER FAST RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com