Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC812-29CVBG Datasheet(PDF) 1 Page - Analog Intergrations Corporation

Part # AIC812-29CVBG
Description  Reset Circuits with Manual Reset Input
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC812-29CVBG Datasheet(HTML) 1 Page - Analog Intergrations Corporation

  AIC812-29CVBG Datasheet HTML 1Page - Analog Intergrations Corporation AIC812-29CVBG Datasheet HTML 2Page - Analog Intergrations Corporation AIC812-29CVBG Datasheet HTML 3Page - Analog Intergrations Corporation AIC812-29CVBG Datasheet HTML 4Page - Analog Intergrations Corporation AIC812-29CVBG Datasheet HTML 5Page - Analog Intergrations Corporation AIC812-29CVBG Datasheet HTML 6Page - Analog Intergrations Corporation AIC812-29CVBG Datasheet HTML 7Page - Analog Intergrations Corporation AIC812-29CVBG Datasheet HTML 8Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
AIC811/AIC812
Reset Circuits with Manual Reset Input
Analog Integrations Corporation
Si-Soft Research Center
DS-811P-03 010405
3A1, No.1, Li-Hsin Rd. I, Science Park, Hsinchu 300, Taiwan, R.O.C.
TEL: 886-3-5772500
FAX: 886-3-5772510
www.analog.com.tw
1
FEATURES
Ultra Low Supply Current 1
µA(typ.)
Guaranteed Reset Valid to Vcc=0.9V
Available in two Output Types: Push-Pull Active
Low (AIC811), Push-Pull Active High (AIC812)
140ms Min. Power-On Reset Pulse Width
Internally Fixed Threshold 2.3V, 2.6V, 2.9V,
3.1V, 4.0V, 4.4V, and 4.6V
Tight Voltage Threshold Tolerance: 1.5%
Low profile Package: SOT-23-5
APPLICATIONS
Notebook Computers
Digital Still Cameras
PDAs
Critical Microprocessor Monitoring
DESCRIPTION
AIC811/AIC812 are low-power microprocessor (µP)
supervisory circuits used to monitor power supplies in
µP and digital systems. They provide applications with
benefits of circuit reliability and low cost by eliminating
external components. AIC811/AIC812 also offer a
manual reset input.
These devices perform as valid singles in applications
with Vcc ranging from 6.0V down to 0.9V. The reset
signal lasts for a minimum period of 140ms whenever
VCC supply voltage falls below preset threshold. Both
AIC811 and AIC812 were designed with a reset
comparator to help identify invalid signals, which last
less than 140ms. The only difference between them is
that they have an active-low
RESET output and
active-high RESET output, respectively.
Low supply current (1
µA) makes AIC811/AIC812 ideal
for portable equipment. The devices are
available in
SOT-23-5 package.
TYPICAL APPLICATION CIRCUIT
VCC
VCC
GND
GND
µP
RESET
INPUT
RESET
(RESET)
MR
VCC
AIC811
(AIC812)
Pushbutton
Switch


Similar Part No. - AIC812-29CVBG

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC810 AIC-AIC810 Datasheet
414Kb / 8P
   3-PIN MICROPROCESSOR RESET CIRCUITS
AIC810-23CUBG AIC-AIC810-23CUBG Datasheet
414Kb / 8P
   3-PIN MICROPROCESSOR RESET CIRCUITS
AIC810-23CUTR AIC-AIC810-23CUTR Datasheet
414Kb / 8P
   3-PIN MICROPROCESSOR RESET CIRCUITS
AIC810-23PUBG AIC-AIC810-23PUBG Datasheet
414Kb / 8P
   3-PIN MICROPROCESSOR RESET CIRCUITS
AIC810-23PUTR AIC-AIC810-23PUTR Datasheet
414Kb / 8P
   3-PIN MICROPROCESSOR RESET CIRCUITS
More results

Similar Description - AIC812-29CVBG

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS811 SSC-SS811 Datasheet
320Kb / 8P
   Reset Circuits with Manual Reset Input
logo
Sangdest Microelectroni...
SSR811 SMC-SSR811 Datasheet
277Kb / 10P
   Reset Circuits with Manual Reset Input
logo
Texas Instruments
TPS386596 TI1-TPS386596 Datasheet
803Kb / 14P
[Old version datasheet]   Quad Reset Supervisor with Manual Reset Input
TPS386596L33 TI-TPS386596L33 Datasheet
477Kb / 12P
[Old version datasheet]   Quad Reset Supervisor with Manual Reset Input
logo
Maxim Integrated Produc...
MAX6711L MAXIM-MAX6711L Datasheet
145Kb / 8P
   4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input
Rev 0; 1/00
MAX6711L MAXIM-MAX6711L_05 Datasheet
279Kb / 8P
   4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input
Rev 1; 12/05
MAX6711T MAXIM-MAX6711T Datasheet
153Kb / 8P
   4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input
Rev 0; 1/00
logo
EM Microelectronic - MA...
EM6325 EMMICRO-EM6325 Datasheet
230Kb / 8P
   Reset Circuit with Manual Reset
logo
Union Semiconductor, In...
UM807 UNIONSEMI-UM807 Datasheet
414Kb / 17P
   Reset Circuits with Long Manual Reset Setup Period
logo
Analog Microelectronics
AME8570M AME-AME8570M Datasheet
596Kb / 25P
   Manual Reset Input Option
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com