Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-EL08-VYK00 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HLMP-EL08-VYK00
Description  T-1 (5mm) Precision Optical Performance AlInGaP LED Lamps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-EL08-VYK00 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HLMP-EL08-VYK00 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-EL08-VYK00 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-EL08-VYK00 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-EL08-VYK00 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-EL08-VYK00 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-EL08-VYK00 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-EL08-VYK00 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-EL08-VYK00 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-EL08-VYK00 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
Typical
Viewing
Color and
Luminous
Angle
Dominant
Lamps Without Standoffs
Lamps With Standoffs
Intensity Iv (mcd) [1,2]
2
θθθθθ1/2
Wavelength
on Leads
on Leads
@ 20 mA
(Deg.)[4]
(nm), Typ.[3]
(Outline Drawing A)
(Outline Drawing B)
Min.
Max.
Orange 605
HLMP-EJ24-QT000
HLMP-EJ26-QT000
1150
3200
HLMP-EJ24-RU000
HLMP-EJ26-RU000
1500
4200
HLMP-EH26-PS000
880
2500
Red-Orange 615
HLMP-EH24-QT000
HLMP-EH26-QT000
1150
3200
23º
HLMP-EH24-RU000
HLMP-EH26-RU000
1500
4200
HLMP-EH24-SV000
HLMP-EH26-SV000
1900
5500
HLMP-EG24-PS000
HLMP-EG26-PS000
880
2500
Red 626
HLMP-EG24-QT000
HLMP-EG26-QT000
1150
3200
HLMP-EG24-RU000
HLMP-EG26-RU000
1500
4200
HLMP-EL30-MQ000
HLMP-EL32-MQ000
520
1500
HLMP-EL30-NR000
HLMP-EL32-NR000
680
1900
HLMP-EL30-PQ000
880
1500
HLMP-EL30-PQK00*
880
1500
HLMP-EL30-PR000
880
1900
HLMP-EL30-PR400**
880
1900
HLMP-EL30-PRK00*
880
1900
HLMP-EL30-PS000
HLMP-EL32-PS000
880
2500
30
°
Amber 590
HLMP-EL30-PSK00*
880
2500
HLMP-EL30-QRK00*
1150
1900
HLMP-EL30-QS000
1150
2500
HLMP-EL30-QS400**
1150
2500
HLMP-EL30-QT000
HLMP-EL32-QT000
1150
3200
HLMP-EL30-QTK00*
1150
3200
HLMP-EL30-ST000
1900
3200
HLMP-EL30-SU000
1900
4200
HLMP-EL30-SU400**
1900
4200
HLMP-EL30-SUK00*
1900
4200
Device Selection Guide (Continued)
Notes:
1. The luminous intensity is measured on the mechanical axis of the lamp package.
2. The optical axis is closely aligned with the package mechanical axis.
3. The dominant wavelength,
λ
d, is derived from the CIE Chromaticity Diagram and represents the color of the lamp.
4.
θ
1/2 is the off-axis angle where the luminous intensity is one half the on-axis intensity.
5. The intensity of narrow viewing angle lamps is measured at the intensity peak.
Part numbers in bold are recommended for new designs.
*HLMP-xLxx-xxK00 are selected to amber color bins 2 and 4 only.
**HLMP-xLxx-xx400 are selected to amber color bin 4 only.


Similar Part No. - HLMP-EL08-VYK00

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-EL08-VYK00 HP-HLMP-EL08-VYK00 Datasheet
179Kb / 12P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL08-VYK00 AVAGO-HLMP-EL08-VYK00 Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EL08-VYK00 AVAGO-HLMP-EL08-VYK00 Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
More results

Similar Description - HLMP-EL08-VYK00

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HLMP-ELXX BOARDCOM-HLMP-ELXX_V01 Datasheet
736Kb / 18P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
March 12, 2018
HLMP-EL55 BOARDCOM-HLMP-EL55 Datasheet
583Kb / 13P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
July 16, 2020
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-BL06-QRKDD AVAGO-HLMP-BL06-QRKDD Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
HLMP-AD06-NSTXX AVAGO-HLMP-AD06-NSTXX Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
logo
Agilent(Hewlett-Packard...
HLMP-DLXX HP-HLMP-DLXX Datasheet
129Kb / 8P
   T-1 - 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EL55 HP-HLMP-EL55 Datasheet
688Kb / 6P
   T-1 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Broadcom Corporation.
HLMP-ELXX BOARDCOM-HLMP-ELXX Datasheet
280Kb / 13P
   Precision Optical Performance AlInGaP II LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-ED16-WZ0DD AVAGO-HLMP-ED16-WZ0DD Datasheet
342Kb / 13P
   Precision Optical Performance AlInGaP II LED Lamps
logo
Unity Opto Technology
MVL-5C4UYL UOT-MVL-5C4UYL Datasheet
39Kb / 2P
   T-1 3/4 (5mm) High Performance AlInGaP LED Lamps
MVL-5A4UG UOT-MVL-5A4UG Datasheet
36Kb / 2P
   T-1 3/4 (5mm) High Performance AlInGaP LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com