Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI-3025LSA Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SI-3025LSA
Description  Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SI-3025LSA Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SI-3025LSA Datasheet HTML 1Page - List of Unclassifed Manufacturers SI-3025LSA Datasheet HTML 2Page - List of Unclassifed Manufacturers SI-3025LSA Datasheet HTML 3Page - List of Unclassifed Manufacturers SI-3025LSA Datasheet HTML 4Page - List of Unclassifed Manufacturers SI-3025LSA Datasheet HTML 5Page - List of Unclassifed Manufacturers SI-3025LSA Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
sTypical Characteristics of SI-3025LSA
(Ta=25
°C)
IO vs. VDIF Characteristics
Load Regulation
Output ON/OFF Control
Output Voltage Characteristics
Overcurrent Protection Characteristics
Output ON/OFF Control Current
Line Regulation
Thermal Protection Characteristics
Circuit Current
[Note on Thermal Protection]
The thermal protection circuit is in-
tended for protection against heat dur-
ing instantaneous short-circuiting. Its
operation is not guaranteed for con-
tinuous heating conditions such as
short-circuiting over extended periods
of time.
0
0.2
0.4
0.6
0.8
1.0
1.0
0.8
0.6
0.4
0.2
0
Output Current IO (A)
VIN
=10V
8V
5V
3.2V
0
0.2
0.4
0.6
0.8
1.0
2.58
2.56
2.54
2.52
2.50
2.48
2.46
Output Current IO (A)
VIN=3.3V
IO=5mA
01
2
3
3
2
1
0
Output ON/OFF Control Voltage VC (V)
IO=0A-1A
0.25A step
012
3
4
5
3
2
1
0
Input Voltage VIN (V)
3
2
1
0
0
0.5
1
1.5
2
Output Current IO (A)
VIN=3.3V
IO=5mA
0123
60
50
40
30
20
10
0
Output Control Voltage VC (V)
IO=1A
0.75A
0.5A
0.25A
0A
02
4
6
8
12
10
2.58
2.56
2.54
2.52
2.50
2.48
2.46
Input Voltage VIN (V)
VIN=3.3V
IO=5mA
3
2
1
0
0
60
100
140
180
20
Case Temperature TC (
°C)
IO=1A-0A
0.25A step
0
2
468
10
20
15
10
5
0
Input Voltage VIN (V)
qSI-3000LSA Series


Similar Part No. - SI-3025LSA

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SI-3025LSA ALLEGRO-SI-3025LSA Datasheet
163Kb / 10P
   LOW-VOLTAGE, HIGH-CURRENT 2.5 V LINEAR REGULATOR
SI-3025LSA ALLEGRO-SI-3025LSA Datasheet
171Kb / 10P
   LOW-VOLTAGE, HIGH-CURRENT 1.8 V LINEAR REGULATOR
SI-3025LSA ALLEGRO-SI-3025LSA Datasheet
172Kb / 10P
   LOW-VOLTAGE, HIGH-CURRENT 1.8 V LINEAR REGULATOR
logo
Sanken electric
SI-3025LSA SANKEN-SI-3025LSA Datasheet
75Kb / 2P
   Surface-Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
SI-3025LSA SANKEN-SI-3025LSA Datasheet
53Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
More results

Similar Description - SI-3025LSA

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-3000LU SANKEN-SI-3000LU Datasheet
44Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
logo
List of Unclassifed Man...
SI-3033LUS ETC-SI-3033LUS Datasheet
47Kb / 4P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
SI-3000KS ETC-SI-3000KS Datasheet
85Kb / 7P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
SI-3025KS ETC-SI-3025KS Datasheet
92Kb / 7P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
logo
Sanken electric
A8180SLU SANKEN-A8180SLU Datasheet
53Kb / 4P
   Surface-Mount, Low Quiescent Current, Low Dropout Voltage Dropper Type
A8181SLB SANKEN-A8181SLB Datasheet
58Kb / 4P
   Surface-Mount, Low Circuit Current, Low Dropout Voltage Dropper Type
SI-3050KD SANKEN-SI-3050KD Datasheet
67Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3012KD SANKEN-SI-3012KD Datasheet
67Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3033KD SANKEN-SI-3033KD Datasheet
67Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3000KS SANKEN-SI-3000KS_11 Datasheet
82Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com