Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1731-18PVTR Datasheet(PDF) 4 Page - Analog Intergrations Corporation

Part # AIC1731-18PVTR
Description  300mA, Low Dropout Linear Regulator with Shutdown
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1731-18PVTR Datasheet(HTML) 4 Page - Analog Intergrations Corporation

  AIC1731-18PVTR Datasheet HTML 1Page - Analog Intergrations Corporation AIC1731-18PVTR Datasheet HTML 2Page - Analog Intergrations Corporation AIC1731-18PVTR Datasheet HTML 3Page - Analog Intergrations Corporation AIC1731-18PVTR Datasheet HTML 4Page - Analog Intergrations Corporation AIC1731-18PVTR Datasheet HTML 5Page - Analog Intergrations Corporation AIC1731-18PVTR Datasheet HTML 6Page - Analog Intergrations Corporation AIC1731-18PVTR Datasheet HTML 7Page - Analog Intergrations Corporation AIC1731-18PVTR Datasheet HTML 8Page - Analog Intergrations Corporation AIC1731-18PVTR Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
AIC1731
ELECTRICAL CHARACTERISTICS
(CIN=1µF, COUT=4.7µF, TJ=25°C, unless otherwise specified) (Note1)
PARAMETER
TEST CONDITIONS
SYMBOL MIN.
TYP. MAX.
UNIT
Quiescent Current
IOUT = 0mA, VIN = 3.6~7V
IQ
35
50
µA
Standby Current
VIN = 3.6~7V, output OFF
ISTBY
0.1
µA
GND Pin Current
IOUT = 0.1~300mA
IGND
30
50
µA
Continuous Output Current
VIN = 5V
IOUT
300
mA
Output Current Limit
VIN = 5V, VOUT = 0V
IIL
300
450
mA
Output Voltage Tolerance
VIN = 5V, no load
VOUT
-2
2
%
Temperature Coefficient
TC
50
150
ppm/ºC
Line Regulation
VIN = VOUT(TYP) + 1V to 7V
∆VLIR
3
10
mV
Load Regulation
VIN = VOUT + 1.2V (Vout≥ 2.0V)
VIN = VOUT + 1.7V (Vout≤ 1.9V)
IOUT = 0.1~300mA
∆VLOR
10
30
mV
Dropout Voltage
IL=300mA
3.0V
≤VOUT≤3.3V
2.5V
≤VOUT≤2.9V
2.0V
≤VOUT≤2.4V
1.5V
≤VOUT≤1.9V
VDROP
470
570
800
1260
870
970
1200
1660
mV
Noise Bypass Terminal Voltage
VREF
1.23
V
Output Noise
CBP = 0.1µF, f = 1KHz,VIN = 5V
∆n
0.46
Hz
V
µ
Ripple Rejection
f = 1KHz, Ripple = 0.5VP-P,
CBP = 0.1µF
RR
55
dB
4


Similar Part No. - AIC1731-18PVTR

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1731-18PV AIC-AIC1731-18PV Datasheet
306Kb / 12P
   300mA, Low Dropout Linear Regulator with Shutdown
More results

Similar Description - AIC1731-18PVTR

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SULR1731 SMC-SULR1731 Datasheet
413Kb / 11P
   300mA, Low Dropout Linear Regulator with Shutdown
logo
Advanced Power Electron...
APE8800A A-POWER-APE8800A_16 Datasheet
169Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
logo
Diodes Incorporated
AP131 DIODES-AP131 Datasheet
176Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
AP131 Rev. 1
logo
Analog Intergrations Co...
AIC1731 AIC-AIC1731_15 Datasheet
306Kb / 12P
   300mA, Low Dropout Linear Regulator with Shutdown
logo
Advanced Power Electron...
APE8800A A-POWER-APE8800A Datasheet
337Kb / 7P
   300mA Low Dropout Linear Regulator with Shutdown
logo
Anachip Corp
AP131 ANACHIP-AP131 Datasheet
155Kb / 7P
   300mA Low Dropout Linear Regulator with Shutdown
logo
Diodes Incorporated
AP131 DIODES-AP131_09 Datasheet
123Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH
AP131 Rev. 7
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
   300mA Low Dropout Linear Regulator
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
   300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
   300MA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com