Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV1GT08A Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HD74LV1GT08A
Description  2-input AND Gate / CMOS Logic Level Shifter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV1GT08A Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HD74LV1GT08A Datasheet HTML 2Page - Renesas Technology Corp HD74LV1GT08A Datasheet HTML 3Page - Renesas Technology Corp HD74LV1GT08A Datasheet HTML 4Page - Renesas Technology Corp HD74LV1GT08A Datasheet HTML 5Page - Renesas Technology Corp HD74LV1GT08A Datasheet HTML 6Page - Renesas Technology Corp HD74LV1GT08A Datasheet HTML 7Page - Renesas Technology Corp HD74LV1GT08A Datasheet HTML 8Page - Renesas Technology Corp HD74LV1GT08A Datasheet HTML 9Page - Renesas Technology Corp HD74LV1GT08A Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
HD74LV1GT08A
Rev.8.00, Sep.24.2003, page 6 of 10
Switching Characteristics
• V
CC = 3.3 ± 0.3 V
Ta = 25°C
Ta = –40 to 85°C
Item
Symbol
Min
Typ
Max
Min
Max
Unit Test
Conditions
FROM
(Input)
TO
(Output)
6.5
10.5
1.0
12.0
CL = 15 pF
Propagation
delay time
tPLH
tPHL
7.5
12.5
1.0
14.0
ns
CL = 50 pF
A or B
Y
• V
CC = 5.0 ± 0.5 V
Ta = 25°C
Ta = –40 to 85°C
Item
Symbol
Min
Typ
Max
Min
Max
Unit Test
Conditions
FROM
(Input)
TO
(Output)
5.0
6.9
1.0
8.0
CL = 15 pF
Propagation
delay time
tPLH
tPHL
5.5
7.9
1.0
9.0
ns
CL = 50 pF
A or B
Y
Operating Characteristics
• C
L = 50 pF
VCC (V) Ta = 25°C
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Power dissipation
capacitance
CPD
5.0
10.0
pF
f = 10 MHz


Similar Part No. - HD74LV1GT08A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV1GT08A RENESAS-HD74LV1GT08A Datasheet
101Kb / 7P
   2.input AND Gate / CMOS Logic Level Shifter
HD74LV1GT08ACME RENESAS-HD74LV1GT08ACME Datasheet
101Kb / 7P
   2.input AND Gate / CMOS Logic Level Shifter
HD74LV1GT08ACME RENESAS-HD74LV1GT08ACME Datasheet
136Kb / 9P
   2?밿nput AND Gate / CMOS Logic Level Shifter
HD74LV1GT08AVSE RENESAS-HD74LV1GT08AVSE Datasheet
101Kb / 7P
   2.input AND Gate / CMOS Logic Level Shifter
HD74LV1GT08AVSE RENESAS-HD74LV1GT08AVSE Datasheet
136Kb / 9P
   2?밿nput AND Gate / CMOS Logic Level Shifter
More results

Similar Description - HD74LV1GT08A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1GT08 ONSEMI-MC74VHC1GT08 Datasheet
90Kb / 8P
   2-Input AND Gate/CMOS Logic Level Shifter
March, 2002 ??Rev. 5
logo
Renesas Technology Corp
HD74LV1GT08A RENESAS-HD74LV1GT08A_08 Datasheet
101Kb / 7P
   2.input AND Gate / CMOS Logic Level Shifter
logo
ON Semiconductor
MC74VHC1GT08 ONSEMI-MC74VHC1GT08_13 Datasheet
122Kb / 6P
   2-Input AND Gate/CMOS Logic Level Shifter
January, 2013 ??Rev. 12
NL17SHT08 ONSEMI-NL17SHT08 Datasheet
103Kb / 5P
   2-Input AND Gate / CMOS Logic Level Shifter
August, 2011 ??Rev. 0
MC74VHC1GT32DFT1G ONSEMI-MC74VHC1GT32DFT1G Datasheet
129Kb / 6P
   2-Input OR Gate/CMOS Logic Level Shifter
July, 2013 ??Rev. 12
NL17SHT32 ONSEMI-NL17SHT32 Datasheet
104Kb / 5P
   2-Input OR Gate CMOS Logic Level Shifter
August, 2011 ??Rev. 0
logo
Renesas Technology Corp
HD74LV1GT32A RENESAS-HD74LV1GT32A Datasheet
101Kb / 7P
   2-input OR Gate / CMOS Logic Level Shifter
HD74LV1GT02A RENESAS-HD74LV1GT02A Datasheet
102Kb / 7P
   2-input NOR Gate / CMOS Logic Level Shifter
logo
ON Semiconductor
MC74VHC1GT02 ONSEMI-MC74VHC1GT02 Datasheet
188Kb / 8P
   2-Input NOR Gate/CMOS Logic Level Shifter
December, 1999 ??Rev. 2
MC74VHC1GT32DF1G ONSEMI-MC74VHC1GT32DF1G Datasheet
129Kb / 6P
   2-Input OR Gate/CMOS Logic Level Shifter
July, 2013 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com