Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1731-25PVBG Datasheet(PDF) 5 Page - Analog Intergrations Corporation

Part # AIC1731-25PVBG
Description  300mA, Low Dropout Linear Regulator with Shutdown
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1731-25PVBG Datasheet(HTML) 5 Page - Analog Intergrations Corporation

  AIC1731-25PVBG Datasheet HTML 1Page - Analog Intergrations Corporation AIC1731-25PVBG Datasheet HTML 2Page - Analog Intergrations Corporation AIC1731-25PVBG Datasheet HTML 3Page - Analog Intergrations Corporation AIC1731-25PVBG Datasheet HTML 4Page - Analog Intergrations Corporation AIC1731-25PVBG Datasheet HTML 5Page - Analog Intergrations Corporation AIC1731-25PVBG Datasheet HTML 6Page - Analog Intergrations Corporation AIC1731-25PVBG Datasheet HTML 7Page - Analog Intergrations Corporation AIC1731-25PVBG Datasheet HTML 8Page - Analog Intergrations Corporation AIC1731-25PVBG Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
AIC1731
ELECTRICAL CHARACTERISTICS
PARAMETER
TEST CONDITIONS
SYMBOL MIN.
TYP. MAX.
UNIT
SHUTDOWN TERMINAL SPECIFICATIONS
Shutdown Pin Current
ISHDN
0.1
µA
Shutdown Pin Voltage (ON)
Output ON
VSHDN
(ON)
1.6
V
Shutdown Pin Voltage (OFF)
Output OFF
VSHDN
(OFF)
0.6
V
Shutdown Exit Delay Time
CBP=0.1µF, COUT=1µF,
IOUT=30mA
∆t
300
µS
THERMAL PROTECTION
Thermal Shutdown Temperature
TSD
155
ºC
Note 1: Specifications are production tested at TA=25
°C. Specifications over the -40°C to 85°C operating
temperature range are assured by design, characterization and correlation with Statistical Quality
Controls (SQC).
TYPICAL PERFORMANCE CHARACTERISTICS
0
1
2
3
4
5
6
7
0
10
20
30
40
50
60
Fig. 1 Quiescent Current vs. VIN
3.3V
1.5V
VIN (V)
Fig. 2 VDROP vs. ILOAD
0
50
100
150
200
250
300
0
100
200
300
400
500
600
700
AIC1731-33
T=80
°C
T=50
°C
T=20
°C
T=-40
°C
ILOAD (mA)
5


Similar Part No. - AIC1731-25PVBG

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1731-25PV AIC-AIC1731-25PV Datasheet
306Kb / 12P
   300mA, Low Dropout Linear Regulator with Shutdown
More results

Similar Description - AIC1731-25PVBG

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SULR1731 SMC-SULR1731 Datasheet
413Kb / 11P
   300mA, Low Dropout Linear Regulator with Shutdown
logo
Advanced Power Electron...
APE8800A A-POWER-APE8800A_16 Datasheet
169Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
logo
Diodes Incorporated
AP131 DIODES-AP131 Datasheet
176Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
AP131 Rev. 1
logo
Analog Intergrations Co...
AIC1731 AIC-AIC1731_15 Datasheet
306Kb / 12P
   300mA, Low Dropout Linear Regulator with Shutdown
logo
Advanced Power Electron...
APE8800A A-POWER-APE8800A Datasheet
337Kb / 7P
   300mA Low Dropout Linear Regulator with Shutdown
logo
Anachip Corp
AP131 ANACHIP-AP131 Datasheet
155Kb / 7P
   300mA Low Dropout Linear Regulator with Shutdown
logo
Diodes Incorporated
AP131 DIODES-AP131_09 Datasheet
123Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH
AP131 Rev. 7
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
   300mA Low Dropout Linear Regulator
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
   300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
   300MA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com