Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM2775A Datasheet(PDF) 1 Page - New Japan Radio

Part # NJM2775A
Description  PRE&HI-POWER AMPLIFIER with ALC for PORTABLE TAPE RECORDER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2775A Datasheet(HTML) 1 Page - New Japan Radio

  NJM2775A Datasheet HTML 1Page - New Japan Radio NJM2775A Datasheet HTML 2Page - New Japan Radio NJM2775A Datasheet HTML 3Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NJM2775A
PRELIMINARY
- 1 -
PRE&HI-POWER AMPLIFIER with ALC for PORTABLE TAPE RECORDER
s
s
s
s GENERAL DESCRIPTION
s
s
s
s PACKAGE OUTLINE
The NJM2775A is a pre&power amplifier with ALC
designed for micro and compact cassette recorders.
It contains pre-amplifier, ALC circuit, power amplifiers,
and ripple filter. The pre-amplifier amplifies the signal
come from magnetic head. The ALC circuit limits the
input signal to optimize level in recording. The power
amplifiers drive a speaker in play back and the magnetic
head in recording. The ripple filter stabilizing the supply
voltage to the internal pre-amplifier and an external
condenser microphone.
The NJM2775A improves high output power compared
with the NJM2128.
It is suitable for portable tape recorder, and other
portable playing back and recording recorder items.
s
s
s
s FEATURES
qOperating Voltage
V
+=1.8 to 6.0V
qOperating Current
9mA typ.
qOutput Power
350mW typ. at V
+=3V,R
L=4
Ω,THD=10%
qAutomatic Level Control
200mVrms typ., at f=1kHz
(ALC) Limit Level
qRipple Filter R.R.
47dB typ., at f=200Hz,C=47
µF
(Ripple Rejection)
qBipolar Technology
qPackage Outline
DMP16
s
s
s
s PIN CONFIGURATION
1
2
3
4
16
15
14
13
POW-INA
POW+INA
PREOUT
PGND
PRE-IN
12
PRE
AMP
5
6 POW+INB
7 RFOUT
11
PRE+IN
10
V
+
POW-INB
ALCIN
POWOUTA
POWOUTB
SGND
8
9
POWER
AMPA
RIPPLE
FILTER
ALC
POWER
AMPB
RFIN
TC
NJM2775AM
PIN FUNCTION
1.PRE +IN
2.SGND
3.POW +1NA
4.POW -INA
5.POW -INB
6.POW +INB
7.REFOUT
8.REFIN
9.ALCIN
10.TC
11.POW OUTB
12.PGND
13. V
+
14.POW OUTA
15.PREOUT
16.PRE -IN


Similar Part No. - NJM2775A

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2770 NJRC-NJM2770 Datasheet
44Kb / 4P
   HIGH-POWER & LOW-VOLTAGE AUDIO POWER AMPLIFIER
NJM2772 NJRC-NJM2772 Datasheet
55Kb / 4P
   LOW-VOLTAGE HEADPHONE AMPLIFIER for PORTABLE-AUDIO
NJM2772V NJRC-NJM2772V Datasheet
55Kb / 4P
   LOW-VOLTAGE HEADPHONE AMPLIFIER for PORTABLE-AUDIO
NJM2772V-TE1 NJRC-NJM2772V-TE1 Datasheet
59Kb / 4P
   LOW-VOLTAGE HEADPHONE AMPLIFIER for PORTABLE-AUDIO
NJM2776 NJRC-NJM2776 Datasheet
611Kb / 10P
   Headphone Amplifier for Portable Audio
More results

Similar Description - NJM2775A

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1262N SONY-CXA1262N Datasheet
203Kb / 10P
   PRE-AMPLIFIER/ POWER-AMPLIFIER FOR TAPE RECORDER
logo
Toshiba Semiconductor
TA7137P TOSHIBA-TA7137P Datasheet
300Kb / 4P
   PRE-AMPLIFIER(RECORDING OR PLAYING-BACK WITH ALC TRANSISTOR FOR TAPE RECORDER)
logo
Unisonic Technologies
UTCTA7668BP UTC-UTCTA7668BP Datasheet
88Kb / 4P
   DUAL PRE-AMPLIFIER FOR TAPE RECORDER
logo
New Japan Radio
NJM2128 NJRC-NJM2128 Datasheet
143Kb / 4P
   PRE & POWER AMPLIFIER WITH ALC
logo
Toshiba Semiconductor
TA7330P TOSHIBA-TA7330P Datasheet
256Kb / 6P
   PREAMPLIFIER WITH ALC CIRCUIT FOR MINI/MICRO CASSETTE TAPE RECORDER
TA7628P TOSHIBA-TA7628P Datasheet
501Kb / 12P
   AMPLIFIER SYSTEM FOR CASSETTE TAPE RECORDER
logo
Unisonic Technologies
TA7738P UTC-TA7738P Datasheet
83Kb / 5P
   AMPLIFIER SYSTEM FOR CASSETTE TAPE RECORDER
logo
Rohm
BA3308F ROHM-BA3308F_05 Datasheet
262Kb / 6P
   Pre-amplifier bulit-in ALC
logo
NTE Electronics
NTE1472 NTE-NTE1472 Datasheet
20Kb / 2P
   Integrated Circuit Audio Power Amplifier, 1W for Tape Recorder
NTE1043 NTE-NTE1043 Datasheet
19Kb / 2P
   Integrated Circuit Audio Amplifier for Tape Recorder
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com