Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W536060P Datasheet(PDF) 9 Page - Winbond

Part # W536060P
Description  VOICE & MELODY CONTROLLER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W536060P Datasheet(HTML) 9 Page - Winbond

Back Button W536060P Datasheet HTML 5Page - Winbond W536060P Datasheet HTML 6Page - Winbond W536060P Datasheet HTML 7Page - Winbond W536060P Datasheet HTML 8Page - Winbond W536060P Datasheet HTML 9Page - Winbond W536060P Datasheet HTML 10Page - Winbond W536060P Datasheet HTML 11Page - Winbond W536060P Datasheet HTML 12Page - Winbond W536060P Datasheet HTML 13Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
W536030P/060P/090P/120P
Publication Release Date: May 21, 2003
- 9 -
Revision A4
5.3 AC Characteristics
(VDD−VSS = 3.0V, No load, FM = 4 MHz with Ring mode, Fs = 32.768 KHz, with Xtal mode, TA = 25° C unless otherwise
specified)
PARAMETER
SYM.
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Sub-clock Frequency
FSUB
Crystal type and X32IN
and X32O with 17pF
external cap.
32768
Hz
Main-clock Frequency
FM
Ring type/Crystal type
400K
-
4M
Hz
Chip Operation Frequency
FOSC
SCR0.0 = 1, FSYS = FSUB
32768
Hz
SCR0.0 = 0; FSYS = FMAIN
400K
-
4M
Instruction Cycle Time
TCYC
One machine cycle
-
4/FOSC
-
S
Reset Active Width
TRAW
FOSC = 32.768 KHz
1
-
-
µS
Interrupt Active Width
TIAW
FOSC = 32.768 KHz
1
-
-
µS
Main clock Ring frequency
FRXIN
RXIN = 680K
1M
Hz
RXIN = 330K
2M
RXIN = 200K
3M
RXIN = 130K
4M
Sub-Clock RC Oscillator
FRSUB RSUB = 680K
32
KHz
Sub-Clock Oscillation
Stable Time @ Cold Start
FSTOP
RSUB = 680K
0.8
1
S
Frequency Deviation of
main-clock FRXIN
≤ 2 MHz
∆f
f
f(3V) f(2.4V)
f(3V)
10
%
Frequency Deviation of
main-clock FRXIN = 3 MHz
∆f
f
f(3V) f(2.4V)
f(3V)
15
%
Frequency Deviation of
main-clock FRXIN = 4 MHz
∆f
f
f(3V) f(2.4V)
f(3V)
20
%
ROSC Frequency
FROS
C
ROSC = 680K
3
MHz
Frequency Deviation of
FROSC = 3MHz
∆f
f
f(3V) f(2.4V)
f(3V)
7.5
%
Notes:
(5). The deviation will be +20% while VDD drops from 5.5V to 2.4V based on same resistor


Similar Part No. - W536060P

ManufacturerPart #DatasheetDescription
logo
Winbond
W536060A WINBOND-W536060A Datasheet
108Kb / 12P
   VOICE/ MELODY / LCD CONTROLLER
W536060K WINBOND-W536060K Datasheet
669Kb / 16P
   VOICE/MELODY/LCD CONTROLLER (ViewTalk TM Series)
W536060T WINBOND-W536060T Datasheet
702Kb / 16P
   VOICE/MELODY/LCD CONTROLLER
More results

Similar Description - W536060P

ManufacturerPart #DatasheetDescription
logo
Winbond
W536030T WINBOND-W536030T Datasheet
702Kb / 16P
   VOICE/MELODY/LCD CONTROLLER
W536030A WINBOND-W536030A Datasheet
108Kb / 12P
   VOICE/ MELODY / LCD CONTROLLER
W536A031 WINBOND-W536A031 Datasheet
643Kb / 16P
   VOICE/MELODY/LCD CONTROLLER
logo
SONiX Technology Compan...
SNC323 SONIX-SNC323 Datasheet
422Kb / 12P
   Direct Drive Voice/Dual Tone Melody Controller?
SNC384 SONIX-SNC384 Datasheet
405Kb / 11P
   Direct Drive Voice/Dual Tone Melody Controller?
SNC385 SONIX-SNC385_05 Datasheet
402Kb / 11P
   Direct Drive Voice/Dual Tone Melody Controller
SN6A513 SONIX-SN6A513 Datasheet
191Kb / 5P
   LCD Controller with Voice/Dual Tone Melody
SN6A297 SONIX-SN6A297 Datasheet
135Kb / 6P
   LCD Controller with Voice/Dual Tone Melody
SNC332 SONIX-SNC332_05 Datasheet
397Kb / 11P
   Direct Drive Voice/Dual Tone Melody Controller
SNC343 SONIX-SNC343_05 Datasheet
400Kb / 11P
   Direct Drive Voice/Dual Tone Melody Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com