Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-EH32-NR000 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HLMP-EH32-NR000
Description  T-1 (5mm) Precision Optical Performance AlInGaP LED Lamps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-EH32-NR000 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HLMP-EH32-NR000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-EH32-NR000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-EH32-NR000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-EH32-NR000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-EH32-NR000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-EH32-NR000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-EH32-NR000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-EH32-NR000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-EH32-NR000 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Device Selection Guide
Typical
Viewing
Color and
Luminous
Angle
Dominant
Lamps Without Standoffs
Lamps With Standoffs
Intensity Iv (mcd) [1,2]
2
θ1/2
Wavelength
on Leads
on Leads
@ 20 mA
(Deg.)[4]
(nm), Typ.[3]
(Outline Drawing A)
(Outline Drawing B)
Min.
Max.
HLMP-EL08-VY000
HLMP-EL10-VY000
4200
12000
HLMP-EL08-VYK00*
4200
12000
HLMP-EL08-VXK00*
4200
9300
HLMP-EL08-VX400**
4200
9300
HLMP-EL08-VX000
4200
9300
HLMP-EL08-WZ000
HLMP-EL10-WZ000
5500
16000
Amber 590
HLMP-EL08-XZ400**
7200
16000
HLMP-EL08-XZ000
7200
16000
HLMP-EL08-XZK00*
7200
16000
HLMP-EL08-XY000
7200
12000
HLMP-EL08-XYK00*
7200
12000
HLMP-EL08-X1K00*
7200
21000
HLMP-EL08-X1000
HLMP-EL10-X1000
7200
21000
6
°[5]
HLMP-EJ08-WZ000
HLMP-EJ10-WZ000
5500
16000
Orange 605
HLMP-EJ08-X1000
HLMP-EJ10-X1000
7200
21000
HLMP-EJ08-Y2000
HLMP-EJ10-Y2000
9300
27000
HLMP-EH08-UX000
HLMP-EH10-UX000
3200
9300
HLMP-EH08-VY000
HLMP-EH10-VY000
4200
12000
Red-Orange 615
HLMP-EH08-WZ000
HLMP-EH10-WZ000
5500
16000
HLMP-EH08-X1000
HLMP-EH10-X1000
7200
21000
HLMP-EH08-Y2000
HLMP-EH10-Y2000
9300
21000
HLMP-EG08-VW000
4200
7200
HLMP-EG08-VY000
HLMP-EG10-VY000
4200
12000
HLMP-EG08-WZ000
HLMP-EG10-WZ000
5500
16000
Red 626
HLMP-EG08-X1000
HLMP-EG10-X1000
7200
21000
HLMP-EG08-YZ000
9300
16000
HLMP-EG08-Y1000
9300
21000
HLMP-EG08-Y2000
HLMP-EG10-Y2000
9300
27000
Notes:
1. The luminous intensity is measured on the mechanical axis of the lamp package.
2. The optical axis is closely aligned with the package mechanical axis.
3. The dominant wavelength,
λ
d, is derived from the CIE Chromaticity Diagram and represents the color of the lamp.
4.
θ
1/2 is the off-axis angle where the luminous intensity is one half the on-axis intensity.
5. The intensity of narrow viewing angle lamps is measured at the intensity peak.
Part numbers in bold are recommended for new designs.
*HLMP-xLxx-xxK00 are selected to amber color bins 2 and 4 only.
**HLMP-xLxx-xx400 are selected to amber color bin 4 only.


Similar Part No. - HLMP-EH32-NR000

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HLMP-EH32-N1000 BOARDCOM-HLMP-EH32-N1000 Datasheet
736Kb / 18P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
March 12, 2018
HLMP-EH32-N1400 BOARDCOM-HLMP-EH32-N1400 Datasheet
736Kb / 18P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
March 12, 2018
HLMP-EH32-N2000 BOARDCOM-HLMP-EH32-N2000 Datasheet
736Kb / 18P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
March 12, 2018
HLMP-EH32-N2400 BOARDCOM-HLMP-EH32-N2400 Datasheet
736Kb / 18P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
March 12, 2018
HLMP-EH32-N4000 BOARDCOM-HLMP-EH32-N4000 Datasheet
736Kb / 18P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
March 12, 2018
More results

Similar Description - HLMP-EH32-NR000

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HLMP-ELXX BOARDCOM-HLMP-ELXX_V01 Datasheet
736Kb / 18P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
March 12, 2018
HLMP-EL55 BOARDCOM-HLMP-EL55 Datasheet
583Kb / 13P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
July 16, 2020
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-BL06-QRKDD AVAGO-HLMP-BL06-QRKDD Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
HLMP-AD06-NSTXX AVAGO-HLMP-AD06-NSTXX Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
logo
Agilent(Hewlett-Packard...
HLMP-DLXX HP-HLMP-DLXX Datasheet
129Kb / 8P
   T-1 - 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EL55 HP-HLMP-EL55 Datasheet
688Kb / 6P
   T-1 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Broadcom Corporation.
HLMP-ELXX BOARDCOM-HLMP-ELXX Datasheet
280Kb / 13P
   Precision Optical Performance AlInGaP II LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-ED16-WZ0DD AVAGO-HLMP-ED16-WZ0DD Datasheet
342Kb / 13P
   Precision Optical Performance AlInGaP II LED Lamps
logo
Unity Opto Technology
MVL-5C4UYL UOT-MVL-5C4UYL Datasheet
39Kb / 2P
   T-1 3/4 (5mm) High Performance AlInGaP LED Lamps
MVL-5A4UG UOT-MVL-5A4UG Datasheet
36Kb / 2P
   T-1 3/4 (5mm) High Performance AlInGaP LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com