Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5082-F203-00000 Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # 5082-F203-00000
Description  10 mm (0.40 inch) Seven Segment Displays
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

5082-F203-00000 Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button 5082-F203-00000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) 5082-F203-00000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) 5082-F203-00000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) 5082-F203-00000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) 5082-F203-00000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) 5082-F203-00000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) 5082-F203-00000 Datasheet HTML 9Page - Agilent(Hewlett-Packard) 5082-F203-00000 Datasheet HTML 10Page - Agilent(Hewlett-Packard) 5082-F203-00000 Datasheet HTML 11Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
Figure 4. Relative Luminous Intensity vs. DC
Forward Current.
Figure 5. Relative Efficiency (Luminous Intensity
per Unit Current) vs. Peak Current.
AlGaAs Red
Figure 1. Maximum Tolerable Peak Current vs. Pulse
Duration – AlGaAs Red.
Figure 2. Maximum Allowable DC Current vs.
Ambient Temperature.
Figure 3. Forward Current vs. Forward Voltage.
20
0
TA – AMBIENT TEMPERATURE – °C
30
90
120
50
30
70
50
AlGaAs RED
10
20
5
15
25
35
40
60
80
100 110
40
45
R
θJ-A = 770°C/W
0
0
VF – FORWARD VOLTAGE – V
160
100
60
2.0
4.0
80
20
1.0
3.0
40
AlGaAs RED
0.5
1.5
2.5
3.5
120
140
0
0
IF – FORWARD CURRENT PER SEGMENT – mA
2.00
1.50
1.25
0.75
0.25
20
40
1.75
1.00
0.50
10
30
515
25
35
AlGaAs RED
1.4
0.5
IPEAK – PEAK FORWARD CURRENT
PER SEGMENT – mA
0.6
0.8
1.0
1.2
150.0
5.0
50.0
2.0
1.0
3.0
20.0
10.0
30.0
100.0
500.0
AlGaAs RED


Similar Part No. - 5082-F203-00000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
5082-F211-00000 HP-5082-F211-00000 Datasheet
189Kb / 14P
   Black Surface Seven Segment Displays
5082-F211-0C000 HP-5082-F211-0C000 Datasheet
189Kb / 14P
   Black Surface Seven Segment Displays
5082-F211-0D000 HP-5082-F211-0D000 Datasheet
189Kb / 14P
   Black Surface Seven Segment Displays
5082-F211-0E000 HP-5082-F211-0E000 Datasheet
189Kb / 14P
   Black Surface Seven Segment Displays
5082-F211-0F000 HP-5082-F211-0F000 Datasheet
189Kb / 14P
   Black Surface Seven Segment Displays
More results

Similar Description - 5082-F203-00000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-F15X HP-HDSP-F15X Datasheet
494Kb / 11P
   10 mm (0.40 inch) Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-F151 AVAGO-HDSP-F151 Datasheet
284Kb / 10P
   10 mm (0.40 inch) Seven Segment Displays
HDSP-FXXX AVAGO-HDSP-FXXX Datasheet
331Kb / 8P
   10 mm (0.40 inch) Seven Segment Displays
HDSP-F151 AVAGO-HDSP-F151_1 Datasheet
293Kb / 11P
   10 mm (0.40 inch) Seven Segment Displays Single and dual digits
logo
Agilent(Hewlett-Packard...
HDSP530X HP-HDSP530X Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
HDSP-340X HP-HDSP-340X Datasheet
185Kb / 8P
   20 mm (0.8 inch) Seven Segment Displays
HDSP-5700 HP-HDSP-5700 Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
HDSP-5301 HP-HDSP-5301 Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-H151 AVAGO-HDSP-H151_10 Datasheet
339Kb / 10P
   14.2 mm (0.56 inch) Seven Segment Displays
HDSP-390X AVAGO-HDSP-390X Datasheet
277Kb / 8P
   20 mm (0.8 inch) Seven Segment Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com