Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5082-F207-00000 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # 5082-F207-00000
Description  10 mm (0.40 inch) Seven Segment Displays
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

5082-F207-00000 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  5082-F207-00000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) 5082-F207-00000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) 5082-F207-00000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) 5082-F207-00000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) 5082-F207-00000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) 5082-F207-00000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) 5082-F207-00000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) 5082-F207-00000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) 5082-F207-00000 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
Electrical/Optical Characteristics at TA = 25°C
Notes:
1. See Figure 1 to establish pulsed conditions.
2. Derate above 46
°C at 0.54 mA/°C.
3. See Figure 6 to establish pulsed conditions.
4. Derate above 53
°C at 0.45 mA/°C.
5. See Figure 7 to establish pulsed conditions.
6. Derate above 81
°C at 0.52 mA/°C.
7. See Figure 8 to establish pulsed conditions.
8. Derate above 39
°C at 0.37 mA/°C.
9. For operation below -20
°C, contact your local Agilent
components sales office or an authorized distributor.
Device
Series
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Luminous Intensity/Segment[1,2,5]
IV
7.5
15.0
mcd
IF = 20 mA
(Digit Average)
Forward Voltage/Segment or DP
VF
1.8
2.2
V
IF = 20 mA
HDSP-
Peak Wavelength
λPEAK
645
nm
F15x/
F16x/
Dominant Wavelength[3]
λd
637
nm
G15x
Reverse Voltage/Segment or DP[4]
VR
3.0
15
V
IR = 100 µA
Temperature Coefficient of
∆VF/°C
-2
mV/
°C
VF/Segment or DP
Thermal Resistance LED
R
θJ-PIN
320
°C/W/Seg
Junction-to-Pin
AlGaAs Red
Absolute Maximum Ratings
AlGaAs Red
HER/Orange
Yellow
Green
HDSP-
HDSP-
HDSP-
HDSP-
F15x/F16x
F20x/G20x/
F30x/G30x
F50x/G50x
Description
G15x Series
G40x Series
Series
Series
Units
Average Power per Segment or DP
96
105
80
105
mW
Peak Forward Current per
160[1]
90[3]
60[5]
90[7]
mA
Segment or DP
DC Forward Current per Segment
40[2]
30[4]
20[6]
30[8]
mA
or DP
Operating Temperature Range
–20 to +100[9]
–40 to +100
°C
Storage Temperature Range
–55 to +100
°C
Reverse Voltage per Segment or DP
3.0
V
Wavesoldering Temperature for
250
°C
3 Seconds (1.59 mm [0.063 in.]
below body)


Similar Part No. - 5082-F207-00000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
5082-F211-00000 HP-5082-F211-00000 Datasheet
189Kb / 14P
   Black Surface Seven Segment Displays
5082-F211-0C000 HP-5082-F211-0C000 Datasheet
189Kb / 14P
   Black Surface Seven Segment Displays
5082-F211-0D000 HP-5082-F211-0D000 Datasheet
189Kb / 14P
   Black Surface Seven Segment Displays
5082-F211-0E000 HP-5082-F211-0E000 Datasheet
189Kb / 14P
   Black Surface Seven Segment Displays
5082-F211-0F000 HP-5082-F211-0F000 Datasheet
189Kb / 14P
   Black Surface Seven Segment Displays
More results

Similar Description - 5082-F207-00000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-F15X HP-HDSP-F15X Datasheet
494Kb / 11P
   10 mm (0.40 inch) Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-F151 AVAGO-HDSP-F151 Datasheet
284Kb / 10P
   10 mm (0.40 inch) Seven Segment Displays
HDSP-FXXX AVAGO-HDSP-FXXX Datasheet
331Kb / 8P
   10 mm (0.40 inch) Seven Segment Displays
HDSP-F151 AVAGO-HDSP-F151_1 Datasheet
293Kb / 11P
   10 mm (0.40 inch) Seven Segment Displays Single and dual digits
logo
Agilent(Hewlett-Packard...
HDSP530X HP-HDSP530X Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
HDSP-340X HP-HDSP-340X Datasheet
185Kb / 8P
   20 mm (0.8 inch) Seven Segment Displays
HDSP-5700 HP-HDSP-5700 Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
HDSP-5301 HP-HDSP-5301 Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-H151 AVAGO-HDSP-H151_10 Datasheet
339Kb / 10P
   14.2 mm (0.56 inch) Seven Segment Displays
HDSP-390X AVAGO-HDSP-390X Datasheet
277Kb / 8P
   20 mm (0.8 inch) Seven Segment Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com