Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5082-F207-00000 Datasheet(PDF) 11 Page - Agilent(Hewlett-Packard)

Part # 5082-F207-00000
Description  10 mm (0.40 inch) Seven Segment Displays
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

5082-F207-00000 Datasheet(HTML) 11 Page - Agilent(Hewlett-Packard)

Back Button 5082-F207-00000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) 5082-F207-00000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) 5082-F207-00000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) 5082-F207-00000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) 5082-F207-00000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) 5082-F207-00000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) 5082-F207-00000 Datasheet HTML 9Page - Agilent(Hewlett-Packard) 5082-F207-00000 Datasheet HTML 10Page - Agilent(Hewlett-Packard) 5082-F207-00000 Datasheet HTML 11Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
www.agilent.com/semiconductors
For product information and a complete list of
distributors, please go to our web site.
For technical assistance call:
Americas/Canada: +1 (800) 235-0312 or
(916) 788-6763
Europe: +49 (0) 6441 92460
China: 10800 650 0017
Hong Kong: (+65) 6756 2394
India, Australia, New Zealand: (+65) 6755 1939
Japan: (+81 3) 3335-8152 (Domestic/Interna-
tional), or 0120-61-1280 (Domestic Only)
Korea: (+65) 6755 1989
Singapore, Malaysia, Vietnam, Thailand,
Philippines, Indonesia: (+65) 6755 2044
Taiwan: (+65) 6755 1843
Data subject to change.
Copyright © 2005 Agilent Technologies, Inc.
Obsoletes 5988-2222EN
February 2, 2005
5989-2346EN


Similar Part No. - 5082-F207-00000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
5082-F211-00000 HP-5082-F211-00000 Datasheet
189Kb / 14P
   Black Surface Seven Segment Displays
5082-F211-0C000 HP-5082-F211-0C000 Datasheet
189Kb / 14P
   Black Surface Seven Segment Displays
5082-F211-0D000 HP-5082-F211-0D000 Datasheet
189Kb / 14P
   Black Surface Seven Segment Displays
5082-F211-0E000 HP-5082-F211-0E000 Datasheet
189Kb / 14P
   Black Surface Seven Segment Displays
5082-F211-0F000 HP-5082-F211-0F000 Datasheet
189Kb / 14P
   Black Surface Seven Segment Displays
More results

Similar Description - 5082-F207-00000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-F15X HP-HDSP-F15X Datasheet
494Kb / 11P
   10 mm (0.40 inch) Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-F151 AVAGO-HDSP-F151 Datasheet
284Kb / 10P
   10 mm (0.40 inch) Seven Segment Displays
HDSP-FXXX AVAGO-HDSP-FXXX Datasheet
331Kb / 8P
   10 mm (0.40 inch) Seven Segment Displays
HDSP-F151 AVAGO-HDSP-F151_1 Datasheet
293Kb / 11P
   10 mm (0.40 inch) Seven Segment Displays Single and dual digits
logo
Agilent(Hewlett-Packard...
HDSP530X HP-HDSP530X Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
HDSP-340X HP-HDSP-340X Datasheet
185Kb / 8P
   20 mm (0.8 inch) Seven Segment Displays
HDSP-5700 HP-HDSP-5700 Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
HDSP-5301 HP-HDSP-5301 Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-H151 AVAGO-HDSP-H151_10 Datasheet
339Kb / 10P
   14.2 mm (0.56 inch) Seven Segment Displays
HDSP-390X AVAGO-HDSP-390X Datasheet
277Kb / 8P
   20 mm (0.8 inch) Seven Segment Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com