Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL8068 Datasheet(PDF) 7 Page - Intersil Corporation

Part # ICL8068
Description  Precision 4 1/2 Digit, A/D Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL8068 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ICL8068 Datasheet HTML 3Page - Intersil Corporation ICL8068 Datasheet HTML 4Page - Intersil Corporation ICL8068 Datasheet HTML 5Page - Intersil Corporation ICL8068 Datasheet HTML 6Page - Intersil Corporation ICL8068 Datasheet HTML 7Page - Intersil Corporation ICL8068 Datasheet HTML 8Page - Intersil Corporation ICL8068 Datasheet HTML 9Page - Intersil Corporation ICL8068 Datasheet HTML 10Page - Intersil Corporation ICL8068 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
3-40
FIGURE 2A. PHASE I AUTO-ZERO
FIGURE 2B. PHASE II INTEGRATE INPUT
FIGURE 2C. PHASE III + DEINTEGRATE
FIGURE 2D. PHASE III - DEINTEGRATE
FIGURE 2. ANALOG SECTION OF EITHER ICL8052 OR ICL8068 WITH ICL71C03
A2
+
-
A3
+
-
INTEGRATOR
COMPARATOR
A1
+
-
BUFFER
CINT
3
RINT
CAZ
ZERO
CROSSING
DETECTOR
2
6
5
1
VREF (+1.000V)
CREF
4
CSTRAY
VIN
1
µF
A2
+
-
A3
+
-
INTEGRATOR
COMPARATOR
A1
+
-
BUFFER
CINT
3
RINT
CAZ
ZERO
CROSSING
DETECTOR
2
6
5
1
VREF (+1.000V)
CREF
4
CSTRAY
VIN
1
µF
POLARITY
FF
A2
+
-
A3
+
-
INTEGRATOR
COMPARATOR
A1
+
-
BUFFER
CINT
3
RINT
CAZ
ZERO
CROSSING
DETECTOR
2
6
5
1
VREF (+1.000V)
CREF
4
CSTRAY
VIN
1
µF
POLARITY
FF
A2
+
-
A3
+
-
INTEGRATOR
COMPARATOR
A1
+
-
BUFFER
CINT
3
RINT
CAZ
ZERO
CROSSING
DETECTOR
2
6
5
1
VREF (+1.000V)
CREF
4
CSTRAY
VIN
1
µF
POLARITY
FF
ICL8052/ICL71C03, ICL8068/ICL71C03


Similar Part No. - ICL8068

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL8068 INTERSIL-ICL8068 Datasheet
198Kb / 21P
   14-Bit/16-Bit, Microprocessor- Compatible, 2-Chip, A/D Converter
ICL8068 INTERSIL-ICL8068 Datasheet
4Mb / 122P
   P-CHANNEL JFET
ICL8068A INTERSIL-ICL8068A Datasheet
582Kb / 23P
   Precision 4 1/2 Digit, A/D Converter
ICL8068ACDD INTERSIL-ICL8068ACDD Datasheet
198Kb / 21P
   14-Bit/16-Bit, Microprocessor- Compatible, 2-Chip, A/D Converter
ICL8068ACDD INTERSIL-ICL8068ACDD Datasheet
582Kb / 23P
   Precision 4 1/2 Digit, A/D Converter
More results

Similar Description - ICL8068

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL8052A INTERSIL-ICL8052A Datasheet
582Kb / 23P
   Precision 4 1/2 Digit, A/D Converter
logo
Microchip Technology
TC7135 MICROCHIP-TC7135 Datasheet
533Kb / 22P
   4-1/2 Digit A/D Converter
2002
TC7135 MICROCHIP-TC7135_04 Datasheet
457Kb / 24P
   4-1/2 Digit A/D Converter
2004
logo
List of Unclassifed Man...
LD120 ETC-LD120 Datasheet
2Mb / 9P
   4 1/2 Digit A/D Converter Set
logo
Renesas Technology Corp
ICL7135 RENESAS-ICL7135 Datasheet
800Kb / 15P
   4 1/2 Digit, BCD Output, A/D Converter
logo
Intersil Corporation
ICL7135 INTERSIL-ICL7135 Datasheet
733Kb / 15P
   4 1/2 Digit, BCD Output, A/D Converter
logo
List of Unclassifed Man...
LD110 ETC-LD110 Datasheet
335Kb / 8P
   3 1/2 Digit A/D Converter Set
logo
Intersil Corporation
HI-7159A INTERSIL-HI-7159A Datasheet
210Kb / 14P
   Microprocessor-Compatible, 5-1/2 Digit A/D Converter
January 1999
logo
List of Unclassifed Man...
ES5107 ETC-ES5107 Datasheet
327Kb / 20P
   3 1/2 DIGIT A/D CONVERTER W/LED
logo
Cyrustek corporation
ES5106 CYRUSTEK-ES5106_03 Datasheet
756Kb / 20P
   3 1/2 DIGIT A/D CONVERTER W/LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com