Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL8052ACPD Datasheet(PDF) 16 Page - Intersil Corporation

Part # ICL8052ACPD
Description  Precision 4 1/2 Digit, A/D Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL8052ACPD Datasheet(HTML) 16 Page - Intersil Corporation

Back Button ICL8052ACPD Datasheet HTML 11Page - Intersil Corporation ICL8052ACPD Datasheet HTML 12Page - Intersil Corporation ICL8052ACPD Datasheet HTML 13Page - Intersil Corporation ICL8052ACPD Datasheet HTML 14Page - Intersil Corporation ICL8052ACPD Datasheet HTML 15Page - Intersil Corporation ICL8052ACPD Datasheet HTML 16Page - Intersil Corporation ICL8052ACPD Datasheet HTML 17Page - Intersil Corporation ICL8052ACPD Datasheet HTML 18Page - Intersil Corporation ICL8052ACPD Datasheet HTML 19Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
3-49
Interfacing with UARTs and
Microprocessors
Figure 15 shows a very simple interface between a free-run-
ning 8068/8052/71C03A and a UART. The five STROBE
pulses start the transmission of the five data words. The digit
5 word is 0000XXXX, digit 4 is 1000XXXX, digit 3 is
0100XXXX, etc. Also, the polarity is transmitted indirectly by
using it to drive the Even Parity Enable Pin (EPE). If EPE of
the receiver is held low, a parity flag at the receiver can be
decoded as a positive signal, no flag as negative. A complex
arrangement is shown in Figure 14. Here the UART can
instruct the A/D to begin a measurement sequence by a
word on RRI. The Busy signal resets the Data Ready Reset
(DRR). Again STROBE starts the transmit sequence. A
quad 2 input multiplexer is used to superimpose polarity,
over-range, and under-range onto the D5 word since in this
instance it is known that B2 = B4 = B8 = 0.
For correct operation it is important that the UART clock be
fast enough that each word is transmitted before the next
STROBE pulse arrives. Parity is locked into the UART at
load time but does not change in this connection during an
output stream.
Circuits to interface the 71C03(A) directly with three popular
microprocessors are shown in Figures 17, 18 and 19. The
main differences in the circuits are that the IM6100 with its
12-bit word capability can accept polarity, over-range, under-
range, 4 bits of BCD and 5 digits simultaneously where the
8080/8048 and the MC6800 groups with 8-bit words need to
have polarity, over-range and under-range multiplexed onto
the Digit 5 word - as in the UART circuits. In each case the
microprocessor can instruct the A/D when to begin a mea-
surement and when to hold this measurement.
Application Notes
FIGURE 12. CMOS OSCILLATOR
FIGURE 13. LM311 OSCILLATOR
FIGURE 14. GROSS OVERVOLTAGE PROTECTION CIRCUIT
R
37.5k
fOSC = 0.45/RC
C
100pF
LM311
-
+
1
4
3
2
7
8
56k
1k
30k
16k
16k
390pF
+5V
0.22
µF
A2
+
-
A3
+
-
INTEG.
COMP.
A1
+
-
BUFFER
14
11
9
INT OUT
-INT IN
BUF OUT
10
-BUF IN
-1.2V
2
1
-15V
7
8
+15V
12
+INT IN
13
8052A/
INT.
REF.
6
3
+BUF IN
5
REF
OUT
300pF
COMP
OUT
100K
0.22
µF
2N5458
2N5461
S
D
S
D
8068A
REF
COMP
TO ICL71C03
NOTE #
DESCRIPTION
AnswerFAX
DOC. #
AN016
“Selecting A/D Converters”
9016
AN017
“The Integrating A/D Converter”
9017
AN018
“Do’s and Don’ts of Applying A/D
Converters”
9018
AN023
“Low Cost Digital Panel Meter Designs”
9023
AN028
“Build an Auto-Ranging DMM Using the
8052A / 7103A A/D Converter Pair,” by
Larry Goff
9028
ICL8052/ICL71C03, ICL8068/ICL71C03


Similar Part No. - ICL8052ACPD

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL8052ACPD INTERSIL-ICL8052ACPD Datasheet
198Kb / 21P
   14-Bit/16-Bit, Microprocessor- Compatible, 2-Chip, A/D Converter
ICL8052ACPD INTERSIL-ICL8052ACPD Datasheet
935Kb / 11P
   Precision Chip Pairs for A/D Conversion
ICL8052ACPD INTERSIL-ICL8052ACPD Datasheet
6Mb / 180P
   Data Acquisition
More results

Similar Description - ICL8052ACPD

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL8052A INTERSIL-ICL8052A Datasheet
582Kb / 23P
   Precision 4 1/2 Digit, A/D Converter
logo
Microchip Technology
TC7135 MICROCHIP-TC7135 Datasheet
533Kb / 22P
   4-1/2 Digit A/D Converter
2002
TC7135 MICROCHIP-TC7135_04 Datasheet
457Kb / 24P
   4-1/2 Digit A/D Converter
2004
logo
List of Unclassifed Man...
LD120 ETC-LD120 Datasheet
2Mb / 9P
   4 1/2 Digit A/D Converter Set
logo
Renesas Technology Corp
ICL7135 RENESAS-ICL7135 Datasheet
800Kb / 15P
   4 1/2 Digit, BCD Output, A/D Converter
logo
Intersil Corporation
ICL7135 INTERSIL-ICL7135 Datasheet
733Kb / 15P
   4 1/2 Digit, BCD Output, A/D Converter
logo
List of Unclassifed Man...
LD110 ETC-LD110 Datasheet
335Kb / 8P
   3 1/2 Digit A/D Converter Set
logo
Intersil Corporation
HI-7159A INTERSIL-HI-7159A Datasheet
210Kb / 14P
   Microprocessor-Compatible, 5-1/2 Digit A/D Converter
January 1999
logo
List of Unclassifed Man...
ES5107 ETC-ES5107 Datasheet
327Kb / 20P
   3 1/2 DIGIT A/D CONVERTER W/LED
logo
Cyrustek corporation
ES5106 CYRUSTEK-ES5106_03 Datasheet
756Kb / 20P
   3 1/2 DIGIT A/D CONVERTER W/LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com