Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL84780IRZ-T Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL84780IRZ-T
Description  Ultra Low ON-Resistance, Low Voltage, Single Supply, Quad 2:1 Analog Multiplexer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL84780IRZ-T Datasheet(HTML) 5 Page - Intersil Corporation

  ISL84780IRZ-T Datasheet HTML 1Page - Intersil Corporation ISL84780IRZ-T Datasheet HTML 2Page - Intersil Corporation ISL84780IRZ-T Datasheet HTML 3Page - Intersil Corporation ISL84780IRZ-T Datasheet HTML 4Page - Intersil Corporation ISL84780IRZ-T Datasheet HTML 5Page - Intersil Corporation ISL84780IRZ-T Datasheet HTML 6Page - Intersil Corporation ISL84780IRZ-T Datasheet HTML 7Page - Intersil Corporation ISL84780IRZ-T Datasheet HTML 8Page - Intersil Corporation ISL84780IRZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
FN6099.1
December 27, 2004
Test Circuits and Waveforms
Logic input waveform is inverted for switches that have the opposite
logic sense.
FIGURE 1A. MEASUREMENT POINTS
Repeat test for all switches. CL includes fixture and stray
capacitance.
FIGURE 1B. TEST CIRCUIT
FIGURE 1. SWITCHING TIMES
FIGURE 2A. MEASUREMENT POINTS
FIGURE 2B. TEST CIRCUIT
FIGURE 2. CHARGE INJECTION
FIGURE 3A. MEASUREMENT POINTS
CL includes fixture and stray capacitance.
FIGURE 3B. TEST CIRCUIT
FIGURE 3. BREAK-BEFORE-MAKE TIME
50%
tr < 5ns
tf < 5ns
tOFF
90%
V+
0V
VNO
0V
tON
LOGIC
INPUT
SWITCH
INPUT
SWITCH
OUTPUT
90%
VOUT
VOUT
V(NO or NC)
RL
RL R ON
()
+
------------------------------
=
SWITCH
INPUT
LOGIC
INPUT
VOUT
RL
CL
COM
NO or NC
IN
50
35pF
GND
V+
C
VOUT
∆VOUT
ON
OFF
ON
Q =
∆VOUT x CL
SWITCH
OUTPUT
LOGIC
INPUT
V+
0V
CL
VOUT
RG
VG
GND
COM
NO or NC
V+
C
LOGIC
INPUT
IN
90%
V+
0V
tD
LOGIC
INPUT
SWITCH
OUTPUT
0V
VOUT
LOGIC
INPUT
IN
COM
RL
CL
VOUT
35pF
50
NO
NC
V+
GND
VNX
C
ISL84780


Similar Part No. - ISL84780IRZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL84780IRZ-T RENESAS-ISL84780IRZ-T Datasheet
594Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Quad 2:1 Analog Multiplexer
More results

Similar Description - ISL84780IRZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL84780 RENESAS-ISL84780 Datasheet
594Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Quad 2:1 Analog Multiplexer
logo
Intersil Corporation
ISL84781 INTERSIL-ISL84781_06 Datasheet
282Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, 8 to 1 Analog Multiplexer
ISL84781 INTERSIL-ISL84781_10 Datasheet
282Kb / 11P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, 8-to-1 Analog Multiplexer
ISL84781 INTERSIL-ISL84781 Datasheet
340Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, 8 to 1 Analog Multiplexer
ISL84781IVZ INTERSIL-ISL84781IVZ Datasheet
279Kb / 11P
   Ultra Low ON-Resistance, Low-Voltage Single Supply, 8-to-1 Analog Multiplexer
October 28, 2010
logo
Renesas Technology Corp
ISL84781 RENESAS-ISL84781 Datasheet
617Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, 8-to-1 Analog Multiplexer
logo
Intersil Corporation
ISL54057 INTERSIL-ISL54057 Datasheet
264Kb / 10P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
ISL43L840 INTERSIL-ISL43L840 Datasheet
334Kb / 11P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Dual 4 to 1 Analog Multiplexer
logo
Renesas Technology Corp
ISL43L841 RENESAS-ISL43L841 Datasheet
623Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
ISL84782 RENESAS-ISL84782 Datasheet
628Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com