Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL84780IRZ-T Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL84780IRZ-T
Description  Ultra Low ON-Resistance, Low Voltage, Single Supply, Quad 2:1 Analog Multiplexer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL84780IRZ-T Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL84780IRZ-T Datasheet HTML 3Page - Intersil Corporation ISL84780IRZ-T Datasheet HTML 4Page - Intersil Corporation ISL84780IRZ-T Datasheet HTML 5Page - Intersil Corporation ISL84780IRZ-T Datasheet HTML 6Page - Intersil Corporation ISL84780IRZ-T Datasheet HTML 7Page - Intersil Corporation ISL84780IRZ-T Datasheet HTML 8Page - Intersil Corporation ISL84780IRZ-T Datasheet HTML 9Page - Intersil Corporation ISL84780IRZ-T Datasheet HTML 10Page - Intersil Corporation ISL84780IRZ-T Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
FN6099.1
December 27, 2004
FIGURE 15. FREQUENCY RESPONSE
FIGURE 16. CROSSTALK AND OFF ISOLATION
FIGURE 17. DIGITAL SWITCHING POINT vs SUPPLY VOLTAGE
Die Characteristics
SUBSTRATE POTENTIAL (POWERED UP):
GND (QFN Paddle Connection: To Ground or Float)
TRANSISTOR COUNT:
228
PROCESS:
Si Gate CMOS
Typical Performance Curves TA = 25°C, Unless Otherwise Specified (Continued)
FREQUENCY (MHz)
0
-20
GAIN
PHASE
V+ = 3V
0
20
40
60
80
100
1
10
100
600
VIN = 0.2VP-P to 2VP-P
RL = 50Ω
FREQUENCY (Hz)
1k
100k
1M
100M 500M
10k
10M
-110
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
110
10
20
30
40
50
60
70
80
90
100
ISOLATION
CROSSTALK
V+ = 3V
V+ (V)
1
1.5
22.533.5
4
4.5
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
VINH
VINL
ISL84780


Similar Part No. - ISL84780IRZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL84780IRZ-T RENESAS-ISL84780IRZ-T Datasheet
594Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Quad 2:1 Analog Multiplexer
More results

Similar Description - ISL84780IRZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL84780 RENESAS-ISL84780 Datasheet
594Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Quad 2:1 Analog Multiplexer
logo
Intersil Corporation
ISL84781 INTERSIL-ISL84781_06 Datasheet
282Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, 8 to 1 Analog Multiplexer
ISL84781 INTERSIL-ISL84781_10 Datasheet
282Kb / 11P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, 8-to-1 Analog Multiplexer
ISL84781 INTERSIL-ISL84781 Datasheet
340Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, 8 to 1 Analog Multiplexer
ISL84781IVZ INTERSIL-ISL84781IVZ Datasheet
279Kb / 11P
   Ultra Low ON-Resistance, Low-Voltage Single Supply, 8-to-1 Analog Multiplexer
October 28, 2010
logo
Renesas Technology Corp
ISL84781 RENESAS-ISL84781 Datasheet
617Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, 8-to-1 Analog Multiplexer
logo
Intersil Corporation
ISL54057 INTERSIL-ISL54057 Datasheet
264Kb / 10P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
ISL43L840 INTERSIL-ISL43L840 Datasheet
334Kb / 11P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Dual 4 to 1 Analog Multiplexer
logo
Renesas Technology Corp
ISL43L841 RENESAS-ISL43L841 Datasheet
623Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
ISL84782 RENESAS-ISL84782 Datasheet
628Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com